Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

231ACC Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # 231ACC
Description  Integrated SAR user interface offering a simple GPIO output
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

231ACC Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  231ACC Datasheet HTML 1Page - List of Unclassifed Manufacturers 231ACC Datasheet HTML 2Page - List of Unclassifed Manufacturers 231ACC Datasheet HTML 3Page - List of Unclassifed Manufacturers 231ACC Datasheet HTML 4Page - List of Unclassifed Manufacturers 231ACC Datasheet HTML 5Page - List of Unclassifed Manufacturers 231ACC Datasheet HTML 6Page - List of Unclassifed Manufacturers 231ACC Datasheet HTML 7Page - List of Unclassifed Manufacturers 231ACC Datasheet HTML 8Page - List of Unclassifed Manufacturers 231ACC Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
ProxSense
® Series
Copyright © Azoteq 2016
IQS231A Datasheet v1.3
Page 3 of 36
All Rights Reserved
Check for latest datasheet
December 2016
9
FULL PROGRAMMING REFERENCE.....................................................................................................................21
10
SPECIFICATIONS ................................................................................................................................................27
10.1
ABSOLUTE MAXIMUM RATINGS ............................................................................................................................... 27
11
PACKAGE INFORMATION ..................................................................................................................................30
11.1
TSOT23-6 ......................................................................................................................................................... 30
11.2
DFN-10............................................................................................................................................................. 31
12
ORDERING AND PART-NUMBER INFORMATION................................................................................................33
12.1
ORDERING INFORMATION ...................................................................................................................................... 33
12.2
DEVICE NUMBERING CONVENTION – TSOT23-6 ....................................................................................................... 33
12.2.1
Top.......................................................................................................................................................... 33
12.2.2
Bottom.................................................................................................................................................... 33
12.3
DEVICE NUMBERING CONVENTION – DFN10............................................................................................................ 34
13
REVISION HISTORY ............................................................................................................................................35
APPENDIX A
CONTACT INFORMATION..................................................................................................................36


Similar Part No. - 231ACC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
231A ETC2-231A Datasheet
162Kb / 2P
   Auto scans thin Ethernet (BNC),10Base T (UTP/STP), 100BaseTx, RJ45, 356A,TIA-568A,TIA-568B, and Token Ring
logo
3M Electronics
231A 3M-231A Datasheet
126Kb / 5P
   3M??High Performance Masking Tape 231/231A
More results

Similar Description - 231ACC

ManufacturerPart #DatasheetDescription
logo
ESPRESSIF SYSTEMS (SHAN...
ESP8266 ESPRESSIF-ESP8266 Datasheet
3Mb / 117P
   General Purpose Input/Output Interface (GPIO)
logo
Infineon Technologies A...
BGSF110GN26 INFINEON-BGSF110GN26_15 Datasheet
930Kb / 23P
   Antenna Switch Module with integrated GPIO interface
Revision: Rev. 1.0 2014-11-28
logo
NEC
UPD98405 NEC-UPD98405 Datasheet
333Kb / 64P
   155M ATM INTEGRATED SAR CONTROLLER
logo
Infineon Technologies A...
BGS17GA14 INFINEON-BGS17GA14 Datasheet
712Kb / 13P
   SP7T Diversity Antenna Switch with GPIO Interface
Revision 3.0 - 2016-02-29
logo
List of Unclassifed Man...
XR3000 ETC2-XR3000 Datasheet
358Kb / 3P
   USER FRIENDLY WEB INTERFACE
logo
PMC-Sierra, Inc
PM5346S PMC-PM5346S Datasheet
536Kb / 145P
   SATURN USER NETWORK INTERFACE
logo
Shenzhen TOPWAY Technol...
TCB5232A TOPWAY-TCB5232A Datasheet
382Kb / 7P
   Interface Board User Manual
logo
PMC-Sierra, Inc
PM5345 PMC-PM5345 Datasheet
617Kb / 2P
   SATURN USER NETWORK INTERFACE
logo
Zilog, Inc.
Z8932112ZEM ZILOG-Z8932112ZEM Datasheet
53Kb / 5P
   Windows-Based User Interface
logo
Shenzhen TOPWAY Technol...
TCB5232B TOPWAY-TCB5232B Datasheet
381Kb / 7P
   Interface Board User Manual
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com