Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IQS211A Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # IQS211A
Description  Pin compatible with IQS127/128/227/228
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IQS211A Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button IQS211A Datasheet HTML 6Page - List of Unclassifed Manufacturers IQS211A Datasheet HTML 7Page - List of Unclassifed Manufacturers IQS211A Datasheet HTML 8Page - List of Unclassifed Manufacturers IQS211A Datasheet HTML 9Page - List of Unclassifed Manufacturers IQS211A Datasheet HTML 10Page - List of Unclassifed Manufacturers IQS211A Datasheet HTML 11Page - List of Unclassifed Manufacturers IQS211A Datasheet HTML 12Page - List of Unclassifed Manufacturers IQS211A Datasheet HTML 13Page - List of Unclassifed Manufacturers IQS211A Datasheet HTML 14Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
ProxSense
® Series
Copyright © Azoteq 2016
IQS211A Datasheet v1.1
Page 11 of 14
All Rights Reserved
Check for latest datasheet
September 2016
5
Ordering and Part-number Information
5.1 Ordering Information
Please check stock availability with your local distributor.
IC NAME
IQS211A
=
Self Capacitive Touch IC
CONFIGURATION
zzz zzz zz
=
IC configuration (hexadecimal)
Default 000 000 00 (other configurations
available on request)
PACKAGE TYPE
TS
=
TSOT23-6 package
BULK PACKAGING
R
=
Reel (3000pcs/reel)
– MOQ = 3000pcs
MOQ = 1 reel (orders shipped as full reels)
5.2 Label Information
REVISION
x
=
IC Revision Number
TEMPERATURE RANGE
t
=
-40°C to 85°C (Industrial)
DATE CODE
P
=
Internal use
WWYY=
Batch number
IQS211A zzz zzz zz ppb
IC NAME
CONFIGURATION
BULK PACKAGING
PACKAGE TYPE


Similar Part No. - IQS211A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IQS211 ETC2-IQS211 Datasheet
1Mb / 33P
   Single Channel Capacitive Proximity/Touch Controller with movement detection
IQS211 ETC2-IQS211_16 Datasheet
1Mb / 29P
   Pin compatible with IQS127/128/227/228
More results

Similar Description - IQS211A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IQS211 ETC2-IQS211_16 Datasheet
1Mb / 29P
   Pin compatible with IQS127/128/227/228
IQS231 ETC2-IQS231_16 Datasheet
1Mb / 37P
   Pin compatible with IQS127/128/227/228/211
logo
AIMTEC
AM3T-R-Z AIMTEC-AM3T-R-Z Datasheet
278Kb / 4P
   Pin compatible with multiple manufacturers
AM4TW-R-Z AIMTEC-AM4TW-R-Z Datasheet
225Kb / 3P
   Pin compatible with multiple manufacturers
AM2N-N-Z AIMTEC-AM2N-N-Z Datasheet
208Kb / 4P
   Pin Compatible With Multiple Manufacturers
AM3T-PNZ AIMTEC-AM3T-PNZ Datasheet
216Kb / 4P
   Pin compatible with multiple manufacturers
logo
Synaptics Incorporated.
CX93011 CONEXANT-CX93011 Datasheet
195Kb / 2P
   Pin compatible with CX90240 chipset
logo
Emerson Network Power
BXA40 EMERSON-NETWORKPOWER-BXA40 Datasheet
243Kb / 4P
   Pin-compatible with NFC40 Series
logo
AIMTEC
AM2DS-NZ AIMTEC-AM2DS-NZ Datasheet
193Kb / 5P
   Pin compatible with multiple manufacturers
AM3TW-R-Z AIMTEC-AM3TW-R-Z Datasheet
226Kb / 3P
   Pin compatible with multiple manufacturers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com