Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS65235-1RUKR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65235-1RUKR
Description  LNB Voltage Regulator With I2C Interface
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65235-1RUKR Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS65235-1RUKR Datasheet HTML 6Page - Texas Instruments TPS65235-1RUKR Datasheet HTML 7Page - Texas Instruments TPS65235-1RUKR Datasheet HTML 8Page - Texas Instruments TPS65235-1RUKR Datasheet HTML 9Page - Texas Instruments TPS65235-1RUKR Datasheet HTML 10Page - Texas Instruments TPS65235-1RUKR Datasheet HTML 11Page - Texas Instruments TPS65235-1RUKR Datasheet HTML 12Page - Texas Instruments TPS65235-1RUKR Datasheet HTML 13Page - Texas Instruments TPS65235-1RUKR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 39 page
background image
.
SS
TCAP
SS
C
(nF)
t
(ms)
0 8 x
I
( A)
P
SW
(OCP)
I
5 x I
0.8A
SW
(OCP)
I
3 x I
0.8A
10
TPS65235-1
SLVSDP1 – JANUARY 2017
www.ti.com
Product Folder Links: TPS65235-1
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Feature Description (continued)
7.3.3 Boost Converter Current Limit
The boost converter has the cycle-by-cycle peak current limit on the internal Power MOSFET switch to serve as
the secondary protection when LNB output is hard short. With ISW bit default setting “0” on I2C control register
0x01, the switch current limit ISW is proportional as LDO current limit I(OCP) set by ISET pin resistor, and the
relationship can be expressed as:
(2)
For the 5 V VIN, if LNB current load is up to 1 A, the ISW bit should be written as “1”, the switch current limit ISW
for the internal Power MOSFET is:
(3)
While due to the high power loss at 5 V, VIN, it has a chance to trigger the thermal shutdown before the loading is
up to 1 A, especially the VLNB output is high.
7.3.4 Charge Pump
The charge pump circuitry generates a voltage to drive the NMOS of the linear regulator. The voltage across the
charge pump capacitor between VLNB and VCP is about 5.4 V, so the absolute value of the VCP voltage will be
VLNB + 5.4 V.
7.3.5 Slew Rate Control
When LNB output voltage transits from 13.4 V to 18.2 V or 18.2 V to 13.4 V, the cap at pin TCAP controls the
transition time. This transition time makes sure the boost converter output to follow LNB output change. Usually
boost converter has low bandwidth and can’t response fast. The voltage at TCAP acts as the reference voltage
of the linear regulator. The boost converter’s reference is also based on TCAP with additional fixed voltage to
generate a 0.8 V above the LNB output.
The charging and discharging current is 10 µA, thus the transition time can be estimated as:
(4)
A 22-nF capacitor generates about 2 ms transition time.
In light load conditions, when LNB output voltage is set from 18.2 V to 13.4 V, the voltage drops very slow, which
causes wrong VOUT_GOOD (Bit 0 at status register 0x02) logic for LNB output voltage detection. TPS65235-1
has integrated a pull down circuit to pull down the output during the transition. This ensures the voltage change
can follow the voltage at TCAP. When the 22-kHz tone signal is superimposing on the LNB output voltage, the
pull down current can also provide square wave instead of a distorted waveforms.
7.3.6 Short Circuit Protection, Hiccup and Overtemperature Protection
The LNB output current limit can be set by an external resistor. When short circuit conditions occur or current
limit is triggered, the output current is clamped at the current limit for 4 ms with LDO on. If the condition retains,
the converter will shut down for 128 ms and then restart. This hiccup behavior prevents IC from being overheat.
The hiccup ON/OFF time can be set by I2C register. Refer to Control Register 1 for detail.
The low side MOSFET of the boost converter has a peak current limit threshold which serves as the secondary
protection. If boost converter’s peak current limit is triggered, the peak current will be clamped as high as 3.8 A
when setting ISW default and LNB current limit up to 1 A. If loading current continues to increase, output voltage
starts to drop and output power drops.
Thermal shutdown prevents the chip from operating at exceedingly high temperatures. When the junction
temperature exceeds 160°C, the output shuts down. When the die temperature drops below its lower threshold
typically 140°C, the output is enabled.


Similar Part No. - TPS65235-1RUKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65235-3RUKR TI1-TPS65235-3RUKR Datasheet
1Mb / 39P
[Old version datasheet]   TPS652353 LNB Voltage Regulator With I2C Interface
More results

Similar Description - TPS65235-1RUKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65233 TI1-TPS65233 Datasheet
8Mb / 31P
[Old version datasheet]   LNB VOLTAGE REGULATOR WITH I2C INTERFACE
TPS652353 TI1-TPS652353 Datasheet
1Mb / 39P
[Old version datasheet]   TPS652353 LNB Voltage Regulator With I2C Interface
logo
Renesas Technology Corp
ISL6421 RENESAS-ISL6421 Datasheet
548Kb / 11P
   Single Output LNB Supply and Control Voltage Regulator with I2C Interface for Single Output LNB Supply and Control Voltage Regulator with I2C Interface for
Jul 2004
logo
Intersil Corporation
ISL9492 INTERSIL-ISL9492 Datasheet
1Mb / 20P
   Single Output LNB Supply and Control Voltage Regulator with I2C Interface
logo
Texas Instruments
TPS65235 TI1-TPS65235 Datasheet
1Mb / 37P
[Old version datasheet]   LNB Voltage Regulator
TPS65233-1 TI1-TPS65233-1 Datasheet
2Mb / 31P
[Old version datasheet]   LNB Voltage Regulator
logo
STMicroelectronics
LNBK10 STMICROELECTRONICS-LNBK10 Datasheet
205Kb / 18P
   LNB SUPPLY AND CONTROL VOLTAGE REGULATOR (PARALLEL INTERFACE)
September 1998
LNBP10 STMICROELECTRONICS-LNBP10 Datasheet
204Kb / 18P
   LNB SUPPLY AND CONTROL VOLTAGE REGULATOR (PARALLEL INTERFACE)
September 1998
LNBK20D2 STMICROELECTRONICS-LNBK20D2 Datasheet
479Kb / 14P
   LNB SUPPLY AND CONTROL VOLTAGE REGULATOR (PARALLEL INTERFACE)
logo
Renesas Technology Corp
ISL9492 RENESAS-ISL9492 Datasheet
1Mb / 21P
   Single Output LNB Supply and Control Voltage Regulator with I2C Interface for Satellite Set-Top Box Designs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com