Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SIR6 Datasheet(PDF) 1 Page - ELESTA GmbH

Part # SIR6
Description  SIR 6 Series
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELESTA [ELESTA GmbH]
Direct Link  https://www.elesta-gmbh.com/
Logo ELESTA - ELESTA GmbH

SIR6 Datasheet(HTML) 1 Page - ELESTA GmbH

  SIR6 Datasheet HTML 1Page - ELESTA GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
© Copyright
11/2014
ELESTA GmbH, Heuteilstrasse 18,
CH - 7310 Bad Ragaz, Switzerland
Fon:
+41 (0)81 303 54 00
Fax:
+41 (0)81 303 54 01
Circuit Diagram (view on relay upper side)
SIR332
A1
A2 A1
A2 A1
A2
SIR512
SIR422
5363
64
54
32
3141
42
33
34 41
42
33
34 44
43
12
11 24
23
12
11 24
23
12
11 24
23
53 63
64
54
53 63
64
54
Insulation Data
- Basic insulation
at 250 VAC
- Air and creepage distance
>4 mm
- Test voltage
2500 V / 50 Hz / 1 min
- Double or reinforced insulation
at 250 VAC
- Air and creepage distance
>8 mm
- Test voltage
4000 V / 50 Hz / 1 min
- Double or reinforced insulation
at 250 VAC
- Air and creepage distance
>10 mm
- Test voltage
5000 V / 50 Hz / 1 min
Test voltage contact open
1500 V / 50 Hz / 1 min
Creepage resistance
CTI 250
Pollution degree
2
Overvoltage category
III
Insulation resistance at Up 500 VDC
>100 MΩ
Additional Data
Mechanical endurance
>10 x 106 operations
Switching frequency, mechanical
15 Hz
Response time (all NO closed)
typically 15 ms
Drop-out time** (all NC closed)
typically 4 ms
Bounce time of NO contact
typically 6 ms
Bounce time of NC contact
typically 12 ms
Shock resistance 16 ms
NO > 10g
NC > 6g
Vibration resistance
NO > 5g
(10-200 Hz)
NC > 2g
Resistance to short circuiting contacts
1000 A SCPD 10 A gG / gL (pre-fuse)
Ambient temperature
-40°C to +70°C
Thermal Resistance
55 K / W
Temperature limit for coil
120°C
Weight
ca. 35 g
Mounting position
any
Type of protection
RT II
Solder bath temperature
270°C / 5 s
**without spark suppression
Tests, Regulations
Approvals
UL File E188953
Sec. 3
Insulation class IEC 60664-1
250 VAC
Protection class II
VDE 0106
Fire protection requirements
UL 94 / V0
Options, Accessories
PCB socket
Product Key
SIR 4 2 2 24VDC
Coil voltage
Soldering tags
Number of NC contacts
Number of NO contacts
Type designation
Contact Lifetime NO-Contacts
AC 1:230V
AC 1:230V
DC 1: 24V
DC 1: 24V
AC 15: 230V
AC 15: 230V
DC 13: 24V
DC 13: 24V
10000
1000
100
10
0,1
0,5
1,0
5,0
10
Max. switching characteristics (DIN EN 60947-5-1,
Tab. C2):
AC 15:
230 V / 5 A
DC 13:
24 V / 7,5 A / 0,1 Hz
UL 508:
C600 / R300
Maximal contact load at AC 1 with 230 V:
2 contacts with 10 A each
3 contacts with 8,4 A each
4 contacts with 7,3 A each
5 contacts with 6 A each
Load Limit Curve with Direct Current
1)
0
0,1
0,2
0,3
0,4
0,6
0,8
1
2
3
4
6
8
10
50
100
150
200
250
1
2
Inductive load L/R 40 ms
2) Resistive load
Excitation Voltage Range
1)
0
0
0,5
1,0
1,5
2,0
2,5
3,0
20
40
60
80
100
UB
UN
1
2
Max. excitation voltage with contact load: ≤6 A
2) Min. excitation voltage (guaranteed values) without
previous operation
No heat accumulation due to intrinsic heating of other
components. Continuous duty 100%.
Switching Current (A) →
Voltage (VDC) →
Ambient Temperature °C →
Relay Key Data
- PCB Relay with forcibly guided contacts
- Protective separation between coil/control contacts and
output contacts (>10 mm) as well as protective separa-
tion between the output contacts themselves (>8 mm)
- EN50205 type A
- Contact mounting:
SIR332
3 NO / 3 NC
SIR422
4 NO / 2 NC
SIR512
5 NO / 1 NC
- Small external dimensions
- Nominal coil power 0,75 W
- Holding coil power 0,22 W
- For railway application (EN50155) on request
Dimensions
[mm]
58,9
1,9
0,4
21
5
5 7,5
3
10,5
5
16
3
3
10
1
1,9
21
5 10,5 5
5
7,5
3
Ø 1,3
Contacts Data
Contact material
AgSnO2 + 0,2 µm Au
Type of contact
Crest contact
Rated switching capacity
250 VAC 10 A AC1 2500 VA
Electr. life AC 1(360 cycles / h)
approx.100000
Inrush current max.
25 A for 20 ms
Switching voltage range
5 to 250 VDC / VAC
Switching current range*
10 mA to 10 A
Switching capacity range*
60 mW to 2500 W(VA)
Contact resistance (as delivered)
≤100 mΩ / 6 V / 100 mA
*Guided values
Standard coils for direct current
(other voltages on request)
5
3,5
≥0,5
151,0
33 ± 10%
6
4,2
≥0,6
125,0
48 ± 10%
12
8,4
≥1,2
63,1
190 ± 10%
18
12,6
≥1,8
41,6
432 ± 10%
24
16,8
≥2,4
31,5
760 ± 10%
48
33,6
≥4,8
15,7
3050 ± 10%
60
42,0
≥6,0
12,5
4800 ± 13%
110
77,0
≥11,0
6,8
16000 ± 15%
SIR 6 Series
Page 31


Similar Part No. - SIR6

ManufacturerPart #DatasheetDescription
logo
ELESTA GmbH
SIR6-SENS ELESTA-SIR6-SENS Datasheet
262Kb / 1P
   SIR 6 sensitive Series
logo
Vishay Siliconix
SIR606BDP VISHAY-SIR606BDP Datasheet
394Kb / 13P
   N-Channel 100 V (D-S) MOSFET
08-Feb-17
SIR606BDP-T1-RE3 VISHAY-SIR606BDP-T1-RE3 Datasheet
394Kb / 13P
   N-Channel 100 V (D-S) MOSFET
08-Feb-17
SIR606DP VISHAY-SIR606DP Datasheet
401Kb / 13P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 19-Jan-15
SIR606DP VISHAY-SIR606DP_V01 Datasheet
389Kb / 13P
   N-Channel 100 V (D-S) MOSFET
01-Jan-2022
More results

Similar Description - SIR6

ManufacturerPart #DatasheetDescription
logo
ELESTA GmbH
SIR6-SENS ELESTA-SIR6-SENS Datasheet
262Kb / 1P
   SIR 6 sensitive Series
SIS6-SENS ELESTA-SIS6-SENS Datasheet
262Kb / 1P
   SIR 6 sensitive Series
SIR4 ELESTA-SIR4 Datasheet
269Kb / 1P
   SIR 4 Series
SIR8 ELESTA-SIR8 Datasheet
310Kb / 1P
   SIR 8 Series
SIR10 ELESTA-SIR10 Datasheet
333Kb / 1P
   SIR 10 Series
SIR282-SENS ELESTA-SIR282-SENS Datasheet
154Kb / 1P
   SIR 282 sensitive Series
SIR4-SENS ELESTA-SIR4-SENS Datasheet
270Kb / 1P
   SIR 4 sensitive Series
logo
Zilog, Inc.
ZHX1810 ZILOG-ZHX1810 Datasheet
892Kb / 20P
   Slim Series SIR Transceiver
ZHC1810 ZILOG-ZHC1810 Datasheet
861Kb / 22P
   Slim Series SIR Transceiver
logo
ELESTA GmbH
SIR4P ELESTA-SIR4P Datasheet
252Kb / 1P
   SIR 4 Power Series
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com