Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FMG9A Datasheet(PDF) 2 Page - Rohm

Part # FMG9A
Description  Emitter common (dual digital transistors)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

FMG9A Datasheet(HTML) 2 Page - Rohm

  FMG9A Datasheet HTML 1Page - Rohm FMG9A Datasheet HTML 2Page - Rohm FMG9A Datasheet HTML 3Page - Rohm FMG9A Datasheet HTML 4Page - Rohm FMG9A Datasheet HTML 5Page - Rohm FMG9A Datasheet HTML 6Page - Rohm FMG9A Datasheet HTML 7Page - Rohm FMG9A Datasheet HTML 8Page - Rohm FMG9A Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
EMG9 / UMG9N / FMG9A
Datasheet
l
lAbsolute maximum ratings (Ta = 25°C)
<For DTr1 and DTr2 in common>
Parameter
Symbol
Values
Unit
Supply voltage
VCC
50
V
Input voltage
VIN
-10 to 40
V
Output current
IO
50
mA
Collector current
IC(MAX)*1
100
mA
Power dissipation
EMG9
PD*2*3
150
mW
UMG9N
PD*2*3
150
FMG9A
PD*2*4
300
Junction temperature
Tj
150
Range of storage temperature
Tstg
-55 to +150
l
lElectrical characteristics (Ta = 25°C)
<For DTr1 and DTr2 in common>
Parameter
Symbol
Conditions
Values
Unit
Min.
Typ.
Max.
Input voltage
VI(off)
VCC = 5V, IO = 100μA
-
-
0.5
V
VI(on)
VO = 0.3V, IO = 10mA
3.0
-
-
Output voltage
VO(on)
IO = 10mA, II = 0.5mA
-
100
300
mV
Input current
II
VI = 5V
-
-
880
μA
Output current
IO(off)
VCC = 50V, VI = 0V
-
-
500
nA
DC current gain
GI
VO = 5V, IO = 5mA
30
-
-
-
Input resistance
R1
-
7
10
13
Resistance ratio
R2/R1
-
0.8
1.0
1.2
-
Transition frequency
fT*1
VCE = 10V, IE = -5mA,
f = 100MHz
-
250
-
MHz
*1 Characteristics of built-in transistor.
*2 Each terminal mounted on a reference land.
*3 120mW per element must not be exceeded.
*4 200mW per element must not be exceeded.
                                            
 
                                         
www.rohm.com
© 2015 ROHM Co., Ltd. All rights reserved.
2/7
20151001 - Rev.002


Similar Part No. - FMG9A

ManufacturerPart #DatasheetDescription
logo
Rohm
FMG9A ROHM-FMG9A Datasheet
76Kb / 2P
   Emitter common (dual digital transistors)
FMG9A ROHM-FMG9A Datasheet
463Kb / 8P
   NPN 100mA 50V Complex Digital Transistors (Bias Resistor Built-in Transistors)
logo
Guangdong Kexin Industr...
FMG9A KEXIN-FMG9A Datasheet
186Kb / 2P
   Emitter common
logo
Rohm
FMG9AT148 ROHM-FMG9AT148 Datasheet
463Kb / 8P
   NPN 100mA 50V Complex Digital Transistors (Bias Resistor Built-in Transistors)
More results

Similar Description - FMG9A

ManufacturerPart #DatasheetDescription
logo
Rohm
EMA11 ROHM-EMA11 Datasheet
61Kb / 2P
   Emitter common (dual digital transistors)
FMG9A ROHM-FMG9A Datasheet
76Kb / 2P
   Emitter common (dual digital transistors)
EMA5 ROHM-EMA5 Datasheet
1Mb / 11P
   Emitter common Dual digital transistors
UMA2N ROHM-UMA2N Datasheet
73Kb / 3P
   Emitter common (dual digital transistors)
UMG2N ROHM-UMG2N Datasheet
71Kb / 3P
   Emitter common (dual digital transistors)
FMG5A ROHM-FMG5A Datasheet
72Kb / 4P
   Emitter common (dual digital transistors)
logo
Unisonic Technologies
UG4J UTC-UG4J_07 Datasheet
103Kb / 2P
   EMITTER COMMON (DUAL DIGITAL TRANSISTORS)
logo
Rohm
EMS1 ROHM-EMS1 Datasheet
42Kb / 3P
   Emitter common (dual digital transistors)
UMG3N ROHM-UMG3N Datasheet
67Kb / 3P
   Emitter common (dual digital transistors)
UMA7N ROHM-UMA7N Datasheet
69Kb / 3P
   Emitter common (dual digital transistors)
EMG2 ROHM-EMG2 Datasheet
1Mb / 11P
   Emitter common (dual digital transistors)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com