Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACTR9020 Datasheet(PDF) 3 Page - Advanced Crystal Technology

Part # ACTR9020
Description  SURFACE-MOUNT SAW RESONATOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACTR9020 Datasheet(HTML) 3 Page - Advanced Crystal Technology

  ACTR9020 Datasheet HTML 1Page - Advanced Crystal Technology ACTR9020 Datasheet HTML 2Page - Advanced Crystal Technology ACTR9020 Datasheet HTML 3Page - Advanced Crystal Technology ACTR9020 Datasheet HTML 4Page - Advanced Crystal Technology ACTR9020 Datasheet HTML 5Page - Advanced Crystal Technology ACTR9020 Datasheet HTML 6Page - Advanced Crystal Technology ACTR9020 Datasheet HTML 7Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
- 3 -
Electrical Characteristics
Characteristic
Sym
Minimum
Typical
Maximum
Unit
Center Frequency
(+25
℃)
Absolute Frequency
fC
926.850
927.150
MHz
Tolerance from 927.000 MHz
∆f
C
±150
kHz
Insertion Loss
IL
1.3
1.8
dB
Quality Factor
Unloaded Q
QU
11,600
50
Ω Loaded Q
QL
1,600
Temperature
Stability
Turnover Temperature
T0
25
45
Turnover Frequency
f0
fC
kHz
Frequency Temperature Coefficient
FTC
0.032
ppm/ ℃
2
Frequency Aging
Absolute Value during the First Year
|Fa|
≤10
ppm/yr
DC Insulation Resistance Between Any Two Terminals
1.0
M
RF Equivalent
RLC Model
Motional Resistance
RM
16
23
Motional Inductance
LM
31.8815
µH
Motional Capacitance
CM
0.9255
fF
Shunt Static Capacitance
C0
1.70
1.95
2.20
pF
RoHS Compliant
Electrostatic Sensitive Device
NOTE:
1.
Unless noted otherwise, case temperature TC = +25°C±2°C.
2.
The center frequency, fC, is measured at the minimum insertion loss
point with the resonator in the 50Ω test system.
3.
Frequency aging is the change in fC with time and is specified at +65°C or less. Aging may exceed the specification for
prolonged temperatures above +65°C. Typically, aging is greatest the first year after manufacture, decreasing in
subsequent years.
4.
Turnover temperature, TO, is the temperature of maximum (or turnover) frequency, fO. The nominal frequency at any case
temperature, TC, may be calculated from: f = fO [1 - FTC (TO - TC)
2].
5.
This equivalent RLC model approximates resonator performance near the resonant frequency and is provided for
reference only. The capacitance CO is the static capacitance between the two terminals measured at low frequency
(10MHz) with a capacitance meter. The measurement includes case parasitic capacitance.
Test Circuit
Temperature Characteristics


Similar Part No. - ACTR9020

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACTR9028 ACT-ACTR9028 Datasheet
293Kb / 5P
   SMT
More results

Similar Description - ACTR9020

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACTR8027 ACT-ACTR8027 Datasheet
404Kb / 6P
   SURFACE-MOUNT SAW RESONATOR
2009
ACTQ0015 ACT-ACTQ0015 Datasheet
67Kb / 3P
   surface-acoustic-wave (SAW) resonator
SEPT 04
ACTQ403 ACT-ACTQ403 Datasheet
64Kb / 3P
   surface-acoustic-wave (SAW) resonator
SEPT 04
ACTQ963 ACT-ACTQ963 Datasheet
70Kb / 3P
   surface-acoustic-wave (SAW) resonator
SEPT 04
ACTQ434 ACT-ACTQ434 Datasheet
62Kb / 3P
   surface-acoustic-wave (SAW) resonator
SEPT 04
ACTQ384 ACT-ACTQ384 Datasheet
60Kb / 3P
   surface-acoustic-wave (SAW) resonator
SEPT 04
ACTR0010 ACT-ACTR0010 Datasheet
56Kb / 3P
   surface-acoustic-wave (SAW) resonator
SEPT 04
ACTQ0016 ACT-ACTQ0016 Datasheet
65Kb / 3P
   surface-acoustic-wave (SAW) resonator
SEPT 04
ACTQ380 ACT-ACTQ380 Datasheet
63Kb / 3P
   surface-acoustic-wave (SAW) resonator
SEPT 04
ACTQ434 ACT-ACTQ434_1 Datasheet
64Kb / 3P
   surface-acoustic-wave (SAW) resonator
SEPT 04
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com