Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACTR303 Datasheet(PDF) 2 Page - Advanced Crystal Technology

Part # ACTR303
Description  SAW Filter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACTR303 Datasheet(HTML) 2 Page - Advanced Crystal Technology

  ACTR303 Datasheet HTML 1Page - Advanced Crystal Technology ACTR303 Datasheet HTML 2Page - Advanced Crystal Technology ACTR303 Datasheet HTML 3Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Tel :
+44 118 979 1238
Fax :
+44 118 979 1283
Email: info@actcrystals.com
In keeping with our ongoing policy of product evolvement and improvement, the above specification is subject to change without notice.
ISO9001: 2000 Registered
For quotations or further information please contact us at:
3 The Business Center, Molly Millars Lane, Wokingham, Berks, RG41 2EY, UK
http://www.actcrystals.com
2 OF 3
5.Typical Frequency Response
6.Temperature Characteristics
7.Performance
7-1.Maximum Ratings
Rating
Value
Units
CW RF Power Dissipation
0
dBm
DC Voltage Between Terminals
±30V
VDC
Case Temperature
-40 to +85
°C
7-2.Electronic Characteristics
Characteristic
Sym
Minimum
Typical
Maximum
Units
Absolute Frequency
fC
303.750
303.900
MHz
Centre Frequency
(+25
°C)
Tolerance from 303.825MHz
∆f
C
±75
kHz
Insertion Loss
IL
1.3
1.8
dB
Unloaded Q
QU
15,250
Quality Factor
50
Ω Loaded Q
QL
2,100
Turnover Temperature
T0
25
55
°C
Turnover Frequency
f0
fC
kHz
Temperature
Stability
Frequency Temperature Coefficient
FTC
0.032
ppm/
°C 2
Frequency Aging
Absolute Value during the First Year
|f
A
|
≤10
ppm/yr
DC Insulation Resistance Between Any Two Pins
1.0
M
Motional Resistance
RM
16
23
Motional Inductance
LM
127.6716
µH
Motional Capacitance
CM
2.1515
fF
RF Equivalent
RLC Model
Pin 1 to Pin 4 Static Capacitance
C 0
2.1
2.4
2.7
pF
iCAUTION: Electrostatic Sensitive Device. Observe precautions for handling!
Issue : 1.1 C1
Date : March 2010


Similar Part No. - ACTR303

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACTR303 ACT-ACTR303 Datasheet
57Kb / 3P
   true one-port, surface-acoustic-wave (SAW) resonator
SEPT 04
ACTR303.875 ACT-ACTR303.875 Datasheet
56Kb / 3P
   true one-port, surface-acoustic-wave (SAW)
SEPT 04
ACTR303.875/303.875/F11 ACT-ACTR303.875/303.875/F11 Datasheet
56Kb / 3P
   true one-port, surface-acoustic-wave (SAW)
SEPT 04
ACTR303/303.825/F-11 ACT-ACTR303/303.825/F-11 Datasheet
57Kb / 3P
   true one-port, surface-acoustic-wave (SAW) resonator
SEPT 04
ACTR303/303.825/TO39 ACT-ACTR303/303.825/TO39 Datasheet
59Kb / 3P
   true one-port, surface-acoustic-wave (SAW) resonator
SEPT 04
More results

Similar Description - ACTR303

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBT70A39 SIPAT-LBT70A39_10 Datasheet
157Kb / 4P
   70MHz SAW Filter 70MHz SAW Filter
LBT70A39 SIPAT-LBT70A39 Datasheet
157Kb / 4P
   70MHz SAW Filter 70MHz SAW Filter
logo
TDK Electronics
B39831B8304P810 TDK-B39831B8304P810 Datasheet
202Kb / 7P
   SAW Components SAW Filter
B39202B9477P810 TDK-B39202B9477P810 Datasheet
205Kb / 8P
   SAW Components SAW Filter
B39431B3732H110 TDK-B39431B3732H110 Datasheet
109Kb / 10P
   SAW Components SAW filter
B39321B3722U410 TDK-B39321B3722U410 Datasheet
91Kb / 8P
   SAW Components SAW filter
B39431B3935H110 TDK-B39431B3935H110 Datasheet
114Kb / 10P
   SAW Components SAW filter
B39232B3526U510 TDK-B39232B3526U510 Datasheet
128Kb / 9P
   SAW Components SAW filter
B39272B4329P810 TDK-B39272B4329P810 Datasheet
94Kb / 8P
   SAW Components SAW filter
B39202B9467P810 TDK-B39202B9467P810 Datasheet
116Kb / 8P
   SAW Components SAW filter
B39311B3739H110 TDK-B39311B3739H110 Datasheet
114Kb / 11P
   SAW Components SAW filter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com