Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XMS430FR5994IPNR Datasheet(PDF) 7 Page - Texas Instruments

Part # XMS430FR5994IPNR
Description  Mixed-Signal Microcontrollers
Download  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

XMS430FR5994IPNR Datasheet(HTML) 7 Page - Texas Instruments

Back Button XMS430FR5994IPNR Datasheet HTML 3Page - Texas Instruments XMS430FR5994IPNR Datasheet HTML 4Page - Texas Instruments XMS430FR5994IPNR Datasheet HTML 5Page - Texas Instruments XMS430FR5994IPNR Datasheet HTML 6Page - Texas Instruments XMS430FR5994IPNR Datasheet HTML 7Page - Texas Instruments XMS430FR5994IPNR Datasheet HTML 8Page - Texas Instruments XMS430FR5994IPNR Datasheet HTML 9Page - Texas Instruments XMS430FR5994IPNR Datasheet HTML 10Page - Texas Instruments XMS430FR5994IPNR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 169 page
background image
DVSS3
RST
DVCC3
P2.3
DGND
L1
L2
L3
L4
L5
L6
L7
L8
L9
L10
L11
K1
J1
H1
G1
F1
E1
D1
C1
B1
A1
B1
K2
K3
K4
K5
K6
K7
K8
K9
K10
K11
J2
H2
G2
F2
E2
D2
C2
A2
B3
A3
H4
G4
F4
E4
D4
B4
A4
H5
D5
B5
A5
H6
D6
B6
A6
H7
D7
B7
A7
H8
G8
F8
E8
D8
B8
A8
B9
A9
J10
H10
G10
F10
E10
D10
C10
B10
A10
J11
H11
G11
F11
E11
D11
C11
B11
A11
AGND
DGND
P8.2
P3.4
AVSS1
P2.0
LFOUT
LFIN
P2.7
HFOUT
HFIN
DVSS1
P2.4
P2.2
P1.7
P5.1
P5.2
P4.6
DGND
P5.4
P2.6
TST
P8.3
P3.6
P3.7
P4.4
P4.5
P5.5
P4.2
P4.3
P2.5
P5.7
P5.6
P4.0
P7.7
P4.1
P6.4
P6.5
P7.4
P7.5
P7.6
P6.6
AVSS3
P7.2
PJ.3
P7.3
P6.0
AVSS2
P8.0
P4.7
P6.1
PJ.1
PJ.2
P6.7
PJ.0
P1.5
P7.1
P1.4
P6.3
P3.2
P3.1
P1.2
AGND
DGND
P1.3
P7.0
DVCC2
P6.2
P3.3
P3.0
P1.1
P1.0
DVSS2
AVCC1
DVCC1
DGND
P2.1
P8.1
P3.5
P1.6
P5.0
P5.3
7
MSP430FR5994, MSP430FR59941, MSP430FR5992, MSP430FR5964, MSP430FR5962
www.ti.com
SLASE54B – MARCH 2016 – REVISED JANUARY 2017
Submit Documentation Feedback
Product Folder Links: MSP430FR5994 MSP430FR59941 MSP430FR5992 MSP430FR5964 MSP430FR5962
Terminal Configuration and Functions
Copyright © 2016–2017, Texas Instruments Incorporated
4
Terminal Configuration and Functions
4.1
Pin Diagrams
Figure 4-1 shows the bottom view of the pinout of the 87-pin ZVW package, and Figure 4-2 shows the top
view of the pinout.
NOTE: On devices with UART BSL: P2.0 is BSLTX, P2.1 is BSLRX
NOTE: On devices with I2C BSL: P1.6 is BSLSDA, P1.7 is BSLSCL
Figure 4-1. 87-Pin ZVW Package (Bottom View)


Similar Part No. - XMS430FR5994IPNR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
XMS430FR5994IPNR TI1-XMS430FR5994IPNR Datasheet
1Mb / 166P
[Old version datasheet]   Mixed-Signal Microcontrollers
XMS430FR5994IPNR TI1-XMS430FR5994IPNR Datasheet
1Mb / 168P
[Old version datasheet]   Mixed-Signal Microcontrollers
More results

Similar Description - XMS430FR5994IPNR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430X33X TI-MSP430X33X Datasheet
353Kb / 27P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLERS
MSP430F5638 TI1-MSP430F5638_15 Datasheet
1Mb / 120P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430F6638 TI1-MSP430F6638 Datasheet
1Mb / 126P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430F6736A TI1-MSP430F6736A Datasheet
2Mb / 149P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR2033 TI1-MSP430FR2033 Datasheet
1Mb / 89P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR4133 TI1-MSP430FR4133 Datasheet
1Mb / 101P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR5969 TI1-MSP430FR5969_15 Datasheet
2Mb / 132P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP432P401R TI1-MSP432P401R Datasheet
1Mb / 157P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR5994 TI1-MSP430FR5994 Datasheet
1Mb / 166P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430I2041 TI1-MSP430I2041 Datasheet
1Mb / 76P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR6889 TI1-MSP430FR6889 Datasheet
2Mb / 176P
[Old version datasheet]   Mixed-Signal Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com