Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA191 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # OPA191
Description  Low Power, Precision, CMOS, Rail-to-Rail Input/Output, Low Offset Voltage, Low Input Bias Current Op Amp
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA191 Datasheet(HTML) 5 Page - Texas Instruments

  OPA191 Datasheet HTML 1Page - Texas Instruments OPA191 Datasheet HTML 2Page - Texas Instruments OPA191 Datasheet HTML 3Page - Texas Instruments OPA191 Datasheet HTML 4Page - Texas Instruments OPA191 Datasheet HTML 5Page - Texas Instruments OPA191 Datasheet HTML 6Page - Texas Instruments OPA191 Datasheet HTML 7Page - Texas Instruments OPA191 Datasheet HTML 8Page - Texas Instruments OPA191 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 49 page
background image
5
OPA191, OPA2191, OPA4191
www.ti.com
SBOS701A – DECEMEBER 2015 – REVISED APRIL 2016
Product Folder Links: OPA191 OPA2191 OPA4191
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
Short-circuit to ground, one amplifier per package.
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
Supply voltage, VS = (V+) – (V–)
Dual supply
±20
V
Single supply
40
Signal input pins
Voltage
Common-mode
(V–) – 0.5
(V+) + 0.5
V
Differential
(V+) – (V–) + 0.2
Current
±10
mA
Output short circuit(2)
Continuous
mA
Temperature
Operating
–40
150
°C
Junction
150
Storage, Tstg
–65
150
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±3000
V
Charged-device model (CDM), per JEDEC specification JESD22-C101(2)
±1000
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
Supply voltage, VS = (V+) – (V–)
Dual supply
±2.25
±18
V
Single supply
4.5
36
Operating temperature
–40
125
°C
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
6.4 Thermal Information: OPA191
THERMAL METRIC(1)
OPA191
UNIT
8 PINS
5 PINS
D (SOIC)
DGK (VSSOP)
DBV (SOT)
RθJA
Junction-to-ambient thermal resistance
115.8
180.4
158.8
°C/W
RθJC(top)
Junction-to-case(top) thermal resistance
60.1
67.9
60.7
°C/W
RθJB
Junction-to-board thermal resistance
56.4
102.1
44.8
°C/W
ψJT
Junction-to-top characterization parameter
12.8
10.4
1.6
°C/W
ψJB
Junction-to-board characterization parameter
55.9
100.3
4.2
°C/W
RθJC(bot)
Junction-to-case(bottom) thermal resistance
N/A
N/A
N/A
°C/W


Similar Part No. - OPA191

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA191 TI1-OPA191 Datasheet
2Mb / 45P
[Old version datasheet]   Low Offset Voltage, Low Input Bias Current Op Amp
OPA191 TI1-OPA191 Datasheet
3Mb / 49P
[Old version datasheet]    Low Input Bias Current Op Amp
OPA191 TI1-OPA191 Datasheet
3Mb / 51P
[Old version datasheet]   36-V, Low Power, Precision, CMOS, Rail-to-Rail Input/Output, Low Offset Voltage, Low Input Bias Current Op Amp
OPA191 TI1-OPA191 Datasheet
3Mb / 51P
[Old version datasheet]   36-V, Low Power, Precision, CMOS, Rail-to-Rail Input/Output, Low Offset Voltage, Low Input Bias Current Op Amp
OPA191 TI1-OPA191 Datasheet
3Mb / 52P
[Old version datasheet]   36-V, Low Power, Precision, CMOS, Rail-to-Rail Input/Output, Low Offset Voltage, Low Input Bias Current Op Amp
More results

Similar Description - OPA191

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA191_0017 TI1-OPA191_0017 Datasheet
3Mb / 51P
[Old version datasheet]   36-V, Low Power, Precision, CMOS, Rail-to-Rail Input/Output, Low Offset Voltage, Low Input Bias Current Op Amp
OPA191_00017 TI1-OPA191_00017 Datasheet
3Mb / 52P
[Old version datasheet]   36-V, Low Power, Precision, CMOS, Rail-to-Rail Input/Output, Low Offset Voltage, Low Input Bias Current Op Amp
OPA191_017 TI1-OPA191_017 Datasheet
3Mb / 51P
[Old version datasheet]   36-V, Low Power, Precision, CMOS, Rail-to-Rail Input/Output, Low Offset Voltage, Low Input Bias Current Op Amp
OPA191 TI1-OPA191_V01 Datasheet
3Mb / 53P
[Old version datasheet]   OPAx191 36-V, Low Power, Precision, CMOS, Rail-to-Rail Input/Output, Low Offset Voltage, Low Input Bias Current Op Amp
OPA191 TI1-OPA191_V02 Datasheet
3Mb / 56P
[Old version datasheet]   OPAx191 36-V, Low Power, Precision, CMOS, Rail-to-Rail Input/Output, Low Offset Voltage, Low Input Bias Current Op Amp
OPA191 TI-OPA191_V03 Datasheet
3Mb / 57P
[Old version datasheet]   OPAx191 36-V, Low-Power, Precision, CMOS, Rail-to-Rail Input/Output, Low Offset Voltage, Low Input Bias Current Op Amp
OPA191 TI-OPA191_V04 Datasheet
4Mb / 59P
[Old version datasheet]   OPAx191 36-V, Low-Power, Precision, CMOS, Rail-to-Rail Input/Output, Low Offset Voltage, Low Input Bias Current Op Amp
REVISED AUGUST 2021
OPA192-Q1 TI1-OPA192-Q1 Datasheet
2Mb / 42P
[Old version datasheet]   36-V, Precision, Rail-to-Rail Input/Output, Low-Offset Voltage, Low-Input Bias Current Op Amp With e-trim
OPA192 TI-OPA192_15 Datasheet
2Mb / 52P
[Old version datasheet]   OPAx192 36-V, Precision, Rail-to-Rail Input/Output, Low Offset Voltage,Low Input Bias Current Op Amp with e-trim?
OPA2192 TI-OPA2192 Datasheet
3Mb / 51P
[Old version datasheet]   OPAx192 36-V, Precision, Rail-to-Rail Input/Output, Low Offset Voltage,Low Input Bias Current Op Amp with e-trim
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com