Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADA4077-4 Datasheet(PDF) 6 Page - Analog Devices

Part # ADA4077-4
Description  4 MHz, 7 nV/?숰z, Low Offset and Drift, High Precision Amplifiers
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4077-4 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADA4077-4 Datasheet HTML 2Page - Analog Devices ADA4077-4 Datasheet HTML 3Page - Analog Devices ADA4077-4 Datasheet HTML 4Page - Analog Devices ADA4077-4 Datasheet HTML 5Page - Analog Devices ADA4077-4 Datasheet HTML 6Page - Analog Devices ADA4077-4 Datasheet HTML 7Page - Analog Devices ADA4077-4 Datasheet HTML 8Page - Analog Devices ADA4077-4 Datasheet HTML 9Page - Analog Devices ADA4077-4 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
ADA4077-1/ADA4077-2/ADA4077-4
Data Sheet
Rev. D | Page 6 of 25
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
POWER SUPPLY
Power Supply Rejection Ratio
PSRR
V
S = ±2.5 V to ±18 V
123
128
dB
−40°C < T
A < +125°C
120
dB
Supply Current per Amplifier
I
SY
V
O = 0 V
400
500
µA
−40°C < T
A < +125°C
650
µA
DYNAMIC PERFORMANCE
Slew Rate
SR
R
L = 2 kΩ
1.2
V/µs
Settling Time to 0.01%
t
s
V
IN = 10 V p-p, RL = 2 kΩ, AV = −1
16
µs
Settling Time to 0.1%
t
s
V
IN = 10 V p-p, RL = 2 kΩ, AV = −1
10
µs
Gain Bandwidth Product
GBP
V
IN = 10 mV p-p, RL = 2 kΩ, AV = +100
3.6
MHz
Unity-Gain Crossover
UGC
V
IN = 10 mV p-p, RL = 2 kΩ, AV = +1
3.9
MHz
−3 dB Closed-Loop Bandwidth
−3 dB
A
V = +1, VIN = 10 mV p-p, RL = 2 kΩ
5.5
MHz
Phase Margin
ΦM
V
IN = 10 mV p-p, RL = 2 kΩ, AV = +1
58
Degrees
Total Harmonic Distortion Plus Noise
THD + N
V
IN = 1 V rms, AV = +1, RL = 2 kΩ,
f = 1 kHz
0.004
%
NOISE PERFORMANCE
Voltage Noise
e
n p-p
0.1 Hz to 10 Hz
0.25
µV p-p
Voltage Noise Density
e
n
f = 1 Hz
13
nV/√Hz
f = 100 Hz
7
nV/√Hz
f = 1000 Hz
6.9
nV/√Hz
Current Noise Density
i
n
f = 1 kHz
0.2
pA/√Hz
MULTIPLE AMPLIFIERS CHANNEL SEPARATION
C
S
f = 1 kHz, R
L = 10 kΩ
−125
dB


Similar Part No. - ADA4077-4

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4077-2 AD-ADA4077-2 Datasheet
503Kb / 20P
   The ADA4077-2 is a dual amplifier featuring extremely low offset voltage and drift and low input bias current, noise, and power consumption.
REV. 0
ADA4077-2-ARMZ AD-ADA4077-2-ARMZ Datasheet
503Kb / 20P
   The ADA4077-2 is a dual amplifier featuring extremely low offset voltage and drift and low input bias current, noise, and power consumption.
REV. 0
ADA4077-2ARMZ-R7 AD-ADA4077-2ARMZ-R7 Datasheet
503Kb / 20P
   The ADA4077-2 is a dual amplifier featuring extremely low offset voltage and drift and low input bias current, noise, and power consumption.
REV. 0
ADA4077-2ARMZ-RL AD-ADA4077-2ARMZ-RL Datasheet
503Kb / 20P
   The ADA4077-2 is a dual amplifier featuring extremely low offset voltage and drift and low input bias current, noise, and power consumption.
REV. 0
ADA4077-2ARZ AD-ADA4077-2ARZ Datasheet
503Kb / 20P
   The ADA4077-2 is a dual amplifier featuring extremely low offset voltage and drift and low input bias current, noise, and power consumption.
REV. 0
More results

Similar Description - ADA4077-4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA821 TI1-INA821 Datasheet
1Mb / 36P
[Old version datasheet]   35-uV Offset, 7-nV/?숰z Noise, Low-Power, Precision Instrumentation Amplifier
INA821 TI1-INA821_19 Datasheet
1Mb / 43P
[Old version datasheet]   35-關V Offset, 7-nV/?숰z Noise, Low-Power, Precision Instrumentation Amplifier
INA821 TI1-INA821_18 Datasheet
1Mb / 41P
[Old version datasheet]   35-關V Offset, 7-nV/?숰z Noise, Low-Power, Precision Instrumentation Amplifier
logo
Analog Devices
ADA4004-1 AD-ADA4004-1_09 Datasheet
373Kb / 16P
   1.8 nV/?숰z, 36 V Precision Amplifiers
Rev. E
ADA4004-1 AD-ADA4004-1_15 Datasheet
388Kb / 16P
   1.8 nV/?숰z, 36 V Precision Amplifiers
logo
Texas Instruments
INA821 TI1-INA821_V01 Datasheet
2Mb / 45P
[Old version datasheet]   INA821 35-關V Offset, 7-nV/?숰z Noise, Low-Power, Precision Instrumentation Amplifier
logo
Analog Devices
ADA4004-1 AD-ADA4004-1_08 Datasheet
376Kb / 16P
   1.8 nV/?숰z, 36 V Precision Quad Amplifiers
REV. C
logo
Maxim Integrated Produc...
MAX4238 MAXIM-MAX4238 Datasheet
363Kb / 10P
   Ultra-Low Offset/Drift, Low-Noise, Precision SOT23 Amplifiers
Rev 1; 12/02
MAX4238 MAXIM-MAX4238_V01 Datasheet
1Mb / 11P
   Ultra-Low Offset/Drift, Low-Noise, Precision SOT23 Amplifiers
2020
logo
Texas Instruments
INA818 TI1-INA818 Datasheet
1Mb / 39P
[Old version datasheet]   35-uV Offset, 8-nV/?숰z Noise, Low-Power, Precision Instrumentation Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com