Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HM77-28006 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # HM77-28006
Description  Low Profile Surface Mount Inductors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

HM77-28006 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  HM77-28006 Datasheet HTML 1Page - List of Unclassifed Manufacturers HM77-28006 Datasheet HTML 2Page - List of Unclassifed Manufacturers HM77-28006 Datasheet HTML 3Page - List of Unclassifed Manufacturers HM77-28006 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Operating Values
Control Values (3)
Part
LDC
IDC
ETop
Case
L w/o DC
DC
DC
Number
µH (1)
Amps
V-
µS (2)
Size
Lo
Resistance
Resistance
µH ± 20%
m
Ω, Nom.
m
Ω Max.
HM77-10001
1.01
3.40
0.532
1
1.10
11.00
12.5
HM77-20001
6.20
1.40
1.33
1
7.00
60.30
70
HM77-30001
17.6
1.00
2.40
1
22.7
109.00
125
HM77-40002
3.80
4.80
1.76
2
5.20
17.0
19.1
HM77-50002
9.40
2.80
2.70
2
12.3
37.80
43.4
HM77-60002
29.7
1.40
4.60
2
35.3
141.00
166
HM77-70002
114
0.94
10
2
167
330.00
380
HM77-80003
2.50
8.00
1.77
3
3.80
7.20
8.30
HM77-90003
5.10
5.40
2.51
3
7.50
14.30
17.7
HM77-10003
16.2
2.70
4.29
3
21.9
54.70
63
HM77-11003
58.1
1.30
7.83
3
73
233.00
290
HM77-12003
192
0.90
15.7
3
292
472.00
560
HM77-13003
383
0.72
23.5
3
672
750.00
862
HM77-14004
0.91
13.3
1.035
4
1.25
4.56
5.70
HM77-15004
1.32
11.5
1.33
4
2.10
4.56
5.70
HM77-16004
4.90
7.80
3.04
4
7.90
10.50
12.4
HM77-17004
9.00
5.50
4.06
4
14
19.30
22.3
HM77-18004
29.1
2.70
6.90
4
40.5
75.80
85
HM77-19004
645
0.74
36.5
4
1134
1040
1250
HM77-20005
1.75
10.9
1.83
5
2.80
5.68
6.90
HM77-21005
2.50
11.4
2.23
5
4.20
6.19
7.50
HM77-22006
2.03
13
3.30
6
2.70
5.60
6.80
HM77-23006
3.50
12.4
3.13
6
6.50
7.54
8.7
HM77-24006
4.70
10.4
3.58
6
8.40
8.30
10.0
HM77-25006
9.30
7.20
4.92
6
16
16.3
18.7
HM77-26006
16.1
5.10
6.27
6
25.9
30.3
32
HM77-27006
50
2.60
10.5
6
72.9
115
130
HM77-28006
1070
0.710
54.4
6
1950
1480
1700
HM77-29006
68
3.00
9.50
6
122
85
102
HM77-30004
33
3.0
9.50
4
48
48.5
59
HM77-31007
2.5
11.4
2.23
7
4.20
5.20
6.20
HM77-32007
1.68
13.9
1.83
7
2.80
3.60
4.0
HM77-33010
5.2
15.4
5.21
10
10.5
6.20
7.40
HM77-34010
77
2.7
52.8 (4)
10
84.6
90
110.0
HM77-35010
38
3.0
29.7 (4)
10
49
50
70.0
HM77-36010
114
2.22
62.7 (4)
10
121
100
120.0
HM77-37010
250
1.50
72.6 (5)
10
275
250
290.0
HM77-38010
168
1.81
75.9 (5)
10
159
190
220.0
HM77-39010
53
3.00
42.9 (5)
10
52
80
100.0
Notes: (1) Inductance values are rated at -40°C to +130°C operating temperature range with rated DC current flowing and the operating ETop across the inductor.
(2) ETop is rated at 500 kHz except where designated otherwise.
(3) The control values of inductance are measured at the operating flux density equal or less than 10 gauss and without DC current.
(4) ETop is rated at 250 kHz.
(5) ETop is rated at 150 kHz.
6-174
Model HM77 Series
SPECIFICATIONS


Similar Part No. - HM77-28006

ManufacturerPart #DatasheetDescription
logo
Bi technologies
HM77-28006LF BITECH-HM77-28006LF Datasheet
651Kb / 2P
   Low Profile Surface Mount Inductors
HM77-28006LF BITECH-HM77-28006LF Datasheet
883Kb / 2P
   Low Profile Surface Mount Inductors
logo
TT Electronics.
HM77-28006LF TTELEC-HM77-28006LF Datasheet
897Kb / 2P
   Low Profile Surface Mount Inductors
More results

Similar Description - HM77-28006

ManufacturerPart #DatasheetDescription
logo
Bi technologies
HM77 BITECH-HM77 Datasheet
651Kb / 2P
   Low Profile Surface Mount Inductors
logo
TT Electronics.
HM77 TTELEC-HM77 Datasheet
897Kb / 2P
   Low Profile Surface Mount Inductors
logo
Bi technologies
HM77 BITECH-HM77_15 Datasheet
883Kb / 2P
   Low Profile Surface Mount Inductors
logo
TT Electronics.
HM73 TTELEC-HM73 Datasheet
330Kb / 3P
   Shielded Low Profile Surface Mount Inductors
logo
Bi technologies
HM73 BITECH-HM73_15 Datasheet
306Kb / 3P
   Shielded Low Profile Surface Mount Inductors
logo
List of Unclassifed Man...
HM73 ETC1-HM73 Datasheet
370Kb / 3P
   Shielded Low Profile Surface Mount Inductors
logo
Bi technologies
HM64 BITECH-HM64 Datasheet
601Kb / 2P
   Micropower Low Profile Surface Mount Inductors
HM73 BITECH-HM73 Datasheet
853Kb / 3P
   Shielded Low Profile Surface Mount Inductors
logo
List of Unclassifed Man...
HM65 ETC2-HM65 Datasheet
342Kb / 2P
   High Current Low Profile Surface Mount Inductors
HM66 ETC-HM66 Datasheet
81Kb / 8P
   Miniature Low Profile, Shielded Surface Mount Inductors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com