Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG86 Datasheet(PDF) 2 Page - American Electronic Components, inc

Part # DG86
Description  high current automotive relay
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEC [American Electronic Components, inc]
Direct Link  http://www.aecsensors.com/html/
Logo AEC - American Electronic Components, inc

DG86 Datasheet(HTML) 2 Page - American Electronic Components, inc

  DG86 Datasheet HTML 1Page - American Electronic Components, inc DG86 Datasheet HTML 2Page - American Electronic Components, inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DG86 series
high current automotive relay
Ref: DG86 050713JHM
Coil Data
Table 1
Coil Voltage Code
Nominal Voltage
(VDC)
Coil Resistance (Ω)
±10%
Must Operate
Voltage Max.
(VDC)
Must Release
voltage min. (VDC)
Parallel Resistor
(optional)
± 10% (Ω)
1012
12
40
9.6
4.5 - 1.5
560
1024
24
160
19.2
9.0 - 3.0
2200
* At ambient temperature of 85’C, maximum allowable voltage should be reduced by 28%
Page 2 of 2
www.aecsensors.com
Sales Department Tel: (888) 847-6552
Overall Dimensions
Fig. 1
Dimensions in mm
Specifications are subject to change without notice. E&OE.
Notes:
1: All parameters, unless otherwise specified, are measured at ambient temperature of 23ºC.
Ordering codes
Type
Contact
material
Contact
arrangement
Cover protec-
tion and
mounting
Coil code
Options
D
G
8
6
-
6
0
2
1
-
9
8
-
-
Contact material
See Coil Table 1
60
-
AgNi with W pre-leading
Contact arrangement
21
-
SPST-NO (1N/O, 1 Form A)
Cover protection category
9
-
IP67 cover with mounting bracket
Connection mode
8
-
Screw Terminals (M6) for contacts, shrouded blades for coil
Parallel Component Options
Nil
-
No option
R
-
Resistor (see Table 1 for values)
D
-
Diode (+85 / -86) (1N4007)
DR -
Diode reversed (-85 / + 86) (1N4007)
30
87
85
86
2 x M6 Bolt supplied
Torque 6.5Nm Max
85
86
87
30


Similar Part No. - DG86

ManufacturerPart #DatasheetDescription
logo
Willow Technologies Ltd
DG86 WILLOW-DG86 Datasheet
399Kb / 2P
   high current automotive relay
DG86-6021-98-1012-D WILLOW-DG86-6021-98-1012-D Datasheet
399Kb / 2P
   high current automotive relay
DG86-6021-98-1012-DR WILLOW-DG86-6021-98-1012-DR Datasheet
399Kb / 2P
   high current automotive relay
DG86-6021-98-1012-NIL WILLOW-DG86-6021-98-1012-NIL Datasheet
399Kb / 2P
   high current automotive relay
DG86-6021-98-1012-R WILLOW-DG86-6021-98-1012-R Datasheet
399Kb / 2P
   high current automotive relay
More results

Similar Description - DG86

ManufacturerPart #DatasheetDescription
logo
Willow Technologies Ltd
DG86 WILLOW-DG86 Datasheet
399Kb / 2P
   high current automotive relay
logo
List of Unclassifed Man...
G8JR ETC-G8JR Datasheet
36Kb / 2P
   Automotive High Current Relay
logo
Omron Electronics LLC
G8V-RH OMRON-G8V-RH Datasheet
581Kb / 5P
   High-Current Micro 280 Automotive Relay
G8HE OMRON-G8HE Datasheet
151Kb / 3P
   High-Current Micro ISO Automotive Relay
G8PE OMRON-G8PE Datasheet
498Kb / 3P
   High current carrying and switching automotive PCB relay.
logo
OEN India Limited
OEN84H OENINDIA-OEN84H Datasheet
452Kb / 2P
   HIGH CURRENT RELAY
logo
Nais(Matsushita Electri...
CB1F-T-RM-12V NAIS-CB1F-T-RM-12V Datasheet
121Kb / 4P
   HIGH POWER AUTOMOTIVE RELAY
logo
Sanyou Corporation Limi...
SARF SANYOU-SARF Datasheet
230Kb / 4P
   High Power Automotive Relay
logo
Nais(Matsushita Electri...
CB1A-P-12V NAIS-CB1A-P-12V Datasheet
121Kb / 4P
   HIGH POWER AUTOMOTIVE RELAY
logo
Sanyou Corporation Limi...
SARE SANYOU-SARE Datasheet
275Kb / 3P
   High Power Automotive Relay
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com