Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG82 Datasheet(PDF) 2 Page - American Electronic Components, inc

Part # DG82
Description  micro plug-in/pcb automotive relay
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEC [American Electronic Components, inc]
Direct Link  http://www.aecsensors.com/html/
Logo AEC - American Electronic Components, inc

DG82 Datasheet(HTML) 2 Page - American Electronic Components, inc

  DG82 Datasheet HTML 1Page - American Electronic Components, inc DG82 Datasheet HTML 2Page - American Electronic Components, inc DG82 Datasheet HTML 3Page - American Electronic Components, inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Ordering codes
Type
Contact
material
Contact
arrangement
Cover protec-
tion and
mounting
Coil code
Options
D
G
8
2
-
-
-
-
Contact material
10
-
AgCdO
See coil table 1
20
-
AgNi 90/10
70
-
AgSnOInO
80
-
AgNi 0.15
Contact arrangement
11
-
SPDT (1 C/O, 1 Form C)
21
-
SPST-NO (1N/O, 1 Form A)
Cover protection category
3
-
in cover, sealed - IP67
7
-
in cover, dust cover - IP54
Connection mode
5
-
for PCB
6
-
Flat Blades
Coil Options
Nil
-
UL Class F coil insulation
H
-
UL Class H insulation for higher ambient temperatures - consult factory.
Parallel Component Options
Nil
-
No option
R
-
Resistor (see Table 1 for values)
D
-
Diode (+85 / -86)
DR -
Diode reversed (-85 / + 86) - standard
BD
-
Bidirectional diode
DG82
micro plug-in/pcb automotive relay
Ref: DG82 102315JHM
Coil Data
Table 1
Coil Voltage
Code
Nominal
Voltage
(VDC)
Coil Resistance (Ω) ±10%
Must
Operate
Voltage
Max. (VDC)
Allowable Voltage (VDC)*
Must
release
voltage min.
(VDC)
Parallel
Resistor
(optional)
(Ω)
1 Form A
1 Form C
1 Form A
1 Form C
1006
6
32
25
3.6
10.4
9.2
0.6
170
1012
12
123
97
7.2
20.4
18.1
1.2
680
1024
24
483
384
14.4
40.4
36.0
2.4
2720
* At ambient temperature of 85’C, maximum allowable voltage should be reduced by 28%
Page 2 of 3
www.aecsensors.com
Sales Department Tel: (888) 847-6552
Specifications are liable to change without notice. E&OE
.


Similar Part No. - DG82

ManufacturerPart #DatasheetDescription
logo
Willow Technologies Ltd
DG82 WILLOW-DG82 Datasheet
232Kb / 3P
   micro plug-in/pcb automotive relay
DG82-1011-35-1006-BD WILLOW-DG82-1011-35-1006-BD Datasheet
232Kb / 3P
   micro plug-in/pcb automotive relay
DG82-1011-35-1006-D WILLOW-DG82-1011-35-1006-D Datasheet
232Kb / 3P
   micro plug-in/pcb automotive relay
DG82-1011-35-1006-DR WILLOW-DG82-1011-35-1006-DR Datasheet
232Kb / 3P
   micro plug-in/pcb automotive relay
DG82-1011-35-1006-NIL WILLOW-DG82-1011-35-1006-NIL Datasheet
232Kb / 3P
   micro plug-in/pcb automotive relay
More results

Similar Description - DG82

ManufacturerPart #DatasheetDescription
logo
Willow Technologies Ltd
DG82 WILLOW-DG82 Datasheet
232Kb / 3P
   micro plug-in/pcb automotive relay
DG84 WILLOW-DG84 Datasheet
258Kb / 3P
   micro plug-in/pcb automotive relay
logo
American Electronic Com...
DG84 AEC-DG84 Datasheet
269Kb / 3P
   micro plug-in/pcb automotive relay
logo
Picker Components
PC782 PICKER-PC782 Datasheet
171Kb / 2P
   Micro Automotive Plug In / PCB Power Relay
PC782 PICKER-PC782_14 Datasheet
362Kb / 2P
   Micro Automotive Plug In / PCB Power Relay
logo
List of Unclassifed Man...
HG4182 ETC1-HG4182 Datasheet
132Kb / 2P
   MICRO AUTOMOTIVE PLUG IN /PCB POWER RELAY
logo
American Electronic Com...
DGC2 AEC-DGC2 Datasheet
281Kb / 3P
   micro plug-in automotive relay
logo
Willow Technologies Ltd
DGC2 WILLOW-DGC2 Datasheet
281Kb / 3P
   micro plug-in automotive relay
logo
Picker Components
PC783 PICKER-PC783 Datasheet
711Kb / 2P
   35 Amp Micro ISO Automotive Plug In / PCB Relay
logo
DB Lectro Inc
HG4185A DBLECTRO-HG4185A Datasheet
179Kb / 4P
   Automotive Plug-In / PCB Power Relay
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com