Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRA724JGABCRQ1 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # DRA724JGABCRQ1
Description  Infotainment Applications Processor Silicon Revision 2.0
Download  409 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRA724JGABCRQ1 Datasheet(HTML) 6 Page - Texas Instruments

Back Button DRA724JGABCRQ1 Datasheet HTML 2Page - Texas Instruments DRA724JGABCRQ1 Datasheet HTML 3Page - Texas Instruments DRA724JGABCRQ1 Datasheet HTML 4Page - Texas Instruments DRA724JGABCRQ1 Datasheet HTML 5Page - Texas Instruments DRA724JGABCRQ1 Datasheet HTML 6Page - Texas Instruments DRA724JGABCRQ1 Datasheet HTML 7Page - Texas Instruments DRA724JGABCRQ1 Datasheet HTML 8Page - Texas Instruments DRA724JGABCRQ1 Datasheet HTML 9Page - Texas Instruments DRA724JGABCRQ1 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 409 page
background image
6
DRA722, DRA724, DRA725, DRA726
SPRS956B – MARCH 2016 – REVISED JANUARY 2017
www.ti.com
Submit Documentation Feedback
Product Folder Links: DRA722 DRA724 DRA725 DRA726
Device Comparison
Copyright © 2016–2017, Texas Instruments Incorporated
(1)
ECC is not available on this device, but signal names are retained for consistency with the DRA7xx family of devices.
3
Device Comparison
3.1
Device Comparison Table
Table 3-1 shows a comparison between devices, highlighting the differences.
Table 3-1. Device Comparison
Features
Device
DRA722
DRA724
DRA725
DRA726
Processors/Accelerators
Speed Grades
H
J
L
P
ARM Single Cortex-A15 Microprocessor (MPU)
Subsystem
MPU core 0
Yes
C66x VLIW DSP
DSP1
Yes
BitBLT 2D Hardware Acceleration Engine (BB2D)
BB2D
Yes
Display Subsystem
VOUT1
Yes
VOUT2
Yes
VOUT3
Yes
HDMI
Yes
Dual ARM Cortex-M4 Image Processing Unit (IPU)
IPU1
Yes
IPU2
Yes
Image Video Accelarator (IVA)
IVA
Yes
SGX544 Single-Core 3D Graphics Processing Unit
(GPU)
GPU
Yes
Video Input Port (VIP)
VIP1
vin1a
Yes
vin1b
Yes
vin2a
Yes
vin2b
Yes
Video Processing Engine (VPE)
VPE
Yes
Program/Data Storage
On-Chip Shared Memory (RAM)
OCMC_RAM1
512KB
General-Purpose Memory Controller (GPMC)
GPMC
Yes
DDR3 Memory Controller
EMIF1
up to 2GB across single chip select
SECDED/ECC (1)
No
Dynamic Memory Manager (DMM)
DMM
Yes
Radio Support
Audio Tracking Logic (ATL)
ATL
Yes
Viterbi Coprocessor (VCP)
VCP1
Yes
VCP2
Yes
Peripherals
Dual Controller Area Network (DCAN) Interface
DCAN1
Yes
DCAN2
Yes
Enhanced DMA (EDMA)
EDMA
Yes
System DMA (DMA_SYSTEM)
DMA_SYSTEM
Yes
Ethernet Subsystem (Ethernet SS)
GMAC_SW[0]
MII, RMII, or RGMII
GMAC_SW[1]
MII, RMII, or RGMII
General-Purpose I/O (GPIO)
GPIO
Up to 215
Inter-Integrated Circuit Interface (I2C)
I2C
6
System Mailbox Module
MAILBOX
13
Media Local Bus Subsystem (MLBSS)
MLB
Yes


Similar Part No. - DRA724JGABCRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRA724JGABCRQ1 TI1-DRA724JGABCRQ1 Datasheet
5Mb / 408P
[Old version datasheet]   Infotainment Applications Processor
DRA724JGABCRQ1 TI1-DRA724JGABCRQ1 Datasheet
4Mb / 411P
[Old version datasheet]   Infotainment Applications Processor Silicon Revision 2.0
More results

Similar Description - DRA724JGABCRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRA72 TI1-DRA72 Datasheet
4Mb / 411P
[Old version datasheet]   Infotainment Applications Processor Silicon Revision 2.0
DRA75 TI1-DRA75 Datasheet
5Mb / 443P
[Old version datasheet]   Infotainment Applications Processor Silicon Revision 2.0
DRA744 TI1-DRA744 Datasheet
7Mb / 443P
[Old version datasheet]   DRA75x, DRA74x Infotainment Applications Processor Silicon Revision 2.0
DRA75P TI1-DRA75P_19 Datasheet
6Mb / 481P
[Old version datasheet]   Infotainment Applications Processor Silicon Revision 1.0
DRA75P TI1-DRA75P Datasheet
6Mb / 481P
[Old version datasheet]   Infotainment Applications Processor Silicon Revision 1.0
DRA77P TI1-DRA77P_19 Datasheet
6Mb / 485P
[Old version datasheet]   Infotainment Applications Processor Silicon Revision 1.0
DRA77P TI1-DRA77P Datasheet
5Mb / 476P
[Old version datasheet]   Infotainment Applications Processor Silicon Revision 1.0
DRA80M TI1-DRA80M Datasheet
2Mb / 278P
[Old version datasheet]   Infotainment Applications Processor Silicon Revision 1.0
DRA75P_1905 TI1-DRA75P_1905 Datasheet
6Mb / 484P
[Old version datasheet]   Infotainment Applications Processor Silicon Revision 1.0
TDA2-17 TI1-TDA2-17 Datasheet
4Mb / 377P
[Old version datasheet]   ADAS Applications Processor 17mm Package (AAS Package) Silicon Revision 2.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com