Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1410-G110-L2F1-S02-8A Datasheet(PDF) 2 Page - ETAL Group

Part # 1410-G110-L2F1-S02-8A
Description  Motors, transformers, solenoids, PCBs, hand-held machines, appliances, instrumentation
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

1410-G110-L2F1-S02-8A Datasheet(HTML) 2 Page - ETAL Group

  1410-G110-L2F1-S02-8A Datasheet HTML 1Page - ETAL Group 1410-G110-L2F1-S02-8A Datasheet HTML 2Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Thermal Overcurrent Circuit Breaker 1410-L2/G1
www.e-t-a.de
1651
2
1
Dimensions
Internal connection diagram
1410-L210-L2F1-S02
15.7
13
SW14
.618
.512
2.8
10.15
28
ø7
3/8-27UNS-2A
7.6
32
1
.276
0.8
6.4
.031
.110
.252
.400
.299
blade terminal
DIN 46244-A2.8-0.8
(QC .110)
9
.354
ø9.6-0.1
mounting hole
.378-.004
1.10
1410-G111-P2F1-S01
.551
tightening torque max. 0.8 Nm
30
1.18
.299±0.004
33
0.8
1
6.4
10.15
7.6
9
mounting holes
6.4±0.2
10.15
7.6±0.1
+0.1
-0.2
32
1
32
1
28
1.10
1.30
.031
.039
.252
.400
.299
.354
.252±.008
.400 +.004
- .008
insertion force
max. 15 N
1410-G110-P2F1-S01
0.8
.031
9
.354
1
.039
28
1.10
Ø15.7
Ø.618
13
.512
10.15
.399
7.6
.299
6.4
.252
Ø7
Ø.276
3/8-27UNS-2A
30°
1
32
12
46 8102040
… times rated current
10000
1000
100
10
1
0.1
0.01
Typical time/current characteristics at +23 °C/+73.4 °F
mounting area
operating area
wall
1410-L2...
1410-G...
Installation behind a cover which can only
be removed by means of a tool
Installation drawings
This is a metric design and millimeter dimensions take precedence ( mm )
inch
All dimensions without tolerances are for reference only. In the interest of improved design,
performance and cost effectiveness the right to make changes in these specifications
without notice is reserved.Product markings may not be exactly as the ordering codes.
Errors and omissions excepted.
ø15
3
3/8-27UNS-2B
Knurled nut 3/8"
plastic
Y 307 117 02
.118
.591
3/8-27UNS-2B
SW14
Hex nut 3/8"
nickel-plated brass
Y 300 192 01
2.5
.551
.098
Accessory


Similar Part No. - 1410-G110-L2F1-S02-8A

ManufacturerPart #DatasheetDescription
logo
ETAL Group
1410-G111-L2F1-S01 ETAL-1410-G111-L2F1-S01 Datasheet
96Kb / 2P
   Thermal Overcurrent Circuit Breaker 1410-L/-G
1410-G111-P2F1-S01 ETAL-1410-G111-P2F1-S01 Datasheet
96Kb / 2P
   Thermal Overcurrent Circuit Breaker 1410-L/-G
More results

Similar Description - 1410-G110-L2F1-S02-8A

ManufacturerPart #DatasheetDescription
logo
ETAL Group
1410-F110-P1-F1-W14Q ETAL-1410-F110-P1-F1-W14Q Datasheet
191Kb / 2P
   Motors, transformers, solenoids, PCBs, hand-held machines, appliances, instrumentation
1410-L110-L1F1 ETAL-1410-L110-L1F1 Datasheet
153Kb / 2P
   Motors, transformers, solenoids, PCBs, hand-held machines, appliances, instrumentation
1410-L110-L1F1-S01 ETAL-1410-L110-L1F1-S01 Datasheet
153Kb / 2P
   Motors, transformers, solenoids, PCBs, hand-held machines, appliances, instrumentation.
1140-E211-P1M1 ETAL-1140-E211-P1M1 Datasheet
292Kb / 2P
   Motors, transformers, solenoids, hand-held machines and appliances
104-PR ETAL-104-PR Datasheet
347Kb / 4P
   Motors, transformers, solenoids, printed circuit boards, hand-held machines and appliances, marine applications, caravans.
1110-F112-P1M1 ETAL-1110-F112-P1M1 Datasheet
179Kb / 2P
   Motors, transformers, solenoids, extra low voltage systems, household and office machines, instrumentation, marine applications, mobile homes
4130-G211 ETAL-4130-G211 Datasheet
166Kb / 2P
   Motors, transformers, solenoids, battery chargers, power supplies, appliances, machinery, extra low voltage systems
157-P10-KF-10A ETAL-157-P10-KF-10A Datasheet
233Kb / 4P
   Motors, transformers, solenoids, extra low voltage wiring systems
127-P10-H-KF ETAL-127-P10-H-KF Datasheet
262Kb / 4P
   Motors, transformers, solenoids, battery chargers, extra low voltage systems
2-6400 ETAL-2-6400 Datasheet
212Kb / 4P
   Motors, transformers, solenoids, controls for oil and gas boilers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com