Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


C720013 Datasheet(PDF) 1 Page - E-SWITCH

Part No. C720013
Description  ALL DIMENSIONS IN MM [INCH]
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  E-SWITCH [E-SWITCH]
Homepage  http://www.e-switch.com
Logo 

   
 1 page
background image
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
R713FXX-SXXX2X4GRX
1:1
8/14/2013
C720013
B
rc
1
1
RECOMMENDED
PANEL CUT-OUT
A
21250
New Release
8/14/13
rc
38.6
[1.520 in]
25.2
[.990 in]
36.9
[1.453 in]
20.8
[.819 in]
6.34
[.250 in]
21.10 - .00
.20
+
.831 -.000
.008
+
in
[]
37.00 -.00
.20
+
1.457 -.000
.008
+
in
[]
NOTES:
1. ALL DIMENSIONS IN MM [INCH]
2. GENERAL TOLERANCE: X.X=±0.4
X.XX=±0.25
3. TERM. NOS. FOR REF. ONLY
4. RATING: 16A @ 30VDC, 50/60 Hz, µT85/55
UL LISTED
5. ELECTRICAL LIFE: 10,000 CYCLES
6. MECHANICAL LIFE: 30,000 CYCLES
7. CONTACT RESISTANCE: <20 MILLI-OHMS INITIAL
8. DIELECTRIC STRENGTH: >1,500V AC 1MIN
9. INSULATION RESISTANCE: >100 MOHMS @ 500VDC
10. OPERATING TEMP: 0°C to 55°C
11. LED VOLTAGE: 12VDC
12.
DENOTES CRITICAL PARAMETER.
13. 2002/95/EC (ROHS) COMPLIANT
3
POS.
1
POS.
BLACK
BEZEL
POS. 1
POS. 2
POS. 3
SWITCH FUNCTION
OFF
ON
ON
1-2
NONE
2-3
LED #1
GREEN
LED #2
RED
2
POS.
2
3
CIRCUIT: SPDT
ON - OFF - ON
5
1
-
+
LED #1
LED #2
.80
[.031 in]
44.5
[1.752 in]
RUBBER GASKET
(Not Shown)
B
21355
Drawing Cleanup
1/15/14
rc




Html Pages

1 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl