Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

9184 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 9184
Description  Single and dual output models with up to 210W output power
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

9184 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  9184 Datasheet HTML 1Page - List of Unclassifed Manufacturers 9184 Datasheet HTML 2Page - List of Unclassifed Manufacturers 9184 Datasheet HTML 3Page - List of Unclassifed Manufacturers 9184 Datasheet HTML 4Page - List of Unclassifed Manufacturers 9184 Datasheet HTML 5Page - List of Unclassifed Manufacturers 9184 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Programmable Dual-Range DC Power Supplies
9170 & 9180 series
Data Sheet
www.bkprecision.com
Technical data subject to change
© B&K Precision Corp. 2014
The 9170/9180 series programmable DC power
supplies offer industry leading performance,
designed to meet the most demanding
applications in R&D, design verification, and
production test. All nine models deliver clean,
stable and precise output power due to their
exceptionally low ripple and noise, low
temperature coefficient, excellent regulation,
and fast transient response time characteristics.
These power supplies are well suited for both
bench use and ATE applications. For bench use,
these power supplies offer an intuitive user
interface with a full numerical keypad for
convenient data entry. R&D and design engineers
will appreciate front panel output and remote
sense terminals (available on select models). Free
application software is provided for remote
control without the need for any computer
programming. USB and optional GPIB/LAN
interfaces combined with a fast transient response
time, make this series ideal for ATE applications.
Additionally, this series offers unique features
not typically found in other power sources on
the market, such as versatile LED test modes,
Features & Benefits
I
Single and dual output models with up to
210W output power
I
Dual range output with automatic range
selection*
I
Programmable voltage and current slew rates
I
Front and rear panel output terminals for
convenient wiring
I
Rear panel remote sense terminal (additional
front panel remote sense terminal on select
single channel models*)
I
List mode for executing up to 10 stored test
sequences with a maximum of 150 steps in
total
I
Store and recall up to 10 power settings
I
SCPI compliant USB standard interface,
RS232, GPIB & LAN, RS485 optional
(Installation through modular interface slots)
I
Remote analog programming interface (option)
I
Unique LED test modes for minimizing inrush
current
I
Application software for remote control
I
Overvoltage (OVP) and overcurrent (OCP)
protection, including key-lock function
I
Convenient voltage and current calibration via
front panel
I
LabVIEWTM drivers available for download
Outstanding performance combined with unique features
* Except for high voltage models 9184 and 9185.
Output Rating
No. of
Outputs
Model
0-10 V, 0-10 A / 0-20 V, 0-5 A
1
9171
0-35 V, 0-3 A / 0-70 V, 0-1.5 A
1
9172
0-10 V, 0-10 A / 0-20 V, 0-5 A
2
9173
0-35 V, 0-3 A / 0-70 V, 0-1.5 A
2
9174
0-18 V, 0-8 A / 0-36 V, 0-4 A
1
9181
0-10 V, 0-20 A / 0-20 V, 0-10 A
1
9182
0-35 V, 0-6 A / 0-70 V, 0-3 A
1
9183
0-100 V, 0-2 A / 0-200 V, 0-1 A
1
9184
0-400 V, 0-0.5 A / 0-600 V, 0-0.35 A
1
9185
modular interface card slots, automatic range
selection, and an optional 8-bit bidirectional
digital I/O interface.
To protect your DUT (device under test), the
9170/9180 series provides safety options such
as OVP, OCP, and a key-lock feature to prevent
accidental change of parameters that might
damage your DUT. Built for reliability, the
supplies are also backed by a 3 year warranty.


Similar Part No. - 9184

ManufacturerPart #DatasheetDescription
logo
B&K Precision Corporati...
9184 BK-9184 Datasheet
2Mb / 6P
   Programmable Dual-Range DC Power Supplies
logo
Belden Inc.
9184 BELDEN-9184 Datasheet
163Kb / 2P
   Audio, Control & Instrument, #22-2pr, FPO, O/A Foil, PVC Jkt, CM
05-05-2023
logo
Heyco.
9184 HEYCO-9184 Datasheet
105Kb / 1P
   Countersunk Type H Rivets
logo
Belden Inc.
9184.0101000 BELDEN-9184.0101000 Datasheet
163Kb / 2P
   Audio, Control & Instrument, #22-2pr, FPO, O/A Foil, PVC Jkt, CM
05-05-2023
9184.010500 BELDEN-9184.010500 Datasheet
163Kb / 2P
   Audio, Control & Instrument, #22-2pr, FPO, O/A Foil, PVC Jkt, CM
05-05-2023
More results

Similar Description - 9184

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
S-210 MEANWELL-S-210 Datasheet
274Kb / 2P
   210W Single Output Swithching Power Supply
logo
Murata Manufacturing Co...
UEP-3.3-4500-D12 MURATA-UEP-3.3-4500-D12 Datasheet
863Kb / 11P
   Single Output UEP Models
logo
List of Unclassifed Man...
UHP-3-3-30-D48 ETC-UHP-3-3-30-D48 Datasheet
69Kb / 4P
   Single Output UHP Models
logo
Murata Manufacturing Co...
USQ30 MURATA-USQ30 Datasheet
408Kb / 15P
   Single Output USQ 30A Models
logo
Omron Electronics LLC
G3NA-210B-DC5-24 OMRON-G3NA-210B-DC5-24 Datasheet
1Mb / 18P
   New Models with 75-A and 90-A Output Join the Previous Models with 5- to 50-A Output.
logo
Murata Power Solutions ...
DLV-3.3 MURATA-PS-DLV-3.3 Datasheet
187Kb / 6P
   Dual Output Mixed Voltage, DLV Models
logo
List of Unclassifed Man...
DSM-5-3.3-D12 ETC1-DSM-5-3.3-D12 Datasheet
175Kb / 7P
   Dual Output Mixed Voltage, DSM Models
BCP-5-3.3-D24 ETC1-BCP-5-3.3-D24 Datasheet
240Kb / 12P
   Dual Output Mixed Voltage, BCP Models
logo
C&D Technologies
BWR-15 CANDD-BWR-15 Datasheet
433Kb / 6P
   Dual Output A-Series, BWR Models
logo
List of Unclassifed Man...
HEC50 ETC-HEC50 Datasheet
122Kb / 2P
    SINGLE OUTPUT UP TO 15A
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com