Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IQ83C154T-36 Datasheet(PDF) 8 Page - TEMIC Semiconductors

Part # IQ83C154T-36
Description  CMOS 0 to 36 MHz Single Chip 8-bit Microcontroller
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

IQ83C154T-36 Datasheet(HTML) 8 Page - TEMIC Semiconductors

Back Button IQ83C154T-36 Datasheet HTML 4Page - TEMIC Semiconductors IQ83C154T-36 Datasheet HTML 5Page - TEMIC Semiconductors IQ83C154T-36 Datasheet HTML 6Page - TEMIC Semiconductors IQ83C154T-36 Datasheet HTML 7Page - TEMIC Semiconductors IQ83C154T-36 Datasheet HTML 8Page - TEMIC Semiconductors IQ83C154T-36 Datasheet HTML 9Page - TEMIC Semiconductors IQ83C154T-36 Datasheet HTML 10Page - TEMIC Semiconductors IQ83C154T-36 Datasheet HTML 11Page - TEMIC Semiconductors IQ83C154T-36 Datasheet HTML 12Page - TEMIC Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
80C154/83C154
Rev.F (14 Jan. 97)
8
MATRA MHS
Figure 6. External Drive Configuration.
Hardware Description
Same as for the 80C51, plus a third timer/counter :
Timer/Event Counter 2
Timer 2 is a 16 bit timer/counter like Timers 0 and 1, it
can operate either as a timer or as an event counter. This
is selected by bit C/T2 in the Special Function Register
T2CON (Figure 1). It has three operating modes :
“capture”, “autoload” and “baud rate generator”, which
are selected by bits in T2CON as shown in Table 2.
Table 2.Timer 2 Operating Modes.
RCLK +
TCLK
CP/RL2
TR2
MODE
0
0
1
X
0
1
X
X
1
1
1
0
16 bit auto-reload
16 bit capture
baud rate generator
(off)
In the capture mode there are two options which are
selected by bit EXEN2 in T2CON; If EXEN2 = 0, then
Timer 2 is a 16 bit timer or counter which upon
overflowing sets bit TF2, the Timer 2 overflow bit, which
can be used to generate an interrupt. If EXEN2 = 1, then
Timer 2 still does the above, but with the added feature
that a 1-to-0 transition at external input T2EX causes the
current value in the Timer 2 registers, TL2 and TH2, to
be captured into registers RCAP2L and RCAP2H,
respectively. In addition, the transition at T2EX causes bit
EXF2 in T2CON to be set, and EXF2, like TF2, can
generate an interrupt.
The capture mode is illustrated in Figure 7.
In the auto-reload mode there are again two options,
which are selected by bit EXEN2 in T2CON.If
EXEN2 = 0, then when Timer 2 rolls over it does not only
set TF2 but also causes the Timer 2 register to be reloaded
with the 16 bit value in registers RCAP2L and RCAP2H,
which are preset by software. If EXEN2 = 1, then Timer
2 still does the above, but with the added feature that a
1-to-0 transition at external input T2EX will also trigger
the 16 bit reload and set EXF2.
The auto-reload mode is illustrated in Figure 8.
Figure 7. Timer 2 in Capture Mode.
Figure 8. Timer 2 in Auto-Reload Mode.


Similar Part No. - IQ83C154T-36

ManufacturerPart #DatasheetDescription
logo
SICK AG
IQ80-50BPP-KC0 SICK-IQ80-50BPP-KC0 Datasheet
957Kb / 6P
   INDUCTIVE PROXIMITY SENSORS
IQ80-60NPP-KK0 SICK-IQ80-60NPP-KK0 Datasheet
556Kb / 5P
   INDUCTIVE PROXIMITY SENSORS
IQ80-60NUP-KK0 SICK-IQ80-60NUP-KK0 Datasheet
552Kb / 6P
   INDUCTIVE PROXIMITY SENSORS
logo
Roithner LaserTechnik G...
IQ800L ROITHNER-IQ800L Datasheet
180Kb / 3P
   Si ??photodiode with integrated transimpedance amplifier
IQ801L ROITHNER-IQ801L Datasheet
180Kb / 3P
   Si ??photodiode with integrated transimpedance amplifier
More results

Similar Description - IQ83C154T-36

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
80C32 TEMIC-80C32 Datasheet
229Kb / 20P
   CMOS 0 to 44 MHz Single-chip 8 Bit Microcontroller
TSC80C31 TEMIC-TSC80C31 Datasheet
205Kb / 19P
   CMOS 0 to 44 MHz Single-Chip 8 Bit Microcontroller
TS80C32X2 TEMIC-TS80C32X2 Datasheet
286Kb / 56P
   8-bit CMOS Microcontroller 0-60 MHz
TSC87C51 TEMIC-TSC87C51 Datasheet
170Kb / 22P
   CMOS 0 to 25 MHz Programmable 8-bit Microcontroller
TSC87C51 TEMIC-TSC87C51 Datasheet
157Kb / 23P
   CMOS 0 to 33 MHz Programmable 8-bit Microcontroller
TS80C52X2 TEMIC-TS80C52X2 Datasheet
626Kb / 54P
   8-bit CMOS Microcontroller 0-60 MHz
TS80C54X2 TEMIC-TS80C54X2 Datasheet
288Kb / 58P
   8-bit CMOS Microcontroller 0-60 MHz
TS80C31X2 TEMIC-TS80C31X2 Datasheet
484Kb / 40P
   8-bit CMOS Microcontroller 0-60 MHz
TSC87C52 TEMIC-TSC87C52 Datasheet
184Kb / 24P
   CMOS 0 to 33 MHz Programmable 8-bit Microcontroller
P80C32 TEMIC-P80C32 Datasheet
221Kb / 20P
   CMOS 0 to 44 MHz Single Chip 8-bit Microntroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com