Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM6134 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM6134
Description  Low Power 10 MHz Rail-to-Rail I/O Operational Amplifiers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM6134 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LM6134 Datasheet HTML 6Page - National Semiconductor (TI) LM6134 Datasheet HTML 7Page - National Semiconductor (TI) LM6134 Datasheet HTML 8Page - National Semiconductor (TI) LM6134 Datasheet HTML 9Page - National Semiconductor (TI) LM6134 Datasheet HTML 10Page - National Semiconductor (TI) LM6134 Datasheet HTML 11Page - National Semiconductor (TI) LM6134 Datasheet HTML 12Page - National Semiconductor (TI) LM6134 Datasheet HTML 13Page - National Semiconductor (TI) LM6134 Datasheet HTML 14Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
LM6132/34 Application Hints
(Continued)
cellent response is obtained with a C
f of 39 pF. In Figure 4,
the supplies have been reduced to ±2.5V, the pulse is
4 Vp-p and C
f is 39 pF. The best value for the compensation
capacitor should be established after the board layout is fin-
ished because the value is dependent on board stray capac-
ity, the value of the feedback resistor, the closed loop gain
and, to some extent, the supply voltage.
Another effect that is common to all opamps is the phase
shift caused by the feedback resistor and the input capaci-
tance. This phase shift also reduces phase margin. This ef-
fect is taken care of at the same time as the effect of the ca-
pacitive load when the capacitor is placed across the
feedback resistor.
The circuit shown in
Figure 5 was used for these scope
photos.
Figure 6 shows a method for compensating for load capaci-
tance (C
o) effects by adding both an isolation resistor Ro at
the output and a feedback capacitor C
Fdirectly between the
output and the inverting input pin. Feedback capacitor C
F
compensates for the pole introduced by R
o and Co, minimiz-
ing ringing in the output waveform while the feedback resis-
tor R
F compensates for dc inaccuracies introduced by Ro.
Depending on the size of the load capacitance, the value of
R
ois typically chosen to be between 100Ω to1kΩ.
Typical Applications
3 OPAMP INSTRUMENTATION AMP WITH
RAIL-TO-RAIL INPUT AND OUTPUT
Using the LM6134, a 3 opamp instrumentation amplifier with
rail-to-rail inputs and rail to rail output can be made. These
features make these instrumentation amplifiers ideal for
single supply systems.
Some manufacturers use a precision voltage divider array of
5 resistors to divide the common-mode voltage to get an in-
put range of rail-to-rail or greater. The problem with this
method is that it also divides the signal, so to even get unity
gain, the amplifier must be run at high closed loop gains.
This raises the noise and drift by the internal gain factor and
lowers the input impedance. Any mismatch in these preci-
sion resistors reduces the CMR as well. Using the LM6134,
all of these problems are eliminated.
In this example, amplifiers A and B act as buffers to the dif-
ferential stage (
Figure 7). These buffers assure that the input
impedance is over 100 M
Ω and they eliminate the require-
ment for precision matched resistors in the input stage. They
also assure that the difference amp is driven from a voltage
source. This is necessary to maintain the CMR set by the
matching of R1–R2 with R3–R4.
DS012349-45
FIGURE 3.
DS012349-42
FIGURE 4.
DS012349-43
FIGURE 5.
DS012349-37
FIGURE 6.
www.national.com
10


Similar Part No. - LM6134

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM6134AIM NSC-LM6134AIM Datasheet
1Mb / 24P
   LM6132/LM6134 Dual and Quad Low Power 10 MHz Rail-to-Rail I/O Operational Amplifiers
logo
Texas Instruments
LM6134AIM TI1-LM6134AIM Datasheet
1Mb / 27P
[Old version datasheet]   LM6132/LM6134 Dual and Quad Low Power 10 MHz Rail-to-Rail I/O Operational Amplifiers
LM6134AIM/NOPB TI1-LM6134AIM/NOPB Datasheet
1Mb / 27P
[Old version datasheet]   LM6132/LM6134 Dual and Quad Low Power 10 MHz Rail-to-Rail I/O Operational Amplifiers
logo
National Semiconductor ...
LM6134AIMNOPB NSC-LM6134AIMNOPB Datasheet
1Mb / 24P
   LM6132/LM6134 Dual and Quad Low Power 10 MHz Rail-to-Rail I/O Operational Amplifiers
LM6134AIMX NSC-LM6134AIMX Datasheet
1Mb / 24P
   LM6132/LM6134 Dual and Quad Low Power 10 MHz Rail-to-Rail I/O Operational Amplifiers
More results

Similar Description - LM6134

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM8049-1 SGMICRO-SGM8049-1 Datasheet
716Kb / 19P
   Rail-to-Rail I/O Operational Amplifiers
logo
Texas Instruments
OPA2354-Q1 TI1-OPA2354-Q1 Datasheet
727Kb / 23P
[Old version datasheet]   250 MHz, RAIL-TO-RAIL I/O, CMOS OPERATIONAL AMPLIFIERS
OPA354 TI1-OPA354_16 Datasheet
1Mb / 44P
[Old version datasheet]   250-MHz, Rail-to-Rail I/O, CMOS Operational Amplifiers
OPA354A-Q1 TI1-OPA354A-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   250-MHz, Rail-to-Rail I/O, CMOS Operational Amplifiers
logo
Burr-Brown (TI)
OPA703 BURR-BROWN-OPA703_08 Datasheet
509Kb / 18P
   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA2703EA-2K5G4 TI-OPA2703EA-2K5G4 Datasheet
894Kb / 19P
[Old version datasheet]   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
SG Micro Corp
SGM8634 SGMICRO-SGM8634_15 Datasheet
537Kb / 20P
   Rail-to-Rail I/O CMOS Operational Amplifiers
SGM8621 SGMICRO-SGM8621_16 Datasheet
1Mb / 20P
   Rail-to-Rail I/O CMOS Operational Amplifiers
logo
Texas Instruments
OPA703 TI-OPA703 Datasheet
322Kb / 12P
[Old version datasheet]   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
OPA349 TI1-OPA349_17 Datasheet
1Mb / 24P
[Old version datasheet]   Rail-to-Rail I/O CMOS OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com