Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4080B Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 4080B
Description  14-bit, 200 MSa/s, 16 Mpts arbitrary waveform generator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

4080B Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  4080B Datasheet HTML 1Page - List of Unclassifed Manufacturers 4080B Datasheet HTML 2Page - List of Unclassifed Manufacturers 4080B Datasheet HTML 3Page - List of Unclassifed Manufacturers 4080B Datasheet HTML 4Page - List of Unclassifed Manufacturers 4080B Datasheet HTML 5Page - List of Unclassifed Manufacturers 4080B Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Arbitrary/Function Waveform Generators
4075B Series
Data Sheet
www.bkprecision.com
Technical data subject to change
© B&K Precision Corp. 2014
Features
I
14-bit, 200 MSa/s, 16 Mpts arbitrary
waveform generator
I
Generate sine waveforms up to 80 MHz
I
Bright color LCD display
I
Linear and logarithmic sweep
I
AM/FM/FSK modulation
I
Variable DC offset
I
Adjustable duty cycle
I
Output ON/OFF button
I
Internal/external triggering
I
Gate and burst mode
I
Fully programmable markers
I
Store/recall up to 49 instrument settings
I
Standard USBTMC interface (all models) and
GPIB interface (50 MHz & 80 MHz models
only) supporting SCPI commands
I
Closed case calibration
I
Short circuit protection for resistive and
capacitive loads on outputs and overvoltage
protection on inputs
Point-by-Point Signal Integrity
The 4075B Series Arbitrary/Function Waveform
Generators are versatile high-performance
single- and dual-channel arbitrary waveform
generators with large arbitrary memory depth. The
instruments provide variable output voltages from
0 to 10 Vp-p into 50 ohms or up to 20 Vp-p into
open circuit and a continuously variable DC offset
that allows the output to be injected directly into
circuits at the correct bias level.
These generators combine the benefits of DDS
(direct digital synthesis) and true AWG (arbitrary
waveform generator) architectures without the
limitations of either. Standard waveforms such as
sine, square, and triangle are generated with a
DDS chip, delivering great frequency resolution at
a low cost. Custom arbitrary waveform generation
is implemented with a true point-by-point design,
offering improved signal integrity by producing
significantly less jitter and distortion compared
to a DDS-only architecture. This point-by-point
generation capability allows these instruments
to be used for simulating reliable clock signals,
generating triggers, or validating serial data
buses.
Additionally, these generators can be used with
B&K Precision’s waveform editing software
WaveXpress to create complex arbitrary
waveforms.
Extensive features such as internal or external
AM, FM, and FSK modulation along with
versatile sweep capabilities and variable edge
pulse generation make these generators suitable
for a wide range of applications.
Model
4075B
4078B
4076B
4079B
4077B
4080B
Channels
1
2
1
2
1
2
Sine frequency range
1 µHz – 30 MHz
1 µHz – 50 MHz
1 µHz – 80 MHz
Square frequency range
1 µHz – 30 MHz
1 µHz – 50 MHz
1 µHz – 60 MHz
Arbitrary waveform length
1 Mpts
4 Mpts
16 Mpts
For more information, visit www.bkprecision.com/WaveXpress
I
Both channels offer full functionality and all
parameters can be set independently
I
Synchronize the phase of both channels with
the push of a button
Dual-channel models
Applications
These generators are suitable for applications
such as electronic design, sensor simulation,
functional test, or generation of I/Q modulated
signals.


Similar Part No. - 4080B

ManufacturerPart #DatasheetDescription
logo
LEMO Connectors
4080 LEMO-4080 Datasheet
99Kb / 4P
   B - Indoor keyed
logo
Tyco Electronics
40800 MACOM-40800 Datasheet
34Kb / 1P
   RECEPTACLE, SPARK PLUG
logo
OptoDiode Corp
40800 OPTODIODE-40800 Datasheet
1Mb / 9P
   High-Speed Infrared Emitter with Integrated Drive Electronics
40801 OPTODIODE-40801 Datasheet
1Mb / 9P
   High-Speed Infrared Emitter with Integrated Drive Electronics
logo
Festo Corporation.
4080491 FESTO-4080491 Datasheet
73Kb / 2P
   Digital output module
More results

Similar Description - 4080B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
4053B ETC2-4053B Datasheet
2Mb / 5P
   14-bit, 150 MSa/s, 16k point arbitrary waveform generator
logo
National Instruments Co...
PXI-5422 NI-PXI-5422 Datasheet
371Kb / 3P
   200 MS/s, 16-Bit Arbitrary Waveform Generator
logo
List of Unclassifed Man...
4063 ETC2-4063 Datasheet
544Kb / 5P
   14-bit, 500 MSa/s, 512k point (Ch2 only) arbitrary waveform generator
logo
National Instruments Co...
778697-01 NI-778697-01 Datasheet
469Kb / 4P
   100 MS/s, 16-Bit Arbitrary Waveform Generator
logo
Keysight Technologies
M8195S KEYSIGHT-M8195S Datasheet
3Mb / 22P
   GSa/s Arbitrary Waveform Generator
M9330A KEYSIGHT-M9330A Datasheet
739Kb / 12P
   Arbitrary Waveform Generator
N8241A KEYSIGHT-N8241A Datasheet
1Mb / 13P
   Arbitrary Waveform Generator
logo
Logic Fruit Technologie...
AWG LFTECH-AWG Datasheet
483Kb / 3P
   Arbitrary Waveform Generator
logo
Keysight Technologies
M9331A KEYSIGHT-M9331A Datasheet
747Kb / 12P
   Arbitrary Waveform Generator
E1441A KEYSIGHT-E1441A Datasheet
157Kb / 4P
   Arbitrary Waveform Generator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com