Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2542B-GEN Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # 2542B-GEN
Description  60 MHz (2540B/2540B-GEN) and 100 MHz (2542B/2542B-GEN) bandwidth
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

2542B-GEN Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  2542B-GEN Datasheet HTML 1Page - List of Unclassifed Manufacturers 2542B-GEN Datasheet HTML 2Page - List of Unclassifed Manufacturers 2542B-GEN Datasheet HTML 3Page - List of Unclassifed Manufacturers 2542B-GEN Datasheet HTML 4Page - List of Unclassifed Manufacturers 2542B-GEN Datasheet HTML 5Page - List of Unclassifed Manufacturers 2542B-GEN Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
w w w.bk prec ision.c om
Digital Storage Oscilloscopes
Models 2540B. 2542B, 2540B-GEN, 2542B-GEN
Digital Storage Oscilloscope Specifications
M ode l
2540B /2540B-GEN
2542B/2542B-GEN
Pe rformance Characteris tics
Bandwidth
60 MHz
100 MHz
Real Time Sampling Rate
Single Channel: 1 GSa/s
Dual Channel: 500 MSa/s
Channels
2
Rise time
<5.83 ns
<3.50 ns
Max Memory Depth
(based on sample rate)
1 GSa/s: 16 kpts
500 MSa/s: 8 kpts (dual channel)
500 MSa/s: 2.4 Mpts* (single channel)
≤ 250 MSa/s: 1.2 Mpts* (single and dual channel)
*Maximum number of points can only be extracted via remote
control using the USB, RS232C, or LAN interface.
Vertical Resolution
8 bits
Vertical Sensitivity
2 mV/div -10 V/div (1-2-5 order)
DC Gain Accuracy
10 mV/div to 10 V/div: ±3.0%
2 mV/div, 5 mV/div: ±4.0%
Maximum input voltage
400 V (DC+AC PK-PK, 1 MΩ input impedance, X10),
CAT I
Position Range
±8 divisions away from the center of the screen
Bandwidth Limit
20 MHz selectable
Horizontal Scan Range
2 ns/div to 50 s/div
Timebase Accuracy
±0.01 %
Input Coupling
AC, DC, GND
Input Impedance
1 MΩ || 18 pF
Vertical and Horizontal Zoom
Vertically or horizontally expand or compress a live or stopped
waveform
I /O In terface
USB
USB host port for flash drives, USB device port for remote
control via PC and Comsoft software
RS232
Remote control via PC and Comsoft software
LAN
Remote control via web browser or PC and Comsoft software
Pass/Fail
Pass/Fail output
A cquis ition Mode s
Normal
Display sample data only
Peak Detect
Capture the maximum and minimum values of a signal
Average
Waveform averaged, selectable from 2, 4, 8, 16, 32, 64, 128,
256
T rigger System
Trigger Types
Edge, Pulse Width, Video*
*Support signal Formats: PAL/SECAM, NTSC
Trigger condition : odd field, even field, all lines, or line number
Trigger Modes
Auto, Normal, Single
Trigger Coupling
AC, DC, LF reject, HF reject
Trigger Source
CH1, CH2, EXT, EXT/5, AC Line, Alternating
Pulse Width Trigger
Trigger Modes: Positive Pulse (>,<,=),
Negative Pulse (>,<,=)
Alternative Trigger
CH1 trigger type: Edge, Pulse, Video, Slope
CH2 trigger type: Edge, Pulse, Video, Slope
H ardware Freque ncy Counte r
Reading resolution
5 digits
Range
up to oscilloscope’s maximum bandwidth
Wave form Math and A utomatic Measu reme nts
Math operation
Add, Subtract, Multiply, FFT
FFT
Window mode: Rectangular, Hanning, Hamming, Blackman, Flattop
Sampling points: 1024
Measurements
Max, Min, VPP, High, Low, Amplitude, Average, RMS, Overshoot,
Preshoot, Cycle average, Cycle RMS, Frequency, Period, Rise time,
Fall time, +Width, -Width, +Duty, -Duty, Delay, Phase, X at MAX,
X at MIN
Cu rsors
Types
Voltage, Time
Measurements
ΔV, ΔT, 1/ΔT (frequency)
A uto Se t
Function
Single button automatic setup of both channels for vertical,
horizontal and trigger system. Can be disabled for training purposes
Requirements
Minimum voltage >10 mVpp, 0.5% duty cycle and
minimum frequency >50 Hz
D isplay Syste m
Display
5.7 in. Color TFT, 320 x 234 resolution, 24-bit true color
Wave display range
8 x 12 div
Wave display mode
Dots, Vector
Persistence
Off, Infinite
Waveform interpolation
Sin(x)/x, Linear
Color mode
Normal, Inverted
E nvironmental and Safe ty
Temperature
Operating: 32° F to 104 °F (0 °C to +40 °C)
Non-operating: -4 °F to 131 °F (-20 °C to +55 °C)
Humidity
Maximum 80% R.H. for temperatures up to 87.8 °F (31 °C),
decreasing linearly to 50% R.H. at 104 °F (40 °C)
Altitude
Operating: 9,842.5 ft (3,000 m)
Non-operating: 49,212.6 ft (15,000 m)
Electromagnetic Compatibility
Meets EMC Directive 2004/108/EC,
meets EN61326 Class A
Safety
EN61010-1:2001, EU Low Voltage Directive 2006/95/EC
G eneral
Power Requirements
100-240 VAC, CAT II, 50 VA max, 47 Hz to 440 Hz
Dimensions (WxHxD)
12.6” x 6.16” x 4.84” (320 x 156.5 x 123 mm)
Weight
6.2 lbs. (2.81 kg)
Three-Year Warranty
Supplied Accessories: User manual, two 150 MHz 10:1 passive probes (model PR37A),
power cord, USB interface cable, and certificate of calibration.
One BNC-to-BNC cable (for models 2540B-GEN and 2542B-GEN only)


Similar Part No. - 2542B-GEN

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
2542 PULSE-2542 Datasheet
193Kb / 5P
   SWITCH-MODE TRANSFORMER GUIDE
logo
Shenzhen Tuofeng Semico...
2542 TUOFENG-2542 Datasheet
5Mb / 5P
   Dual N-Channel MOSFET
Mar,2020 V1.0
logo
Littelfuse
254201 LITTELFUSE-254201 Datasheet
102Kb / 1P
   Fuse Blocks and Clips - For NANO2 Surface Mount Fuses
logo
SUYIN USA, INC.
254201MR SUYIN-USA-254201MR Datasheet
247Kb / 1P
   2.54mm PITCH CENTER SINGLE ROW PIN WAFER BREAKABLE Right Angle Type
254201MS SUYIN-USA-254201MS Datasheet
256Kb / 1P
   2.54mm PITCH CENTER SINGLE PIN WAFER BREAKABLE S/T DIP TYPE
More results

Similar Description - 2542B-GEN

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2511 ETC2-2511 Datasheet
474Kb / 7P
   60 MHz (2511/2515) and 100 MHz (2512/2516) bandwidth
logo
Spectrum Microwave, Inc...
SF1880BA02524S SPECTRUM-SF1880BA02524S Datasheet
331Kb / 4P
   1880 MHz SAW Filter 60 MHz Bandwidth
logo
API Technologies Corp
SF1960BA02525S APITECH-SF1960BA02525S Datasheet
138Kb / 3P
   1960 MHz SAW Filter 60 MHz Bandwidth
SF2140BA02540S APITECH-SF2140BA02540S Datasheet
168Kb / 3P
   2140 MHz SAW Filter 60 MHz bandwidth
SF0060CN02291T APITECH-SF0060CN02291T Datasheet
122Kb / 3P
   60 MHz SAW Filter 7.8 MHz bandwidth
SF0060CN02289T APITECH-SF0060CN02289T Datasheet
117Kb / 3P
   60 MHz SAW Filter 0.63 MHz bandwidth
SF0060BA03213T APITECH-SF0060BA03213T Datasheet
146Kb / 3P
   60 MHz SAW Filter 6.15 MHz Bandwidth
SF1880BA02524S APITECH-SF1880BA02524S Datasheet
331Kb / 4P
   1880 MHz SAW Filter 60 MHz Bandwidth
SF0060BA03214T APITECH-SF0060BA03214T Datasheet
144Kb / 3P
   60 MHz SAW Filter 7.8 MHz Bandwidth
logo
Silicon Laboratories
SI52142 SILABS-SI52142 Datasheet
187Kb / 20P
   PCI-EXPRESS GEN 1, GEN 2 & GEN 3 CLOCK TWO OUTPUT GENERATOR WITH 25 MHZ REFERENCE CLOCK
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com