Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1610-21-6A Datasheet(PDF) 3 Page - ETAL Group

Part # 1610-21-6A
Description  Extra low voltage wiring systems on all types of vehicles and marine craft
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

1610-21-6A Datasheet(HTML) 3 Page - ETAL Group

  1610-21-6A Datasheet HTML 1Page - ETAL Group 1610-21-6A Datasheet HTML 2Page - ETAL Group 1610-21-6A Datasheet HTML 3Page - ETAL Group 1610-21-6A Datasheet HTML 4Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Thermal Automotive Circuit Breaker 1610-...
www.e-t-a.de
1646
3
1
Thermal Automotive Circuit Breaker 1610-...
terminal screw
6-32 UNC
tightening torque
max. 1.2 Nm
blade terminal
DIN 46244-A6.3-0.8
(QC .250)
symmetrical hat rail
EN 50022-35x7.5
Weidmüller style label
(not supplied)
25.4
58
48
spring washer
32.6
1.00
1.29
2.28
1.89
symmetrical hat rail
EN 50022-35x7.5
Weidmüller style label
(not supplied)
terminal screw
6-32 UNC
tightening torque
max. 1.2 Nm
spring washer
25.4
58
32.6
48
1.00
1.29
2.28
1.89
blade terminal
DIN 46244-A6.3-0.8
(QC .250)
symmetrical hat rail
EN 50022-35x7.5
25.4
58
32.6
48
Weidmüller style label
(not supplied)
1.00
1.29
2.28
1.89
60
48
1.89
2.36
Socket 12-P10
Socket 12-J20
Socket 12-A10
Dimensions for surface mounting
Other sockets available to special order
Labels: Weidmüller, D-33102 Paderborn
Ordering information Mounting socket 12
Accessories
Accessories for mounting socket 12
Connector bus links -P10
X 210 588 01/ 1.5 mm2 (AWG 16), brown (up to 13 A max. load)
X 210 588 02/ 2.5 mm2 (AWG 14), black (up to 20 A max. load)
X 210 588 03/ 2.5 mm2 (AWG 14), red (up to 20 A max. load)
X 210 588 04/ 2.5 mm2 (AWG 14), blue (up to 20 A max. load)
12.8
7
154.8
cylinder head screw ISO1207-M4x4
nickel plated
washer A 4.3 DIN 125
nickel plated
max.cross section 35 mm2 (AWG 2)
M4
fusible link 1.1mm (.043 in.)
thick constriction)
Cu rail,
tin-plated
6.09
.504
.276
Bus bar (supplied as a complete package)
(up to 100 A max. load)
X 211 157 01 with terminal
X 211 157 02 without terminal
100 quick-connect tabs 6.3 (.250)
DIN 46247 tinned brass,
insulated
Type No.
12
Mounting socket
Terminal design
P10
blade terminals A 6.3-0.8 (QC .250)
J20
screw terminals 6-32 UNC
A10
1 blade terminal A6.3-0.8 (QC .250) / 1 screw terminal 6-32 UNC
Version
(blank) single socket
20
two-way
30
three-way
40
four-way
60
six-way
12 - P10 - 20
ordering example
Labels: Weidmüller, D-33102 Paderborn
This is a metric design and millimeter dimensions take precedence ( mm )
inch
All dimensions without tolerances are for reference only. In the interest of improved design,
performance and cost effectiveness the right to make changes in these specifications
without notice is reserved.Product markings may not be exactly as the ordering codes.
Errors and omissions excepted.


Similar Part No. - 1610-21-6A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1610-01 ETC2-1610-01 Datasheet
72Kb / 1P
   KNOB
More results

Similar Description - 1610-21-6A

ManufacturerPart #DatasheetDescription
logo
ETAL Group
129-L11-H-KF ETAL-129-L11-H-KF Datasheet
129Kb / 2P
   Extra low voltage wiring systems on all types of vehicles and marine craft
1170-21 ETAL-1170-21 Datasheet
218Kb / 4P
   Extra low voltage wiring systems on all types of vehicles and marine craft
4120-G ETAL-4120-G Datasheet
268Kb / 4P
   Extra low voltage wiring systems on all types of vehicles for land sea and air
413-K14 ETAL-413-K14 Datasheet
209Kb / 4P
   Extra low voltage wiring systems on all types of vehicles for land, sea and air; defence equipment; battery powered machines
482-G ETAL-482-G Datasheet
261Kb / 4P
   Extra low voltage wiring systems on all types of vehicles for land, sea and air, battery powered machines, process control
1160-02-12A ETAL-1160-02-12A Datasheet
103Kb / 2P
   Automotive and marine extra low voltage wiring systems and components, battery powered appliances
452-K34 ETAL-452-K34 Datasheet
165Kb / 2P
   Extra low voltage wiring systems on all types of vehicle for land, sea and air; defence equipment; battery powered machines.
2-5200-H ETAL-2-5200-H Datasheet
188Kb / 2P
   Extra low voltage wiring systems and components
437-K12 ETAL-437-K12 Datasheet
206Kb / 2P
   Battery and cable protection for all types of vehicles (including rail vehicles and boats), battery powered systems
3200-5A ETAL-3200-5A Datasheet
210Kb / 4P
   Control equipment, extra-low voltage wiring systems and components
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com