Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1410-L110-L1F1-S01-2A Datasheet(PDF) 1 Page - ETAL Group

Part # 1410-L110-L1F1-S01-2A
Description  Motors, transformers, solenoids, PCBs, hand-held machines, appliances, instrumentation.
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

1410-L110-L1F1-S01-2A Datasheet(HTML) 1 Page - ETAL Group

  1410-L110-L1F1-S01-2A Datasheet HTML 1Page - ETAL Group 1410-L110-L1F1-S01-2A Datasheet HTML 2Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Thermal Overcurrent Circuit Breaker 1410-L1
www.e-t-a.de
1651
1
1
Description
Typical applications
Ordering information
Approvals
Technical data
Single pole press-to-reset thermal circuit breaker with extremely fast
overload switching performance (R-type TO CBE to EN 60934).
Miniaturised construction minimises PCB real estate required.
PCB mounting or integral mounting. Largely temperature-insensitive.
Motors, transformers, solenoids, PCBs, hand-held machines, appliances,
instrumentation.
1410-L1...
Standard current ratings and typical internal resistance values
Type No.
1410 single pole circuit breaker
Configuration
L integral mounting or PCB mounting
Mounting
1 footprint 16.3x4.6
Number of poles
1 1-pole, thermally protected
Hardware
0
without
Terminal design
L1 solder pins 1.8x0.8 silver-plated
Characteristic curve
F1 fast acting
Actuator, Type and Colour
S01
reset button, black
Current ratings
0.63...10 A
1410 - L 1 1 0 - L1 F1 - S01 - 0.8 A
ordering example
*mounting hardware bulk shipped
For further details please see chapter: Technical Information
Voltage rating
AC 240 V; DC 28 V
(UL: AC 250 V; DC 50 V)
Current rating range 1-2
0.63...10 A
Typical life
AC 240 V: 0.63...2.25 A 500 break operations at 2 x IN, inductive
2.5...10 A
500 break operations at 2 x IN, resistive
DC 50 V: 0.63...2.25 A 500 break operations at 2 x IN, inductive
DC 28 V: 2.5...10 A
500 break operations at 2 x IN, inductive
Ambient temperature
-20...+70 °C (-4...+158 °F)
Insulation co-ordination
rated impulse
pollution
(IEC 60664 and 60664 A)
withstand voltage
degree
2.5 kV
2
reinforced insulation in operating area
Dielectric strength
(IEC 60664 and 60664A)
test voltage
operating area
AC 1,500 V
Insulation resistance
> 100 MΩ (DC 500 V)
Interrupting capacity Icn
0.63...2 A
12 x IN
(o-o-o)
2.5...8 A
8 x IN, AC max. 50 A
10 A
6 x IN, AC
3.15...10 A
10 x IN, DC
Interrupting capacity
0.63...10 A
2,000 A
AC 250 V
(UL 1077)
0.63...10 A
200 A
DC 50 V
Degree of protection
operating area IP40
(IEC 60529/DIN 40050)
terminal area IP00
Vibration
8 g (57-500 Hz) ± 0.61 mm (10-57 Hz),
to IEC 60068-2-6, test Fc,
10 frequency cycles/axis
Shock
20 g (11 ms)
to IEC 60068-2-27, test Ea
Corrosion
48 hours at 5 % salt mist,
to IEC 60068-2-11, test Ka
Humidity
96 hours at 95 % RH
to IEC 60068-2-78, test Cab
Mass
approx. 5 g
Current
rating (A)
Internal
resistance (Ω)
Current
rating (A)
Internal
resistance (Ω)
0.63
1.8
3.15
< 0.12
0.8
1.7
4
< 0.1
1
1.3
5
< 0.1
1.5
< 1
6.3
< 0.1
1.8
< 1
8
< 0.1
2
< 1
10
< 0.1
2.5
< 0.15
Preferred types
Standard current ratings (A)
0.63 0.8 1 1.5 2 2.5 3.15 4 5 6.3 8 10
1410-L110-L1F1-
S01-
x
x
x
x
x
x
x
x
x
x
x
x
Preferred types
Authority
Standard
Rated voltage
Current ratings
VDE
IEC/EN 60934
AC 240 V
DC 50 V
DC 28 V
0.63 A…6,3 A
0.63 A…2.25 A
2.5 A…10 A
UL
UL 1077
AC 250 V
DC 50 V
0.63 A…10 A
0.63 A…10 A
CSA
C22.2 No 235
AC 125 V
DC 48 V
0.63 A…8 A
0.63 A…8 A


Similar Part No. - 1410-L110-L1F1-S01-2A

ManufacturerPart #DatasheetDescription
logo
ETAL Group
1410-L110-L1F1-S01-2A ETAL-1410-L110-L1F1-S01-2A Datasheet
153Kb / 2P
   Motors, transformers, solenoids, PCBs, hand-held machines, appliances, instrumentation
More results

Similar Description - 1410-L110-L1F1-S01-2A

ManufacturerPart #DatasheetDescription
logo
ETAL Group
1410-F110-P1-F1-W14Q ETAL-1410-F110-P1-F1-W14Q Datasheet
191Kb / 2P
   Motors, transformers, solenoids, PCBs, hand-held machines, appliances, instrumentation
1410-L110-L1F1 ETAL-1410-L110-L1F1 Datasheet
153Kb / 2P
   Motors, transformers, solenoids, PCBs, hand-held machines, appliances, instrumentation
1410-L210-L2F1 ETAL-1410-L210-L2F1_16 Datasheet
255Kb / 2P
   Motors, transformers, solenoids, PCBs, hand-held machines, appliances, instrumentation
1140-E211-P1M1 ETAL-1140-E211-P1M1 Datasheet
292Kb / 2P
   Motors, transformers, solenoids, hand-held machines and appliances
104-PR ETAL-104-PR Datasheet
347Kb / 4P
   Motors, transformers, solenoids, printed circuit boards, hand-held machines and appliances, marine applications, caravans.
1110-F112-P1M1 ETAL-1110-F112-P1M1 Datasheet
179Kb / 2P
   Motors, transformers, solenoids, extra low voltage systems, household and office machines, instrumentation, marine applications, mobile homes
4130-G211 ETAL-4130-G211 Datasheet
166Kb / 2P
   Motors, transformers, solenoids, battery chargers, power supplies, appliances, machinery, extra low voltage systems
157-P10-KF-10A ETAL-157-P10-KF-10A Datasheet
233Kb / 4P
   Motors, transformers, solenoids, extra low voltage wiring systems
127-P10-H-KF ETAL-127-P10-H-KF Datasheet
262Kb / 4P
   Motors, transformers, solenoids, battery chargers, extra low voltage systems
2-6400 ETAL-2-6400 Datasheet
212Kb / 4P
   Motors, transformers, solenoids, controls for oil and gas boilers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com