Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZSPM8060-KIT Datasheet(PDF) 10 Page - Integrated Device Technology

Part # ZSPM8060-KIT
Description  Ultra-Compact, High-Performance High-Frequency DrMOS Device
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZSPM8060-KIT Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button ZSPM8060-KIT Datasheet HTML 6Page - Integrated Device Technology ZSPM8060-KIT Datasheet HTML 7Page - Integrated Device Technology ZSPM8060-KIT Datasheet HTML 8Page - Integrated Device Technology ZSPM8060-KIT Datasheet HTML 9Page - Integrated Device Technology ZSPM8060-KIT Datasheet HTML 10Page - Integrated Device Technology ZSPM8060-KIT Datasheet HTML 11Page - Integrated Device Technology ZSPM8060-KIT Datasheet HTML 12Page - Integrated Device Technology ZSPM8060-KIT Datasheet HTML 13Page - Integrated Device Technology ZSPM8060-KIT Datasheet HTML 14Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
ZSPM9060 Datasheet
© 2016 Integrated Device Technology, Inc.
10
January 27, 2016
Figure 1.5
Power Loss vs. Driver Supply Voltage
Figure 1.6
Power Loss vs. Output Voltage
0.90
0.95
1.00
1.05
1.10
1.15
4.0
4.5
5.0
5.5
6.0
Driver Supply Voltage, VDRV & VCIN (V)
VIN = 12V, VOUT = 1V, FSW = 300kHz, IOUT = 30A
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
Module Output Voltage, VOUT (V)
VIN = 12V, VDRV & VCIN = 5V, FSW = 300kHz, IOUT = 30A
Figure 1.7
Power Loss vs. Output Inductance
Figure 1.8
Driver Supply Current vs. Switch Frequency
0.975
0.980
0.985
0.990
0.995
1.000
1.005
200
250
300
350
400
450
500
Output Inductor, LOUT (nH)
VIN = 12V, VDRV & VCIN = 5V, FSW = 300kHz, VOUT = 1V, IOUT = 30A
10
20
30
40
50
60
70
100
200
300
400
500
600
700
800
900
1000 1100
Module Switching Frequency, FSW (kHz)
VIN = 12V, VDRV & VCIN = 5V, VOUT = 1V, IOUT = 0A


Similar Part No. - ZSPM8060-KIT

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ZSPM8060-KIT RENESAS-ZSPM8060-KIT Datasheet
888Kb / 31P
   Ultra-Compact, High-Performance, High-Frequency DrMOS Device
January 27, 2016
More results

Similar Description - ZSPM8060-KIT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ZSPM9015 ETC2-ZSPM9015 Datasheet
727Kb / 24P
   Ultra-Compact, High-Performance, High-Frequency DrMOS Device
logo
Integrated Device Techn...
ZSPM9015 IDT-ZSPM9015 Datasheet
434Kb / 22P
   Ultra-Compact, High-Performance, High-Frequency DrMOS Device
logo
Renesas Technology Corp
ZSPM9015 RENESAS-ZSPM9015 Datasheet
607Kb / 23P
   Ultra-Compact, High-Performance, High-Frequency DrMOS Device
January 25, 2016
ZSPM9060 RENESAS-ZSPM9060 Datasheet
888Kb / 31P
   Ultra-Compact, High-Performance, High-Frequency DrMOS Device
January 27, 2016
logo
Integrated Device Techn...
ZSPM9010 IDT-ZSPM9010 Datasheet
851Kb / 29P
   Ultra-Compact, High-Performance DrMOS Device
logo
Renesas Technology Corp
ZSPM9010 RENESAS-ZSPM9010 Datasheet
1Mb / 30P
   Ultra-Compact, High-Performance DrMOS Device
January 25, 2016
logo
List of Unclassifed Man...
ZSPM9000 ETC2-ZSPM9000 Datasheet
1Mb / 28P
   Ultra-Compact, High-Performance DrMOS Device
logo
Integrated Device Techn...
ZSPM9000 IDT-ZSPM9000 Datasheet
952Kb / 28P
   Ultra-Compact, High-Performance DrMOS Device
logo
List of Unclassifed Man...
ZSPM9010 ETC2-ZSPM9010 Datasheet
1Mb / 27P
   Ultra-Compact, High-Performance DrMOS Device
logo
Renesas Technology Corp
ZSPM9000 RENESAS-ZSPM9000 Datasheet
1Mb / 29P
   Ultra-Compact, High-Performance DrMOS Device
January 27, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com