Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZSPM8015-KIT Datasheet(PDF) 7 Page - Integrated Device Technology

Part # ZSPM8015-KIT
Description  Ultra-Compact, High-Performance, High-Frequency DrMOS Device
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZSPM8015-KIT Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button ZSPM8015-KIT Datasheet HTML 3Page - Integrated Device Technology ZSPM8015-KIT Datasheet HTML 4Page - Integrated Device Technology ZSPM8015-KIT Datasheet HTML 5Page - Integrated Device Technology ZSPM8015-KIT Datasheet HTML 6Page - Integrated Device Technology ZSPM8015-KIT Datasheet HTML 7Page - Integrated Device Technology ZSPM8015-KIT Datasheet HTML 8Page - Integrated Device Technology ZSPM8015-KIT Datasheet HTML 9Page - Integrated Device Technology ZSPM8015-KIT Datasheet HTML 10Page - Integrated Device Technology ZSPM8015-KIT Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
ZSPM9015 Datasheet
© 2016 Integrated Device Technology, Inc.
7
January 25, 2016
DISB# Input
High-Level Input Voltage
VIH_DISB#
2.0
V
Low-Level Input Voltage
VIL_DISB#
0.8
V
Hysteresis
500
mV
Propagation Delay
tPD_DISB
20
40
ns
Zero Current Detection
High-Level Input Voltage
VIH_ZCD_EN#
2.0
V
Low-Level Input Voltage
VIL_ZCD_EN#
0.8
V
ZCD Threshold
-6
mV
ZCD Timer
tZCD_DISB
250
ns
Thermal Warning Flag
Activation Temperature
TACT
150
°C
Reset Temperature
TRST
135
°C
Thermal Shutdown
Activation Temperature
180
ºC
Reset Temperature
TRST_SD
135
°C
Boot Diode
Forward-Voltage Drop
VF
VCIN = 5V, forward bias
current = 2mA
0.1
0.4
0.6
V


Similar Part No. - ZSPM8015-KIT

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ZSPM8015-KIT RENESAS-ZSPM8015-KIT Datasheet
607Kb / 23P
   Ultra-Compact, High-Performance, High-Frequency DrMOS Device
January 25, 2016
More results

Similar Description - ZSPM8015-KIT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ZSPM9015 ETC2-ZSPM9015 Datasheet
727Kb / 24P
   Ultra-Compact, High-Performance, High-Frequency DrMOS Device
logo
Integrated Device Techn...
ZSPM9060 IDT-ZSPM9060 Datasheet
715Kb / 30P
   Ultra-Compact, High-Performance High-Frequency DrMOS Device
logo
Renesas Technology Corp
ZSPM9015 RENESAS-ZSPM9015 Datasheet
607Kb / 23P
   Ultra-Compact, High-Performance, High-Frequency DrMOS Device
January 25, 2016
ZSPM9060 RENESAS-ZSPM9060 Datasheet
888Kb / 31P
   Ultra-Compact, High-Performance, High-Frequency DrMOS Device
January 27, 2016
logo
Integrated Device Techn...
ZSPM9010 IDT-ZSPM9010 Datasheet
851Kb / 29P
   Ultra-Compact, High-Performance DrMOS Device
logo
Renesas Technology Corp
ZSPM9010 RENESAS-ZSPM9010 Datasheet
1Mb / 30P
   Ultra-Compact, High-Performance DrMOS Device
January 25, 2016
logo
List of Unclassifed Man...
ZSPM9000 ETC2-ZSPM9000 Datasheet
1Mb / 28P
   Ultra-Compact, High-Performance DrMOS Device
logo
Integrated Device Techn...
ZSPM9000 IDT-ZSPM9000 Datasheet
952Kb / 28P
   Ultra-Compact, High-Performance DrMOS Device
logo
List of Unclassifed Man...
ZSPM9010 ETC2-ZSPM9010 Datasheet
1Mb / 27P
   Ultra-Compact, High-Performance DrMOS Device
logo
Renesas Technology Corp
ZSPM9000 RENESAS-ZSPM9000 Datasheet
1Mb / 29P
   Ultra-Compact, High-Performance DrMOS Device
January 27, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com