Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS9FG108 Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # ICS9FG108
Description  Programmable FTG for Differential P4 CPU, PCI-Express & SATA Clocks
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9FG108 Datasheet(HTML) 2 Page - Integrated Circuit Systems

  ICS9FG108 Datasheet HTML 1Page - Integrated Circuit Systems ICS9FG108 Datasheet HTML 2Page - Integrated Circuit Systems ICS9FG108 Datasheet HTML 3Page - Integrated Circuit Systems ICS9FG108 Datasheet HTML 4Page - Integrated Circuit Systems ICS9FG108 Datasheet HTML 5Page - Integrated Circuit Systems ICS9FG108 Datasheet HTML 6Page - Integrated Circuit Systems ICS9FG108 Datasheet HTML 7Page - Integrated Circuit Systems ICS9FG108 Datasheet HTML 8Page - Integrated Circuit Systems ICS9FG108 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2
Integrated
Circuit
Systems, Inc.
ICS9FG108
Advance Information
0823—04/02/04
Pin Description
PIN #
PIN NAME
PIN TYPE
DESCRIPTION
1
XIN/CLKIN
IN
Crystal input or Reference Clock input
2
X2
OUT
Crystal output, Nominally 14.318MHz
3
VDD
PWR
Power supply, nominal 3.3V
4
GND
PWR
Ground pin.
5
REFOUT
IN
Reference Clock output
6
FS2
IN
Frequency select pin.
7
OE_7**
IN
Active high input for enabling outputs.
0 = tri-state outputs, 1= enable outputs
8
DIF_7
OUT
0.7V differential true clock outputs
9
DIF_7#
OUT
0.7V differential complement clock outputs
10
VDD
PWR
Power supply, nominal 3.3V
11
DIF_6
OUT
0.7V differential true clock outputs
12
DIF_6#
OUT
0.7V differential complement clock outputs
13
OE_6*
IN
Active high input for enabling outputs.
0 = tri-state outputs, 1= enable outputs
14
VDD
PWR
Power supply, nominal 3.3V
15
GND
PWR
Ground pin.
16
OE_5*
IN
Active high input for enabling outputs.
0 = tri-state outputs, 1= enable outputs
17
DIF_5
OUT
0.7V differential true clock outputs
18
DIF_5#
OUT
0.7V differential complement clock outputs
19
VDD
PWR
Power supply, nominal 3.3V
20
DIF_4
OUT
0.7V differential true clock outputs
21
DIF_4#
OUT
0.7V differential complement clock outputs
22
OE_4**
IN
Active high input for enabling outputs.
0 = tri-state outputs, 1= enable outputs
23
SDATA
I/O
Data pin for SMBus circuitry, 5V tolerant.
24
SCLK
IN
Clock pin of SMBus circuitry, 5V tolerant.
Note:
Pin names followed by '**' have 120 Kohm pull DOWN resistors
Pin names followed by '*' have 120 Kohm pull UP resistors


Similar Part No. - ICS9FG108

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS9FG108 IDT-ICS9FG108 Datasheet
252Kb / 19P
   Frequency Generator for CPU, QPI, FBD, PCIe Gen 2 & SATA
ICS9FG108D IDT-ICS9FG108D Datasheet
172Kb / 18P
   Frequency Generator for CPU, QPI, FBD, PCIe Gen 2 & SATA
logo
Renesas Technology Corp
ICS9FG108E RENESAS-ICS9FG108E Datasheet
450Kb / 20P
   FREQUENCY GENERATOR FOR CPU, QPI, FBD, PCIE GEN1/2 & SATA
2019
logo
Integrated Device Techn...
ICS9FG108YFLF-T IDT-ICS9FG108YFLF-T Datasheet
252Kb / 19P
   Frequency Generator for CPU, QPI, FBD, PCIe Gen 2 & SATA
ICS9FG108YGLF-T IDT-ICS9FG108YGLF-T Datasheet
252Kb / 19P
   Frequency Generator for CPU, QPI, FBD, PCIe Gen 2 & SATA
More results

Similar Description - ICS9FG108

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9FG107 ICST-ICS9FG107 Datasheet
108Kb / 14P
   Programmable FTG for Differential CPU, PCI Express & SATA Clocks
ICS9FG104 ICST-ICS9FG104 Datasheet
162Kb / 15P
   Programmable FTG for Differential P4TM CPU, PCI-Express & SATA Clocks
logo
Integrated Device Techn...
ICS9FG107 IDT-ICS9FG107 Datasheet
225Kb / 18P
   Programmable FTG for Differential P4TM CPU, PCI-Express & SATA Clocks
logo
Renesas Technology Corp
ICS9FG107 RENESAS-ICS9FG107 Datasheet
366Kb / 19P
   Programmable FTG for Differential P4TM CPU, PCI-Express & SATA Clocks
2019
logo
Integrated Circuit Syst...
ICS9FG110 ICST-ICS9FG110 Datasheet
19Kb / 1P
   Programmable FTG for Differential PCI-Express
logo
Renesas Technology Corp
ICS9FG1901 RENESAS-ICS9FG1901 Datasheet
424Kb / 18P
   Frequency Generator for P4™ CPU, PCI Express™ & Fully Buffered DIMM Clocks
2019
logo
Integrated Device Techn...
8413S12I-100 IDT-8413S12I-100 Datasheet
795Kb / 33P
   Ten 100MHz clocks for PCI Express
logo
SpectraLinear Inc
CY28400 SPECTRALINEAR-CY28400 Datasheet
163Kb / 12P
   100 MHz Differential Buffer for PCI Express and SATA
logo
Cypress Semiconductor
CY28400 CYPRESS-CY28400_05 Datasheet
220Kb / 13P
   100-MHz Differential Buffer for PCI Express and SATA
CY28400 CYPRESS-CY28400 Datasheet
245Kb / 14P
   100-MHz Differential Buffer for PCI Express and SATA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com