Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZSPM9000 Datasheet(PDF) 11 Page - Integrated Device Technology

Part # ZSPM9000
Description  Ultra-Compact, High-Performance DrMOS Device
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZSPM9000 Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button ZSPM9000 Datasheet HTML 7Page - Integrated Device Technology ZSPM9000 Datasheet HTML 8Page - Integrated Device Technology ZSPM9000 Datasheet HTML 9Page - Integrated Device Technology ZSPM9000 Datasheet HTML 10Page - Integrated Device Technology ZSPM9000 Datasheet HTML 11Page - Integrated Device Technology ZSPM9000 Datasheet HTML 12Page - Integrated Device Technology ZSPM9000 Datasheet HTML 13Page - Integrated Device Technology ZSPM9000 Datasheet HTML 14Page - Integrated Device Technology ZSPM9000 Datasheet HTML 15Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
ZSPM9000 Datasheet
© 2016 Integrated Device Technology, Inc.
11
January 27, 2016
Figure 1.9
Driver Supply Current vs. Driver
Supply Voltage
Figure 1.10
Driver Supply Current vs. Output
Current
.
Figure 1.11
PWM Thresholds vs. Driver Supply
Voltage
0.0
0.5
1.0
1.5
2.0
2.5
3.0
4.80
4.90
5.00
5.10
5.20
Driver Supply Voltage (V)
VIL_PWM
VTRI_LO
VTRI_Hi
VIH_PWM
VHiZ_PWM
Figure 1.12
PWM Thresholds vs. Temperature
0.0
0.5
1.0
1.5
2.0
2.5
3.0
-50
-25
0
25
50
75
100
125
150
Temperature (oC)
VIL_PWM
VTRI_LO
VTRI_HI
VIH_PWM
V
CIN = 5V


Similar Part No. - ZSPM9000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ZSPM9000 ETC2-ZSPM9000 Datasheet
1Mb / 28P
   Ultra-Compact, High-Performance DrMOS Device
logo
Renesas Technology Corp
ZSPM9000 RENESAS-ZSPM9000 Datasheet
1Mb / 29P
   Ultra-Compact, High-Performance DrMOS Device
January 27, 2016
logo
List of Unclassifed Man...
ZSPM9000AI1R ETC2-ZSPM9000AI1R Datasheet
1Mb / 28P
   Ultra-Compact, High-Performance DrMOS Device
logo
Renesas Technology Corp
ZSPM9000AI1R RENESAS-ZSPM9000AI1R Datasheet
1Mb / 29P
   Ultra-Compact, High-Performance DrMOS Device
January 27, 2016
More results

Similar Description - ZSPM9000

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ZSPM9010 IDT-ZSPM9010 Datasheet
851Kb / 29P
   Ultra-Compact, High-Performance DrMOS Device
logo
Renesas Technology Corp
ZSPM9010 RENESAS-ZSPM9010 Datasheet
1Mb / 30P
   Ultra-Compact, High-Performance DrMOS Device
January 25, 2016
logo
List of Unclassifed Man...
ZSPM9000 ETC2-ZSPM9000 Datasheet
1Mb / 28P
   Ultra-Compact, High-Performance DrMOS Device
ZSPM9010 ETC2-ZSPM9010 Datasheet
1Mb / 27P
   Ultra-Compact, High-Performance DrMOS Device
logo
Renesas Technology Corp
ZSPM9000 RENESAS-ZSPM9000 Datasheet
1Mb / 29P
   Ultra-Compact, High-Performance DrMOS Device
January 27, 2016
logo
List of Unclassifed Man...
ZSPM9015 ETC2-ZSPM9015 Datasheet
727Kb / 24P
   Ultra-Compact, High-Performance, High-Frequency DrMOS Device
logo
Integrated Device Techn...
ZSPM9060 IDT-ZSPM9060 Datasheet
715Kb / 30P
   Ultra-Compact, High-Performance High-Frequency DrMOS Device
ZSPM9015 IDT-ZSPM9015 Datasheet
434Kb / 22P
   Ultra-Compact, High-Performance, High-Frequency DrMOS Device
logo
Renesas Technology Corp
ZSPM9015 RENESAS-ZSPM9015 Datasheet
607Kb / 23P
   Ultra-Compact, High-Performance, High-Frequency DrMOS Device
January 25, 2016
ZSPM9060 RENESAS-ZSPM9060 Datasheet
888Kb / 31P
   Ultra-Compact, High-Performance, High-Frequency DrMOS Device
January 27, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com