Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZSPM9000 Datasheet(PDF) 9 Page - Integrated Device Technology

Part # ZSPM9000
Description  Ultra-Compact, High-Performance DrMOS Device
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZSPM9000 Datasheet(HTML) 9 Page - Integrated Device Technology

Back Button ZSPM9000 Datasheet HTML 5Page - Integrated Device Technology ZSPM9000 Datasheet HTML 6Page - Integrated Device Technology ZSPM9000 Datasheet HTML 7Page - Integrated Device Technology ZSPM9000 Datasheet HTML 8Page - Integrated Device Technology ZSPM9000 Datasheet HTML 9Page - Integrated Device Technology ZSPM9000 Datasheet HTML 10Page - Integrated Device Technology ZSPM9000 Datasheet HTML 11Page - Integrated Device Technology ZSPM9000 Datasheet HTML 12Page - Integrated Device Technology ZSPM9000 Datasheet HTML 13Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
ZSPM9000 Datasheet
© 2016 Integrated Device Technology, Inc.
9
January 27, 2016
1.4.
Typical Performance Characteristics
Test conditions: VIN=12V, VOUT=1.0V, VCIN=5V, VDRV=5V, LOUT=320nH, TAMB=25°C, and natural convection cool-
ing, unless otherwise specified.
Figure 1.1
Safe Operating Area
Figure 1.2
Module Power Loss vs. Output Current
Figure 1.3
Power Loss vs. Switching Frequency
Figure 1.4
Power Loss vs. Input Voltage


Similar Part No. - ZSPM9000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ZSPM9000 ETC2-ZSPM9000 Datasheet
1Mb / 28P
   Ultra-Compact, High-Performance DrMOS Device
logo
Renesas Technology Corp
ZSPM9000 RENESAS-ZSPM9000 Datasheet
1Mb / 29P
   Ultra-Compact, High-Performance DrMOS Device
January 27, 2016
logo
List of Unclassifed Man...
ZSPM9000AI1R ETC2-ZSPM9000AI1R Datasheet
1Mb / 28P
   Ultra-Compact, High-Performance DrMOS Device
logo
Renesas Technology Corp
ZSPM9000AI1R RENESAS-ZSPM9000AI1R Datasheet
1Mb / 29P
   Ultra-Compact, High-Performance DrMOS Device
January 27, 2016
More results

Similar Description - ZSPM9000

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ZSPM9010 IDT-ZSPM9010 Datasheet
851Kb / 29P
   Ultra-Compact, High-Performance DrMOS Device
logo
Renesas Technology Corp
ZSPM9010 RENESAS-ZSPM9010 Datasheet
1Mb / 30P
   Ultra-Compact, High-Performance DrMOS Device
January 25, 2016
logo
List of Unclassifed Man...
ZSPM9000 ETC2-ZSPM9000 Datasheet
1Mb / 28P
   Ultra-Compact, High-Performance DrMOS Device
ZSPM9010 ETC2-ZSPM9010 Datasheet
1Mb / 27P
   Ultra-Compact, High-Performance DrMOS Device
logo
Renesas Technology Corp
ZSPM9000 RENESAS-ZSPM9000 Datasheet
1Mb / 29P
   Ultra-Compact, High-Performance DrMOS Device
January 27, 2016
logo
List of Unclassifed Man...
ZSPM9015 ETC2-ZSPM9015 Datasheet
727Kb / 24P
   Ultra-Compact, High-Performance, High-Frequency DrMOS Device
logo
Integrated Device Techn...
ZSPM9060 IDT-ZSPM9060 Datasheet
715Kb / 30P
   Ultra-Compact, High-Performance High-Frequency DrMOS Device
ZSPM9015 IDT-ZSPM9015 Datasheet
434Kb / 22P
   Ultra-Compact, High-Performance, High-Frequency DrMOS Device
logo
Renesas Technology Corp
ZSPM9015 RENESAS-ZSPM9015 Datasheet
607Kb / 23P
   Ultra-Compact, High-Performance, High-Frequency DrMOS Device
January 25, 2016
ZSPM9060 RENESAS-ZSPM9060 Datasheet
888Kb / 31P
   Ultra-Compact, High-Performance, High-Frequency DrMOS Device
January 27, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com