Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZSPM9000 Datasheet(PDF) 24 Page - Integrated Device Technology

Part # ZSPM9000
Description  Ultra-Compact, High-Performance DrMOS Device
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZSPM9000 Datasheet(HTML) 24 Page - Integrated Device Technology

Back Button ZSPM9000 Datasheet HTML 20Page - Integrated Device Technology ZSPM9000 Datasheet HTML 21Page - Integrated Device Technology ZSPM9000 Datasheet HTML 22Page - Integrated Device Technology ZSPM9000 Datasheet HTML 23Page - Integrated Device Technology ZSPM9000 Datasheet HTML 24Page - Integrated Device Technology ZSPM9000 Datasheet HTML 25Page - Integrated Device Technology ZSPM9000 Datasheet HTML 26Page - Integrated Device Technology ZSPM9000 Datasheet HTML 27Page - Integrated Device Technology ZSPM9000 Datasheet HTML 28Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
ZSPM9000 Datasheet
© 2016 Integrated Device Technology, Inc.
24
January 27, 2016
4.2.
Pin Description
Pin
Name
Description
1
SMOD#
When SMOD#=HIGH, the low-side driver is the inverse of PWM input. When SMOD#=LOW,
the low-side driver is disabled. This pin has a 10µA internal pull-up current source. Do not add
a noise filter capacitor.
2
VCIN
Linear regulator 5V output. Minimum 1µF X5R/X7R ceramic capacitor to CGND is required.
3
VDRV
Linear regulator input. Minimum 1µF X5R/X7R ceramic capacitor to CGND is required.
4
BOOT
Bootstrap supply input. Provides voltage supply to the high-side MOSFET driver. Connect a
bootstrap capacitor from this pin to PHASE.
5, 37, 41
CGND
Ground return for driver IC.
6
GH
Gate high. For manufacturing test only. This pin must float: it must not be connected.
7
PHASE
Switch node pin for bootstrap capacitor routing; electrically shorted to VSWH pin.
8
NC
No connection. The pin is not electrically connected internally but can be connected to VIN for
convenience.
9 - 14, 42
VIN
Input power voltage (output stage supply voltage).
15, 29 - 35, 43
VSWH
Switch node. Provides return for high-side bootstrapped driver and acts as a sense point for
the adaptive shoot-through protection.
16 – 28
PGND
Power ground (output stage ground). Source pin of the low-side MOSFET.
36
GL
Gate low. For manufacturing test only. This pin must float. It must not be connected.
38
THWN#
Thermal warning flag, open collector output. When temperature exceeds the trip limit, the
output is pulled LOW. THWN# does not disable the module.
39
DISB#
Output disable. When LOW, this pin disables the power MOSFET switching (GH and GL are
held LOW). This pin has a 10µA internal pull-down current source. Do not add a noise filter
capacitor.
40
PWM
PWM signal input. This pin accepts a tri-state 3.3V PWM signal from the controller.


Similar Part No. - ZSPM9000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ZSPM9000 ETC2-ZSPM9000 Datasheet
1Mb / 28P
   Ultra-Compact, High-Performance DrMOS Device
logo
Renesas Technology Corp
ZSPM9000 RENESAS-ZSPM9000 Datasheet
1Mb / 29P
   Ultra-Compact, High-Performance DrMOS Device
January 27, 2016
logo
List of Unclassifed Man...
ZSPM9000AI1R ETC2-ZSPM9000AI1R Datasheet
1Mb / 28P
   Ultra-Compact, High-Performance DrMOS Device
logo
Renesas Technology Corp
ZSPM9000AI1R RENESAS-ZSPM9000AI1R Datasheet
1Mb / 29P
   Ultra-Compact, High-Performance DrMOS Device
January 27, 2016
More results

Similar Description - ZSPM9000

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ZSPM9010 IDT-ZSPM9010 Datasheet
851Kb / 29P
   Ultra-Compact, High-Performance DrMOS Device
logo
Renesas Technology Corp
ZSPM9010 RENESAS-ZSPM9010 Datasheet
1Mb / 30P
   Ultra-Compact, High-Performance DrMOS Device
January 25, 2016
logo
List of Unclassifed Man...
ZSPM9000 ETC2-ZSPM9000 Datasheet
1Mb / 28P
   Ultra-Compact, High-Performance DrMOS Device
ZSPM9010 ETC2-ZSPM9010 Datasheet
1Mb / 27P
   Ultra-Compact, High-Performance DrMOS Device
logo
Renesas Technology Corp
ZSPM9000 RENESAS-ZSPM9000 Datasheet
1Mb / 29P
   Ultra-Compact, High-Performance DrMOS Device
January 27, 2016
logo
List of Unclassifed Man...
ZSPM9015 ETC2-ZSPM9015 Datasheet
727Kb / 24P
   Ultra-Compact, High-Performance, High-Frequency DrMOS Device
logo
Integrated Device Techn...
ZSPM9060 IDT-ZSPM9060 Datasheet
715Kb / 30P
   Ultra-Compact, High-Performance High-Frequency DrMOS Device
ZSPM9015 IDT-ZSPM9015 Datasheet
434Kb / 22P
   Ultra-Compact, High-Performance, High-Frequency DrMOS Device
logo
Renesas Technology Corp
ZSPM9015 RENESAS-ZSPM9015 Datasheet
607Kb / 23P
   Ultra-Compact, High-Performance, High-Frequency DrMOS Device
January 25, 2016
ZSPM9060 RENESAS-ZSPM9060 Datasheet
888Kb / 31P
   Ultra-Compact, High-Performance, High-Frequency DrMOS Device
January 27, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com