Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZSPM4551 Datasheet(PDF) 27 Page - Integrated Device Technology

Part # ZSPM4551
Description  High-Efficiency Charger for Li-Ion Batteries
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZSPM4551 Datasheet(HTML) 27 Page - Integrated Device Technology

Back Button ZSPM4551 Datasheet HTML 21Page - Integrated Device Technology ZSPM4551 Datasheet HTML 22Page - Integrated Device Technology ZSPM4551 Datasheet HTML 23Page - Integrated Device Technology ZSPM4551 Datasheet HTML 24Page - Integrated Device Technology ZSPM4551 Datasheet HTML 25Page - Integrated Device Technology ZSPM4551 Datasheet HTML 26Page - Integrated Device Technology ZSPM4551 Datasheet HTML 27Page - Integrated Device Technology ZSPM4551 Datasheet HTML 28Page - Integrated Device Technology ZSPM4551 Datasheet HTML 29Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 27 / 29 page
background image
ZSPM4551 Datasheet
© 2016 Integrated Device Technology, Inc.
27
January 29, 2016
Figure 5.3 is a representation of how the heat can be conducted away from the die using an exposed pad
package. Each application will have different requirements and limitations, and therefore the user should use
sufficient copper to dissipate the power in the system. The output current rating for the linear regulators might
need to be de-rated for ambient temperatures above 85°C. The de-rated value will depend on calculated worst
case power dissipation and the thermal management implementation in the application.
Figure 5.3
Conducting Heat Away from the Die using an Exposed Pad Package
Mold compound
Die
Epoxy Die attach
Exposed pad
Solder
Thermal Vias with Cu plating
Single Layer, 2oz Cu
Ground Layer, 1oz Cu
Signal Layer, 1oz Cu
Bottom Layer, 2oz Cu
20% Cu coverage
90% Cu coverage
5% - 10% Cu coverage
Note: NOT to scale.
5.2.
Single-Layer PCB Layout
Layout recommendations for a single-layer PCB: Utilize as much copper area for power management as possible.
In a single-layer board application, the thermal pad is attached to a heat spreader (copper areas) by using a low
thermal impedance attachment method (solder paste or thermal conductive epoxy).
In both of the methods mentioned above, it is advisable to use as much copper trace as possible to dissipate the
heat.


Similar Part No. - ZSPM4551

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ZSPM4551 ETC2-ZSPM4551 Datasheet
1Mb / 30P
   High-Efficiency Charger for Li-Ion Batteries
logo
Renesas Technology Corp
ZSPM4551 RENESAS-ZSPM4551 Datasheet
636Kb / 30P
   High-Efficiency Charger for Li-Ion Batteries
January 29, 2016
logo
List of Unclassifed Man...
ZSPM4551AA1R ETC2-ZSPM4551AA1R Datasheet
1Mb / 30P
   High-Efficiency Charger for Li-Ion Batteries
logo
Renesas Technology Corp
ZSPM4551AA1R RENESAS-ZSPM4551AA1R Datasheet
636Kb / 30P
   High-Efficiency Charger for Li-Ion Batteries
January 29, 2016
logo
List of Unclassifed Man...
ZSPM4551AA1W ETC2-ZSPM4551AA1W Datasheet
1Mb / 30P
   High-Efficiency Charger for Li-Ion Batteries
More results

Similar Description - ZSPM4551

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ZSPM4551 RENESAS-ZSPM4551 Datasheet
636Kb / 30P
   High-Efficiency Charger for Li-Ion Batteries
January 29, 2016
logo
Integrated Device Techn...
ZSPM4521 IDT-ZSPM4521 Datasheet
470Kb / 30P
   High-Efficiency Charger for Li-Ion Batteries
logo
List of Unclassifed Man...
ZSPM4551 ETC2-ZSPM4551 Datasheet
1Mb / 30P
   High-Efficiency Charger for Li-Ion Batteries
logo
Renesas Technology Corp
ZSPM4521 RENESAS-ZSPM4521 Datasheet
642Kb / 31P
   High-Efficiency Charger for Li-Ion Batteries with Photovoltaic Sources
January 27, 2016
logo
List of Unclassifed Man...
ZSPM4521 ETC2-ZSPM4521 Datasheet
273Kb / 3P
   High-Efficiency Charger for Li-Ion Batteries with Photovoltaic Sources
logo
Mean Well Enterprises C...
RCB-1600 MEANWELL-RCB-1600 Datasheet
193Kb / 6P
   CHARGER FOR LEAD-ACID BATTERIES AND LI-ION BATTERIES
logo
Intersil Corporation
ISL9220B INTERSIL-ISL9220B_10 Datasheet
463Kb / 15P
   Switching Charger for 1-Cell Li-ion Batteries
ISL6292BCR INTERSIL-ISL6292BCR Datasheet
293Kb / 12P
   Complete Charger for Single-Cell Li-ion Batteries
April 19, 2005
logo
List of Unclassifed Man...
TS55001 ETC2-TS55001 Datasheet
1Mb / 22P
   High Efficiency Li-Ion Battery Charger
logo
Intersil Corporation
ISL9219IRZ INTERSIL-ISL9219IRZ Datasheet
226Kb / 12P
   Complete Charger for Single-Cell Li-ion/Polymer Batteries
April 7, 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com