Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZSPM4523 Datasheet(PDF) 15 Page - Integrated Device Technology

Part # ZSPM4523
Description  High-Efficiency Solar PV MPPT Regulator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZSPM4523 Datasheet(HTML) 15 Page - Integrated Device Technology

Back Button ZSPM4523 Datasheet HTML 11Page - Integrated Device Technology ZSPM4523 Datasheet HTML 12Page - Integrated Device Technology ZSPM4523 Datasheet HTML 13Page - Integrated Device Technology ZSPM4523 Datasheet HTML 14Page - Integrated Device Technology ZSPM4523 Datasheet HTML 15Page - Integrated Device Technology ZSPM4523 Datasheet HTML 16Page - Integrated Device Technology ZSPM4523 Datasheet HTML 17Page - Integrated Device Technology ZSPM4523 Datasheet HTML 18Page - Integrated Device Technology ZSPM4523 Datasheet HTML 19Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
ZSPM4523 Datasheet
© 2016 Integrated Device Technology, Inc.
15
January 29, 2016
Table 3.3
Configuration Register CONFIG1—Address 02HEX
Note: All of the CONFIG1 register bits are READ/WRITE.
Data Bit
D7
D6
D5
D4
D3
D2
D1
D0
Field Name
Not Used
V_TERM [2:0]
Not Used
Field Name
Bit Definition
V_TERM [2:0]
Voltage Termination (VOUT) Configuration:
000 – 2.48V
001 – 2.54V
010 – 2.60V
011 – 2.66V
100 – 2.68V
101 – 2.72V
110 – 2.74V
111 – (Factory use only)
Table 3.4
Configuration Register CONFIG3—Address 04HEX
Note: All of the CONFIG3 register bits are READ/WRITE.
Data Bit
D7
D6
D5
D4
D3
D2
D1
D0
Field Name
MAX_CHRG_CURR [3:0]
Not Used
Field Name
Bit Definition
MAX_CHRG_CURR [3:0]
Maximum Charge Current (IOUT) Configuration:
0000 – 50mA
0001 – 100mA
0010 – 200mA
0011 – 300mA
0100 – 400mA
0101 – 500mA
0110 – 600mA
0111 – 700mA
1000 – 800mA
1001 – 900mA
1010 – 1000mA
1011 – 1100mA
1100 – 1200mA
1101 – 1300mA
1110 – 1400mA
1111 – 1500mA


Similar Part No. - ZSPM4523

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ZSPM4523 ETC2-ZSPM4523 Datasheet
271Kb / 3P
   High-Efficiency Solar PV MPPT Regulator for Super Cap Systems
logo
Renesas Technology Corp
ZSPM4523 RENESAS-ZSPM4523 Datasheet
515Kb / 25P
   High-Efficiency Solar PV MPPT Regulator for Super Capacitor Systems
January 29, 2016
logo
List of Unclassifed Man...
ZSPM4523AA1R ETC2-ZSPM4523AA1R Datasheet
271Kb / 3P
   High-Efficiency Solar PV MPPT Regulator for Super Cap Systems
logo
Renesas Technology Corp
ZSPM4523AA1R RENESAS-ZSPM4523AA1R Datasheet
515Kb / 25P
   High-Efficiency Solar PV MPPT Regulator for Super Capacitor Systems
January 29, 2016
logo
List of Unclassifed Man...
ZSPM4523AA1W ETC2-ZSPM4523AA1W Datasheet
271Kb / 3P
   High-Efficiency Solar PV MPPT Regulator for Super Cap Systems
More results

Similar Description - ZSPM4523

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ZSPM4523 RENESAS-ZSPM4523 Datasheet
515Kb / 25P
   High-Efficiency Solar PV MPPT Regulator for Super Capacitor Systems
January 29, 2016
logo
List of Unclassifed Man...
ZSPM4523 ETC2-ZSPM4523 Datasheet
271Kb / 3P
   High-Efficiency Solar PV MPPT Regulator for Super Cap Systems
logo
STMicroelectronics
SPV1040 STMICROELECTRONICS-SPV1040 Datasheet
618Kb / 15P
   High efficiency solar battery charger with embedded MPPT
logo
Linear Technology
LT8490 LINER-LT8490 Datasheet
413Kb / 8P
   High Efficiency MPPT Battery Charger Controller
logo
Tycon Systems, Inc.
TPDIN-SC48-20 TYCONSYSTEMS-TPDIN-SC48-20 Datasheet
320Kb / 2P
   MPPT Solar Controller w/ Monitor and PoE Switch
Rev 7 6-May-20
logo
Molex Electronics Ltd.
1302031250 MOLEX-1302031250 Datasheet
115Kb / 1P
   UNLOCK TOOL, PV SOLAR DC CONNECTOR
1302031290 MOLEX11-1302031290 Datasheet
115Kb / 1P
   UNLOCK TOOL, PV SOLAR DC CONNECTOR
logo
Mean Well Enterprises C...
ISI-500 MEANWELL-ISI-500 Datasheet
402Kb / 2P
   Modified Sine Wave DC-AC Inverter with MPPT Solar Charger
ISI-500_1109 MEANWELL-ISI-500_1109 Datasheet
334Kb / 2P
   Modified Sine Wave DC-AC Inverter with MPPT Solar Charger
logo
Shenzhen Huazhimei Semi...
HM4036 HMSEMI-HM4036 Datasheet
612Kb / 13P
   Boost type battery charging integrated circuit with solar panel MPPT function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com