Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZSPM8735-KIT Datasheet(PDF) 11 Page - Integrated Device Technology

Part # ZSPM8735-KIT
Description  True Digital PWM Controller
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZSPM8735-KIT Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button ZSPM8735-KIT Datasheet HTML 7Page - Integrated Device Technology ZSPM8735-KIT Datasheet HTML 8Page - Integrated Device Technology ZSPM8735-KIT Datasheet HTML 9Page - Integrated Device Technology ZSPM8735-KIT Datasheet HTML 10Page - Integrated Device Technology ZSPM8735-KIT Datasheet HTML 11Page - Integrated Device Technology ZSPM8735-KIT Datasheet HTML 12Page - Integrated Device Technology ZSPM8735-KIT Datasheet HTML 13Page - Integrated Device Technology ZSPM8735-KIT Datasheet HTML 14Page - Integrated Device Technology ZSPM8735-KIT Datasheet HTML 15Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
ZSPM1035C / ZSPM1035D Datasheet
© 2016 Integrated Device Technology, Inc.
11
January 25, 2016
A high-reliability, high-temperature one-time programmable memory (OTP) is used to store configuration param-
eters. All required bias and reference voltages are internally derived from the external supply voltage.
Figure 2.2
Block Diagram
Sequencer
Configurable
Error Handler
Clock
Generation
OV Detection
OC Detection
FLASH
ADC
CPU Core
NVM
(OTP)
1.8V Reg
Digital
1.8V Reg
Analog
VREF
VFBP
VFBN
AVDD18
VDD18
Adaptive Digital
Controller
PWM
LSE
PWM
VFB
Digital Control Loop
ISNSP
ISNSN
Current Sensing
HKADC
Int. Temp
Sense
TEMP
Bias
Current
Source
VREFP
3.3V
Reg
GPIO
DAC
DAC
Average Current
Sensing
OT Detection
Vin OV/UV
Detection
CONFIG0
CONFIG1
VIN
VDD33
Vout UV Detection


Similar Part No. - ZSPM8735-KIT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ZSPM8735-KIT ETC2-ZSPM8735-KIT Datasheet
3Mb / 41P
   True Digital PWM Controller (Single-Phase, Single-Rail)
logo
Renesas Technology Corp
ZSPM8735-KIT RENESAS-ZSPM8735-KIT Datasheet
1Mb / 39P
   True Digital PWM Controller (Single-Phase, Single-Rail)
January 25, 2016
More results

Similar Description - ZSPM8735-KIT

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ZSPM1025C IDT-ZSPM1025C Datasheet
1Mb / 38P
   True Digital PWM Controller
ZSPM1035A IDT-ZSPM1035A Datasheet
1Mb / 45P
   True Digital PWM Controller
ZSPM1063 IDT-ZSPM1063 Datasheet
175Kb / 2P
   True Digital PWM Controller
ZSPM2000 IDT-ZSPM2000 Datasheet
499Kb / 42P
   True Digital PWM Controller
ZSPM1005 IDT-ZSPM1005 Datasheet
58Kb / 2P
   True Digital PWM Controller
ZSPM1501ZA1W0 IDT-ZSPM1501ZA1W0 Datasheet
8Mb / 101P
   True-Digital PWM Controller
ZSPM1000 IDT-ZSPM1000 Datasheet
92Kb / 2P
   True Digital PWM Controller
ZSPM1025A IDT-ZSPM1025A Datasheet
1Mb / 45P
   True Digital PWM Controller
ZSPM1363 IDT-ZSPM1363 Datasheet
58Kb / 2P
   True Digital PWM
logo
List of Unclassifed Man...
ZSPM1035C ETC2-ZSPM1035C Datasheet
3Mb / 41P
   True Digital PWM Controller (Single-Phase, Single-Rail)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com