Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZSPM1501ZA1W0 Datasheet(PDF) 77 Page - Integrated Device Technology

Part # ZSPM1501ZA1W0
Description  True-Digital PWM Controller
Download  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZSPM1501ZA1W0 Datasheet(HTML) 77 Page - Integrated Device Technology

Back Button ZSPM1501ZA1W0 Datasheet HTML 73Page - Integrated Device Technology ZSPM1501ZA1W0 Datasheet HTML 74Page - Integrated Device Technology ZSPM1501ZA1W0 Datasheet HTML 75Page - Integrated Device Technology ZSPM1501ZA1W0 Datasheet HTML 76Page - Integrated Device Technology ZSPM1501ZA1W0 Datasheet HTML 77Page - Integrated Device Technology ZSPM1501ZA1W0 Datasheet HTML 78Page - Integrated Device Technology ZSPM1501ZA1W0 Datasheet HTML 79Page - Integrated Device Technology ZSPM1501ZA1W0 Datasheet HTML 80Page - Integrated Device Technology ZSPM1501ZA1W0 Datasheet HTML 81Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 101 page
background image
ZSPM15xx Datasheet
© 2016 Integrated Device Technology, Inc.
77
January 27, 2016
5.31. ZSPM1508 – Typical Load Transient Response –Capacitor Range 3 – Comp2
Test conditions: VIN = 12.0V, VOUT = 3.30V
Minimum output capacitance: 2 x 100µF/10V X5R + 2x 470µF/7m
Ω
Maximum output capacitance: 4 x 100µF/10V X5R + 2 x 47µF/10V X7R + 4 x 470µF/7m
Ω
Figure 5.151 ZSPM1508 with Comp2; 5A to 10A Load Step;
and Min. Capacitance
Figure 5.152 ZSPM1508 with Comp2; 10A to 5A Load Step;
and Min. Capacitance
Figure 5.153 ZSPM1508 with Comp2; 5A to 10A Load Step;
and Max. Capacitance
Figure 5.154 ZSPM1508 with Comp2; 10A to 5A Load Step;
and Max. Capacitance
Figure 5.155 Open Loop Bode Plots for ZSPM1508 with Comp2
-180
-150
-120
-90
-60
-30
0
30
60
90
120
150
180
-40
-30
-20
-10
0
10
20
30
40
0.1
1
10
100
Frequency [kHz]
Max Caps - Gain
Min Caps - Gain
Max Caps - Phase
Min Caps - Phase
Ch1 (Blue):
VOUT 20mV/div AC
Ch2 (Cyan):
PWM 5V/div DC
Ch3 (Violet):
Load Trigger 5V/div DC
Time Scale:
40µs/div
Ch1 (Blue):
VOUT 20mV/div AC
Ch2 (Cyan):
PWM 5V/div DC
Ch3 (Violet):
Load Trigger 5V/div DC
Time Scale:
40µs/div
Ch1 (Blue):
VOUT 20mV/div AC
Ch2 (Cyan):
PWM 5V/div DC
Ch3 (Violet):
Load Trigger 5V/div DC
Time Scale:
40µs/div
Ch1 (Blue):
VOUT 20mV/div AC
Ch2 (Cyan):
PWM 5V/div DC
Ch3 (Violet):
Load Trigger 5V/div DC
Time Scale:
40µs/div


Similar Part No. - ZSPM1501ZA1W0

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ZSPM1501ZA1W0 RENESAS-ZSPM1501ZA1W0 Datasheet
8Mb / 102P
   True-Digital PWM Controller (Single-Phase, Single-Rail)
January 27, 2016
More results

Similar Description - ZSPM1501ZA1W0

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ZSPM1025C IDT-ZSPM1025C Datasheet
1Mb / 38P
   True Digital PWM Controller
ZSPM1035A IDT-ZSPM1035A Datasheet
1Mb / 45P
   True Digital PWM Controller
ZSPM1035C IDT-ZSPM1035C Datasheet
1Mb / 38P
   True Digital PWM Controller
ZSPM1063 IDT-ZSPM1063 Datasheet
175Kb / 2P
   True Digital PWM Controller
ZSPM2000 IDT-ZSPM2000 Datasheet
499Kb / 42P
   True Digital PWM Controller
ZSPM1005 IDT-ZSPM1005 Datasheet
58Kb / 2P
   True Digital PWM Controller
ZSPM1000 IDT-ZSPM1000 Datasheet
92Kb / 2P
   True Digital PWM Controller
ZSPM1025A IDT-ZSPM1025A Datasheet
1Mb / 45P
   True Digital PWM Controller
ZSPM1363 IDT-ZSPM1363 Datasheet
58Kb / 2P
   True Digital PWM
logo
List of Unclassifed Man...
ZSPM1035C ETC2-ZSPM1035C Datasheet
3Mb / 41P
   True Digital PWM Controller (Single-Phase, Single-Rail)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com