Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZSPM1501ZA1W0 Datasheet(PDF) 42 Page - Integrated Device Technology

Part # ZSPM1501ZA1W0
Description  True-Digital PWM Controller
Download  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZSPM1501ZA1W0 Datasheet(HTML) 42 Page - Integrated Device Technology

Back Button ZSPM1501ZA1W0 Datasheet HTML 38Page - Integrated Device Technology ZSPM1501ZA1W0 Datasheet HTML 39Page - Integrated Device Technology ZSPM1501ZA1W0 Datasheet HTML 40Page - Integrated Device Technology ZSPM1501ZA1W0 Datasheet HTML 41Page - Integrated Device Technology ZSPM1501ZA1W0 Datasheet HTML 42Page - Integrated Device Technology ZSPM1501ZA1W0 Datasheet HTML 43Page - Integrated Device Technology ZSPM1501ZA1W0 Datasheet HTML 44Page - Integrated Device Technology ZSPM1501ZA1W0 Datasheet HTML 45Page - Integrated Device Technology ZSPM1501ZA1W0 Datasheet HTML 46Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 101 page
background image
ZSPM15xx Datasheet
© 2016 Integrated Device Technology, Inc.
42
January 27, 2016
Table 4.9 gives a complete list of the selectable compensation loop parameters and slew rates together with the
equivalent pin-strap resistor values (R3) for the ZSPM1501 to ZSPM1506 and the ZSPM1511 to ZSPM1513.
Table 4.10, Table 4.11, and Table 4.12 provide the values and settings for the ZSPM1507, ZSPM1508, and
ZSPM1509 respectively.
Table 4.9
Compensator and VOUT Slew Rate Pin Strap Resistor Selection for the ZSPM1501 to ZSPM1506 and the
ZSPM1511 to ZSPM1513
Index
Resistor
Value
Using the
E96 Series
Compensator
Vout
Slew Rate
Index
Resistor
Value
Using the
E96 Series
Compensator
Vout
Slew Rate
0
0
Ω
Comp0
(Capacitor
Range #1)
2.700 V/ms
14
4.750kΩ
Comp2
(Capacitor
Range #3)
2.700 V/ms
1
392
Ω
1.350 V/ms
15
5.360kΩ
1.350 V/ms
2
576
Ω
0.675 V/ms
16
6.040kΩ
0.675 V/ms
3
787
Ω
0.300 V/ms
17
6.810kΩ
0.300 V/ms
4
1.000kΩ
0.200 V/ms
18
7.680kΩ
0.200 V/ms
5
1.240kΩ
0.150 V/ms
19
8.660kΩ
0.150 V/ms
6
1.500kΩ
0.100 V/ms
20
9.530kΩ
0.100 V/ms
7
1.780kΩ
Comp1
(Capacitor
Range #2)
2.700 V/ms
21
10.50kΩ
Comp3
(Capacitor
Range #4)
2.700 V/ms
8
2.100kΩ
1.350 V/ms
22
11.80kΩ
1.350 V/ms
9
2.430kΩ
0.675 V/ms
23
13.00kΩ
0.675 V/ms
10
2.800kΩ
0.300 V/ms
24
14.30kΩ
0.300 V/ms
11
3.240kΩ
0.200 V/ms
25
15.80kΩ
0.200 V/ms
12
3.740kΩ
0.150 V/ms
26
17.40kΩ
0.150 V/ms
13
4.220kΩ
0.100 V/ms
27
19.10kΩ
0.100 V/ms


Similar Part No. - ZSPM1501ZA1W0

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ZSPM1501ZA1W0 RENESAS-ZSPM1501ZA1W0 Datasheet
8Mb / 102P
   True-Digital PWM Controller (Single-Phase, Single-Rail)
January 27, 2016
More results

Similar Description - ZSPM1501ZA1W0

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ZSPM1025C IDT-ZSPM1025C Datasheet
1Mb / 38P
   True Digital PWM Controller
ZSPM1035A IDT-ZSPM1035A Datasheet
1Mb / 45P
   True Digital PWM Controller
ZSPM1035C IDT-ZSPM1035C Datasheet
1Mb / 38P
   True Digital PWM Controller
ZSPM1063 IDT-ZSPM1063 Datasheet
175Kb / 2P
   True Digital PWM Controller
ZSPM2000 IDT-ZSPM2000 Datasheet
499Kb / 42P
   True Digital PWM Controller
ZSPM1005 IDT-ZSPM1005 Datasheet
58Kb / 2P
   True Digital PWM Controller
ZSPM1000 IDT-ZSPM1000 Datasheet
92Kb / 2P
   True Digital PWM Controller
ZSPM1025A IDT-ZSPM1025A Datasheet
1Mb / 45P
   True Digital PWM Controller
ZSPM1363 IDT-ZSPM1363 Datasheet
58Kb / 2P
   True Digital PWM
logo
List of Unclassifed Man...
ZSPM1035C ETC2-ZSPM1035C Datasheet
3Mb / 41P
   True Digital PWM Controller (Single-Phase, Single-Rail)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com