Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZSPM1501ZA1W0 Datasheet(PDF) 17 Page - Integrated Device Technology

Part # ZSPM1501ZA1W0
Description  True-Digital PWM Controller
Download  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZSPM1501ZA1W0 Datasheet(HTML) 17 Page - Integrated Device Technology

Back Button ZSPM1501ZA1W0 Datasheet HTML 13Page - Integrated Device Technology ZSPM1501ZA1W0 Datasheet HTML 14Page - Integrated Device Technology ZSPM1501ZA1W0 Datasheet HTML 15Page - Integrated Device Technology ZSPM1501ZA1W0 Datasheet HTML 16Page - Integrated Device Technology ZSPM1501ZA1W0 Datasheet HTML 17Page - Integrated Device Technology ZSPM1501ZA1W0 Datasheet HTML 18Page - Integrated Device Technology ZSPM1501ZA1W0 Datasheet HTML 19Page - Integrated Device Technology ZSPM1501ZA1W0 Datasheet HTML 20Page - Integrated Device Technology ZSPM1501ZA1W0 Datasheet HTML 21Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 101 page
background image
ZSPM15xx Datasheet
© 2016 Integrated Device Technology, Inc.
17
January 27, 2016
PARAMETER
SYMBOL
CONDITIONS
MIN
TYPICAL
MAX
UNITS
Digital pulse width modulator
Switching frequency
fSW
500
kHz
Resolution
163
ps
Frequency accuracy
2.0
%
Duty cycle
2.5
100
%
External temperature measurement (note: only PN-junction sense elements are supported)
Offset voltage at 25°C
583
mV
Temperature coefficient
-2.2
mV/K
Bias currents for external
temperature sensing
60
µA
Accuracy of measurement
±5.0
K
Over-temperature threshold
105
°C
Internal temperature measurement
Accuracy of measurement
±5.0
K
Over-temperature threshold
95
°C


Similar Part No. - ZSPM1501ZA1W0

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ZSPM1501ZA1W0 RENESAS-ZSPM1501ZA1W0 Datasheet
8Mb / 102P
   True-Digital PWM Controller (Single-Phase, Single-Rail)
January 27, 2016
More results

Similar Description - ZSPM1501ZA1W0

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ZSPM1025C IDT-ZSPM1025C Datasheet
1Mb / 38P
   True Digital PWM Controller
ZSPM1035A IDT-ZSPM1035A Datasheet
1Mb / 45P
   True Digital PWM Controller
ZSPM1035C IDT-ZSPM1035C Datasheet
1Mb / 38P
   True Digital PWM Controller
ZSPM1063 IDT-ZSPM1063 Datasheet
175Kb / 2P
   True Digital PWM Controller
ZSPM2000 IDT-ZSPM2000 Datasheet
499Kb / 42P
   True Digital PWM Controller
ZSPM1005 IDT-ZSPM1005 Datasheet
58Kb / 2P
   True Digital PWM Controller
ZSPM1000 IDT-ZSPM1000 Datasheet
92Kb / 2P
   True Digital PWM Controller
ZSPM1025A IDT-ZSPM1025A Datasheet
1Mb / 45P
   True Digital PWM Controller
ZSPM1363 IDT-ZSPM1363 Datasheet
58Kb / 2P
   True Digital PWM
logo
List of Unclassifed Man...
ZSPM1035C ETC2-ZSPM1035C Datasheet
3Mb / 41P
   True Digital PWM Controller (Single-Phase, Single-Rail)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com