Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZSPM8035-KIT Datasheet(PDF) 2 Page - Integrated Device Technology

Part # ZSPM8035-KIT
Description  True Digital PWM Controller
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZSPM8035-KIT Datasheet(HTML) 2 Page - Integrated Device Technology

  ZSPM8035-KIT Datasheet HTML 1Page - Integrated Device Technology ZSPM8035-KIT Datasheet HTML 2Page - Integrated Device Technology ZSPM8035-KIT Datasheet HTML 3Page - Integrated Device Technology ZSPM8035-KIT Datasheet HTML 4Page - Integrated Device Technology ZSPM8035-KIT Datasheet HTML 5Page - Integrated Device Technology ZSPM8035-KIT Datasheet HTML 6Page - Integrated Device Technology ZSPM8035-KIT Datasheet HTML 7Page - Integrated Device Technology ZSPM8035-KIT Datasheet HTML 8Page - Integrated Device Technology ZSPM8035-KIT Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 45 page
background image
True Digital PWM Controller
(Single-Phase, Single-Rail)
ZSPM1035A
Datasheet
© 2016 Integrated Device Technology, Inc.
2
January 27, 2016
Typical Applications
Telecom Switches
Servers and Storage
Base Stations
Network Routers
Industrial Applications
Single-Rail/Single-Phase
Supplies for Processors,
ASICs, FPGAs, DSPs
Ordering Information
Sales Code
Description
Package
ZSPM1035AA1W 1 ZSPM1035A Lead-free QFN24 — Temperature range: -40°C to +125°C *
Reel
ZSPM8035-KIT
Evaluation Kit for ZSPM1035A with PMBus™ Communication Interface — Pink Power Designer™ GUI
for kit can be downloaded from the IDT web site at www.IDT.com/ZSPM1035A
Kit
* This product is sold under a limited license from PowerOne, Inc. related to digital power technology as set forth in U.S. Patent 7000125 and other related
patents owned by PowerOne, Inc. This license does not extend to stand-alone power supply products.
Corporate Headquarters
6024 Silver Creek Valley Road
San Jose, CA 95138
www.IDT.com
Sales
1-800-345-7015 or 408-284-8200
Fax: 408-284-2775
www.IDT.com/go/sales
Tech Support
www.IDT.com/go/support
DISCLAIMER Integrated Device Technology, Inc. (IDT) reserves the right to modify the products and/or specifications described herein at any time, without notice, at IDT's sole discretion. Performance
specifications and operating parameters of the described products are determined in an independent state and are not guaranteed to perform the same way when installed in customer products. The
information contained herein is provided without representation or warranty of any kind, whether express or implied, including, but not limited to, the suitability of IDT's products for any particular purpose, an
implied warranty of merchantability, or non-infringement of the intellectual property rights of others. This document is presented only as a guide and does not convey any license under intellectual property
rights of IDT or any third parties.
IDT's products are not intended for use in applications involving extreme environmental conditions or in life support systems or similar devices where the failure or malfunction of an IDT product can be
reasonably expected to significantly affect the health or safety of users. Anyone using an IDT product in such a manner does so at their own risk, absent an express, written agreement by IDT.
Integrated Device Technology, IDT and the IDT logo are trademarks or registered trademarks of IDT and its subsidiaries in the United States and other countries. Other trademarks used herein are the
property of IDT or their respective third party owners. For datasheet type definitions and a glossary of common terms, visit www.idt.com/go/glossary. All contents of this document are copyright of Integrated
Device Technology, Inc. All rights reserved.
Sequencer
Configurable
Error Handler
Clock
Generation
OV Detection
OC Detection
FLASH
ADC
CPU Core
NVM
(OTP)
1.8V Reg
Digital
1.8V Reg
Analog
VREF
VFBP
VFBN
AVDD18
VDD18
Adaptive Digital
Controller
PWM
LSE
PWM
VFB
Digital Control Loop
ISNSP
ISNSN
Current Sensing
HKADC
Int. Temp
Sense
TEMP
Bias
Current
Source
VREFP
3.3V
Reg
SMBus
GPIO
DAC
DAC
Current
Limiting
Average Current
Sensing
OT Detection
Vin OV/UV
Detection
ADDR0
ADDR1
VIN
VDD33
Vout UV Detection
ZSPM1035A Block Diagram


Similar Part No. - ZSPM8035-KIT

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ZSPM8035-KIT RENESAS-ZSPM8035-KIT Datasheet
1Mb / 46P
   True Digital PWM Controller (Single-Phase, Single-Rail)
January 27, 2016
More results

Similar Description - ZSPM8035-KIT

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ZSPM1025C IDT-ZSPM1025C Datasheet
1Mb / 38P
   True Digital PWM Controller
ZSPM1035C IDT-ZSPM1035C Datasheet
1Mb / 38P
   True Digital PWM Controller
ZSPM1063 IDT-ZSPM1063 Datasheet
175Kb / 2P
   True Digital PWM Controller
ZSPM2000 IDT-ZSPM2000 Datasheet
499Kb / 42P
   True Digital PWM Controller
ZSPM1005 IDT-ZSPM1005 Datasheet
58Kb / 2P
   True Digital PWM Controller
ZSPM1501ZA1W0 IDT-ZSPM1501ZA1W0 Datasheet
8Mb / 101P
   True-Digital PWM Controller
ZSPM1000 IDT-ZSPM1000 Datasheet
92Kb / 2P
   True Digital PWM Controller
ZSPM1025A IDT-ZSPM1025A Datasheet
1Mb / 45P
   True Digital PWM Controller
ZSPM1363 IDT-ZSPM1363 Datasheet
58Kb / 2P
   True Digital PWM
logo
List of Unclassifed Man...
ZSPM1035C ETC2-ZSPM1035C Datasheet
3Mb / 41P
   True Digital PWM Controller (Single-Phase, Single-Rail)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com