Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1180-01-2A Datasheet(PDF) 1 Page - ETAL Group

Part # 1180-01-2A
Description  Protection of loads in power distribution systems in control cabinets and process control
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

1180-01-2A Datasheet(HTML) 1 Page - ETAL Group

  1180-01-2A Datasheet HTML 1Page - ETAL Group 1180-01-2A Datasheet HTML 2Page - ETAL Group 1180-01-2A Datasheet HTML 3Page - ETAL Group 1180-01-2A Datasheet HTML 4Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Thermal Overcurrent Circuit Breaker 1180-...
www.e-t-a.de
1636
1
1
Description
Typical applications
Ordering information
Approvals
Technical data
Miniaturised single pole thermal circuit breaker with switching function
optional (push-push actuation). Reliable snap-acting and trip-free
mechanism. Approved to CBE standard EN/IEC 60934. S-type, TO.
Blade terminals fitting into sockets for rail mounting.
Protection of loads in power distribution systems in control cabinets
and process control.
1180-...
Voltage rating
AC 250 V; DC 65 V
(UL, UL Canada: AC 250 V; DC 72 V)
Current ratings
0.1...10 A
Typical life
6,000 operations at 1 x IN (low-inductance)
3,000 operations at 1 x IN (inductive)
500 operations at 2 x IN (inductive)
Ambient temperature
-20...+60 °C (T 60) -4...+140 °F
Insulation co-ordination
rated impulse
pollution
(IEC 60664 and 60664 A)
withstand voltage
degree
2.5 kV
2
reinforced insulation in operating area
Dielectric strength
(IEC 60664 and 60664A)
test voltage
operating area
AC 3,000 V
installation area
AC 1,500 V
Insulation resistance
> 100 MΩ (DC 500 V)
Interrupting capacity Icn
0,1…5 A
6 x IN
AC 250 V, DC 65 V
6…10 A
8 x IN
AC 250 V, DC 65 V
0,1…0,7 A 25 x IN DC 30 V
0,8…6 A
10 x IN DC 30 V
7…10 A
20 x IN DC 30 V
Interrupting capacity
AC 250 V
2,000 A
(UL 1077)
DC 72 V
2,000 A
Degree of protection
operating area IP40
(IEC 60529/DIN 40050)
terminal area IP00
Vibration
5 g (57-500 Hz) ± 0.38 mm (10-57 Hz)
without terminal block
to IEC 60068-2-6, test Fc,
10 frequency cycles/axis and to EN 50155
Shock
25 g (11 ms)
without terminal block
to IEC 60068-2-27, test Ea
Corrosion
96 hours at 5 % salt mist,
to IEC 60068-2-11, test Ka
Humidity
240 hours at 95 % RH
to IEC 60068-2-78, test Cab
Mass
approx. 15 g
Standard current ratings and typical internal resistance values
Type No.
1180 single pole thermal circuit breaker, plug-in mounting
Versions
01
with switching function, without label
02
reset function only, without label
Current rating range
0.1...10 A
1180 - 01 - 1 A ordering example
Current
rating (A)
Internal
resistance (Ω)
Current
rating (A)
Internal
resistance (Ω)
0.1
81
2
0.25
0.2
22
2.5
0.18
0.25
14
3
0.11
0.3
8.7
3.5
0.08
0.4
5.5
4
0.07
0.5
3.4
5
≤ 0.05
0.6
2.5
6
≤ 0.05
0.7
1.7
7
≤ 0.05
0.8
1.5
8
≤ 0.05
1
0.9
10
≤ 0.05
1.5
0.4
Preferred types
Standard current ratings (A)
0.5 1 1.5 2 2.5 3
4
5
6
8 10
1180-01-
x
x
x
x
x
x
x
x
x
x
x
Preferred types
Authority Standard
Rated voltage
Current ratings
VDE
IEC/EN
60934
AC 250 V
DC 65 V
0.1 A…10 A
0.1 A…10 A
UL
UL 1077
C22.2 No 235
AC 250 V / 50/60 Hz
DC 72 V
0.1 A…10 A
0.1 A…10 A
CSA
C22.2 No 235 AC 250 V
DC 72 V
0.1 A…10 A
0.1 A…10 A


Similar Part No. - 1180-01-2A

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
1180-4009 AMPHENOL-1180-4009 Datasheet
87Kb / 1P
   3mm BULLET
logo
Amphenol SV Microwave
1180-4009 SVMICROWAVE-1180-4009 Datasheet
86Kb / 1P
   3mm BULLET
9/17
logo
Amphenol Corporation
1180-6051 AMPHENOL-1180-6051 Datasheet
93Kb / 1P
   SYNAPSE MALE TO 1.85mm MALE ADAPTER
1180-6052 AMPHENOL-1180-6052 Datasheet
97Kb / 1P
   SYNAPSE FEMALE TO 1.85mm MALE ADAPTER
More results

Similar Description - 1180-01-2A

ManufacturerPart #DatasheetDescription
logo
ETAL Group
3600-P10 ETAL-3600-P10 Datasheet
310Kb / 4P
   Process control systems, instrumentation, communications systems,
logo
TOKYO SEIMITSU CO., LTD
PULCOM-V4 ACCRETECH-PULCOM-V4 Datasheet
368Kb / 4P
   In Process Electric Micrometer Control Unit
logo
List of Unclassifed Man...
LOC250 ETC2-LOC250 Datasheet
35Kb / 1P
   Key Control Security Cabinets
logo
ETAL Group
201 ETAL-201 Datasheet
258Kb / 4P
   Process control systems, instrumentation, rail vehicles
8335-F ETAL-8335-F Datasheet
441Kb / 6P
   Communications systems, power supplies, switchgear and controlgear industrial process measurement and control
logo
Tyco Electronics
SLA MACOM-SLA Datasheet
399Kb / 4P
   SLA Series ??Cabinets and Signal/Data/Control Filters
logo
List of Unclassifed Man...
IPC-201 ETC-IPC-201 Datasheet
1Mb / 12P
   A complete training system in the field of Industrial Process Control
logo
ETAL Group
446-K ETAL-446-K Datasheet
174Kb / 2P
   Heavy duty vehicles, battery systems, process control
logo
TEMIC Semiconductors
U2352B TEMIC-U2352B Datasheet
110Kb / 8P
   PWM Power Control for DC Loads
logo
Bel Fuse Inc.
LDT481 BEL-LDT481 Datasheet
660Kb / 4P
   Process Control
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com