Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1170-223A Datasheet(PDF) 1 Page - ETAL Group

Part # 1170-223A
Description  Extra low voltage wiring systems on all types of vehicles and marine craft
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

1170-223A Datasheet(HTML) 1 Page - ETAL Group

  1170-223A Datasheet HTML 1Page - ETAL Group 1170-223A Datasheet HTML 2Page - ETAL Group 1170-223A Datasheet HTML 3Page - ETAL Group 1170-223A Datasheet HTML 4Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Thermal Automotive Circuit Breaker 1170-...
www.e-t-a.de
1646
1
1
Description
Typical applications
Ordering information
Technical data
Compact single pole thermal circuit breaker with push-to-reset, tease
free, trip free, snap action mechanism and separate (colour coded)
manual release. Combining full feature circuit breaker protection and
convenience with low cost of ownership benefits. Fitted with blade
terminals for plug-in mounting.
Type III to SAE J 553.
Version 1176 is available especially for the automotive industry (current
ratings correspond to those of blade fuses).
Extra low voltage wiring systems on all types of vehicles and marine
craft.
1170-...
Standard current ratings, typical voltage drop values and
actuator colours (manual release)
Type No.
1170 plug-in
Design standard
21
blade terminals for automotive fuse blocks (standard)
with retaining clips
22
blade terminals for automotive fuse blocks,
without retaining clips
Current ratings
3...25 A
1170 - 21 - 15 A
ordering example
Voltage rating
DC 28 V
Current ratings
3...25 A (30 A upon request)
Typical life
at rated current:
3...25 A 6,000 operations at IN
3...20 A 3,000 operations at 2 x IN
25 A
1,000 operations at 2 x IN
Ambient temperature
-40...+85 °C (-40...+185 °F)
Interrupting capacity Icn
400 A
Ultimate short-circuit
breaking capacity
≥ 1 break operation at 2,000 A
Degree of protection
operating area IP40
(IEC 60529/DIN 40050)
terminal area IP00
Vibration
10 g (57-500 Hz) ± 0.76 mm (10-57 Hz),
to IEC 60068-2-6, test Fc,
10 frequency cycles/axis
Shock
50 g (11 ms)
to IEC 60068-2-27, test Ea
Corrosion
96 hours at 5 % salt mist,
to IEC 60068-2-11, test Ka
Humidity
240 hours at 95 % RH
to IEC 60068-2-78, test Cab
Mass
approx. 10 g
Current rating (A) Voltage drop (mV) Actuator colour
3
< 300
violet (approximating RAL 4008)
4
< 300
pink (approximating RAL 3015)
5
< 300
orange-brown
(approximating RAL 8023)
6
< 150
mossy-green
(approximating RAL 6005)
7.5
< 150
hazel (approximating RAL 8011)
8
< 150
honey (approximating RAL 1005)
10
< 150
red (approximating RAL 3020)
15
< 150
blue (approximating RAL 5012)
20
< 150
yellow (approximating RAL 1018)
25
< 150
pearl (approximating RAL 1013)
Preferred types
Standard current ratings (A)
3
4
5
6
7.5
8
10 15 20 25
1170-21-
x
x
x
x
x
x
x
x
x
x
1170-22-
x
x
x
x
x
x
x
x
x
x
Preferred types


Similar Part No. - 1170-223A

ManufacturerPart #DatasheetDescription
logo
3M Electronics
1170 3M-1170 Datasheet
4Mb / 12P
   3M??EMI/EMC Electronic Materials
1170 3M-1170 Datasheet
107Kb / 2P
   Aluminum Foil with Conductive Adhesive
logo
Heyco.
1170 HEYCO-1170 Datasheet
121Kb / 1P
   Original Strain Relief Bushings
logo
List of Unclassifed Man...
11700A ETC2-11700A Datasheet
35Kb / 5P
   24 AWG Bonded-Pairs solid bare copper conductors, polyolefin insulation
logo
Belden Inc.
11700A BELDEN-11700A Datasheet
278Kb / 3P
   DataTuff짰 5e, 4 Bonded-Pr #24 Sol BC, PO Ins, PVC Jkt, PVC Jkt, MSHA CMR
More results

Similar Description - 1170-223A

ManufacturerPart #DatasheetDescription
logo
ETAL Group
129-L11-H-KF ETAL-129-L11-H-KF Datasheet
129Kb / 2P
   Extra low voltage wiring systems on all types of vehicles and marine craft
1610-21 ETAL-1610-21 Datasheet
259Kb / 4P
   Extra low voltage wiring systems on all types of vehicles and marine craft
4120-G ETAL-4120-G Datasheet
268Kb / 4P
   Extra low voltage wiring systems on all types of vehicles for land sea and air
413-K14 ETAL-413-K14 Datasheet
209Kb / 4P
   Extra low voltage wiring systems on all types of vehicles for land, sea and air; defence equipment; battery powered machines
482-G ETAL-482-G Datasheet
261Kb / 4P
   Extra low voltage wiring systems on all types of vehicles for land, sea and air, battery powered machines, process control
1160-02-12A ETAL-1160-02-12A Datasheet
103Kb / 2P
   Automotive and marine extra low voltage wiring systems and components, battery powered appliances
452-K34 ETAL-452-K34 Datasheet
165Kb / 2P
   Extra low voltage wiring systems on all types of vehicle for land, sea and air; defence equipment; battery powered machines.
2-5200-H ETAL-2-5200-H Datasheet
188Kb / 2P
   Extra low voltage wiring systems and components
437-K12 ETAL-437-K12 Datasheet
206Kb / 2P
   Battery and cable protection for all types of vehicles (including rail vehicles and boats), battery powered systems
3200-5A ETAL-3200-5A Datasheet
210Kb / 4P
   Control equipment, extra-low voltage wiring systems and components
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com