Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1110-F112-P1M1-1A Datasheet(PDF) 2 Page - ETAL Group

Part # 1110-F112-P1M1-1A
Description  Motors, transformers, solenoids, extra low voltage systems, household and office machines, instrumentation, marine applications, mobile homes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

1110-F112-P1M1-1A Datasheet(HTML) 2 Page - ETAL Group

  1110-F112-P1M1-1A Datasheet HTML 1Page - ETAL Group 1110-F112-P1M1-1A Datasheet HTML 2Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.e-t-a.de
2
Thermal Overcurrent Circuit Breaker 1110-...
1646
1
The time/current characteristic curve depends on the ambient temperature
prevailing. In order to eliminate nuisance tripping, please multiply the
circuit breaker current ratings by the derating factor shown below. See also
section Technical information.
Ambient temperature °F
°C
-4
-20
+14
-10
+32
0
+73.4
+23
+104
+40
+122
+50
+140
+60
Derating factor
0.76 0.84
0.92
1
1.08
1.16
1.24
3
mounting area
operating area
3
25
25
When installing the circuit breaker apply pressure on bezel only.
.118
.984
.118
.984
Dimensions
Internal connection diagram
Installation drawing
±0.05
±.002
+0.2
- 0.4
±0.05
.071 … .118
19
10
12.1
19
10
15.6
blade terminals DIN 46244-A6.3-0.8
(QC .250)
13.2
black
white
When installing the circuit breaker apply pressure on bezel only.
16±0.15
0.8 … 1.6
installation
side
1.8 … 3
insertion force ≤ 20 N,
insertion force ≤ 40 N,
removal force ≥ 120 N
removal force ≥ 120 N
installation
side
.748
.394
.476
.614
.520
.748
.394
.630±.006
.031 … .063
16±0.15
.630±.006
±.002
+.008
- .016
1110-F1.. / -F2..
Panel cut out
1110-F1..-P1M1-...A
1110-F2..-P1M1-...A
+0.2
- 0.4
+.008
- .016
1
2
0.05 - 6 A
7 - 16 A
… times rated current
10000
1000
100
10
1
0.1
0.6 0.8 12
46 8102040
Typical time/current characteristics at +23 °C/+73.4 °F
Push button splash cover
tansparent
Y 304 745 01 (IP64)
Terminal shroud
Y 305 602 01 (IP64)
When using
splash cover
please note
that the max.
panel thickness
is reduced by
0.5 mm/0.02 in.
20.5
14
ø4
ø14.5
1.25
.551
.807
.049
.571
.157
Accessories – Water splash covers (transparent)
This is a metric design and millimeter dimensions take precedence ( mm )
inch
All dimensions without tolerances are for reference only. In the interest of improved design,
performance and cost effectiveness the right to make changes in these specifications
without notice is reserved. Product markings may not be exactly as the ordering codes.
Errors and omissions excepted.


Similar Part No. - 1110-F112-P1M1-1A

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
1110-100K-RC BOURNS-1110-100K-RC Datasheet
472Kb / 1P
   Very high current capacity
1110-101K-RC BOURNS-1110-101K-RC Datasheet
472Kb / 1P
   Very high current capacity
1110-120K-RC BOURNS-1110-120K-RC Datasheet
472Kb / 1P
   Very high current capacity
1110-121K-RC BOURNS-1110-121K-RC Datasheet
472Kb / 1P
   Very high current capacity
1110-150K-RC BOURNS-1110-150K-RC Datasheet
472Kb / 1P
   Very high current capacity
More results

Similar Description - 1110-F112-P1M1-1A

ManufacturerPart #DatasheetDescription
logo
ETAL Group
3130-F ETAL-3130-F Datasheet
269Kb / 6P
   Motors, transformers, solenoids, household and office machines, electrical tools, mobile homes, boating, construction vehicles, medical equipment to EN 60601
157-P10-KF-10A ETAL-157-P10-KF-10A Datasheet
233Kb / 4P
   Motors, transformers, solenoids, extra low voltage wiring systems
127-P10-H-KF ETAL-127-P10-H-KF Datasheet
262Kb / 4P
   Motors, transformers, solenoids, battery chargers, extra low voltage systems
1410-L110-L1F1 ETAL-1410-L110-L1F1 Datasheet
153Kb / 2P
   Motors, transformers, solenoids, PCBs, hand-held machines, appliances, instrumentation
1410-L210-L2F1 ETAL-1410-L210-L2F1_16 Datasheet
255Kb / 2P
   Motors, transformers, solenoids, PCBs, hand-held machines, appliances, instrumentation
104-PR ETAL-104-PR Datasheet
347Kb / 4P
   Motors, transformers, solenoids, printed circuit boards, hand-held machines and appliances, marine applications, caravans.
1410-F110-P1-F1-W14Q ETAL-1410-F110-P1-F1-W14Q Datasheet
191Kb / 2P
   Motors, transformers, solenoids, PCBs, hand-held machines, appliances, instrumentation
1410-L110-L1F1-S01 ETAL-1410-L110-L1F1-S01 Datasheet
153Kb / 2P
   Motors, transformers, solenoids, PCBs, hand-held machines, appliances, instrumentation.
1140-E211-P1M1 ETAL-1140-E211-P1M1 Datasheet
292Kb / 2P
   Motors, transformers, solenoids, hand-held machines and appliances
4130-G211 ETAL-4130-G211 Datasheet
166Kb / 2P
   Motors, transformers, solenoids, battery chargers, power supplies, appliances, machinery, extra low voltage systems
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com