Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM6182 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM6182
Description  Dual 100 mA Output, 100 MHz Current Feedback Amplifier
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM6182 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM6182 Datasheet HTML 1Page - National Semiconductor (TI) LM6182 Datasheet HTML 2Page - National Semiconductor (TI) LM6182 Datasheet HTML 3Page - National Semiconductor (TI) LM6182 Datasheet HTML 4Page - National Semiconductor (TI) LM6182 Datasheet HTML 5Page - National Semiconductor (TI) LM6182 Datasheet HTML 6Page - National Semiconductor (TI) LM6182 Datasheet HTML 7Page - National Semiconductor (TI) LM6182 Datasheet HTML 8Page - National Semiconductor (TI) LM6182 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
±15V DC Electrical Characteristics (Continued)
The following specifications apply for supply voltage = ±15V, Vcm = V
O = 0V, Rf = 820Ω, and RL = 1kΩ unless otherwise
noted. Boldface limits apply at the temperature extremes; all other limits T
J = 25˚C.
Symbol
Parameter
Conditions
Typical
(Note 5)
LM6182AM LM6182AI
LM6182I
Units
Limit
Limit
Limit
(Note 6)
(Note 6)
(Note 6)
Z
T
Transimpedance
R
L = 1kΩ
1.8
1.0
1.0
0.8
M
min
0.4
0.5
0.4
R
L = 150Ω
1.4
0.8
0.8
0.7
0.3
0.35
0.3
I
S
Supply Current
No Load, V
IN = 0V
15
20
20
20
mA
Both Amplifiers
22
22
22
max
V
CM
Input Common Mode Voltage Range
V
+−1.7V
V
V
+1.7V
±15V AC Electrical Characteristics
The following specifications apply for supply voltage = ±15V, Vcm = V
O = 0V, Rf = 820Ω, and RL = 1kΩ unless otherwise
noted. Boldface limits apply at the temperature extremes; all other limits T
J = 25˚C.
Symbol
Parameter
Conditions
Typical
(Note 5)
LM6182AM LM6182AI
LM6182I
Units
Limit
Limit
Limit
(Note 6)
(Note 6)
(Note 6)
Xt
Crosstalk Rejection
(Note 7)
93
dB
BW
Closed Loop Bandwidth −3 dB
A
V = +2
100
MHz
A
V = +10
75
A
V = −1
100
A
V = −10
60
Closed Loop Bandwidth
A
V = +2, RL = 150Ω
35
0.1 dB Flat, R
SOURCE = 200Ω
PBW
Power Bandwidth
A
V = −1, VO = 5VPP
60
SR
Slew Rate
Overdriven
2000
V/µs
min
A
V = −1, VO = ±10V
1400
1000
1000
1000
R
L = 150Ω, (Note 8)
t
s
Settling Time (0.1%)A
V = −1, VO = ±5V
50
ns
R
L = 150Ω
t
r,tf
Rise and Fall Time
V
O = 1VPP
5
t
p
Propagation Delay Time
V
O = 1VPP
6
in(+)
Non-Inverting Input Noise
Current Density
f = 1 kHz
3
pA/
Hz
in(−)
Inverting Input Noise
Current Density
f = 1 kHz
16
pA/
Hz
e
n
Input Noise Voltage Density
f = 1 kHz
4
nV/
Hz
Second Harmonic Distortion
V
O = 2VPP,f = 10 MHz
-50
dBc
A
V = +2
Third Harmonic Distortion
V
O = 2VPP,f = 10 MHz
-55
A
V = +2
Differential Gain
R
L = 150Ω
0.05
%
A
V = +2, NTSC
Differential Phase
R
L = 150Ω
0.04
Deg
A
V = +2, NTSC
THD
Total Harmonic Distortion
V
O = 2VPP,AV = +2,
0.58
%
f = 10 MHz, R
L = 150Ω
www.national.com
4


Similar Part No. - LM6182

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
LM618 KODENSHI-LM618 Datasheet
293Kb / 1P
   High-Brightness RGB Full Color
logo
National Semiconductor ...
LM6181 NSC-LM6181 Datasheet
1Mb / 23P
   100 mA, 100 MHz Current Feedback Amplifier
logo
Texas Instruments
LM6181 TI1-LM6181 Datasheet
2Mb / 40P
[Old version datasheet]   LM6181 100 mA, 100 MHz Current Feedback Amplifier
logo
National Semiconductor ...
LM6181AIM NSC-LM6181AIM Datasheet
1Mb / 23P
   100 mA, 100 MHz Current Feedback Amplifier
LM6181AIM-8 NSC-LM6181AIM-8 Datasheet
1Mb / 23P
   100 mA, 100 MHz Current Feedback Amplifier
More results

Similar Description - LM6182

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM6181 NSC-LM6181 Datasheet
1Mb / 23P
   100 mA, 100 MHz Current Feedback Amplifier
logo
Texas Instruments
LM6181IM-8 TI1-LM6181IM-8 Datasheet
2Mb / 40P
[Old version datasheet]   LM6181 100 mA, 100 MHz Current Feedback Amplifier
LM6181IMX-8 TI1-LM6181IMX-8 Datasheet
2Mb / 40P
[Old version datasheet]   LM6181 100 mA, 100 MHz Current Feedback Amplifier
logo
Elantec Semiconductor
EL2120C ELANTEC-EL2120C Datasheet
354Kb / 12P
   100 MHz Current Feedback Amplifier
logo
Analog Devices
AD8011 AD-AD8011 Datasheet
219Kb / 16P
   300 MHz, 1 mA Current Feedback Amplifier
REV. B
AD8005ARTZ-REEL7 AD-AD8005ARTZ-REEL7 Datasheet
171Kb / 12P
   270 MHz, 400 mA Current Feedback Amplifier
REV. A
logo
Texas Instruments
THS3491 TI-THS3491_V01 Datasheet
3Mb / 53P
[Old version datasheet]   THS3491 900-MHz, 500-mA High-Power Output Current Feedback Amplifier
REVISED FEBRUARY 2023
LMH6723 TI1-LMH6723 Datasheet
1Mb / 28P
[Old version datasheet]   Single/Dual/Quad 370-MHz, 1-mA Current Feedback Operational Amplifier
logo
STMicroelectronics
L79L05ABZ-AP STMICROELECTRONICS-L79L05ABZ-AP Datasheet
717Kb / 27P
   Output current up to 100 mA
logo
Texas Instruments
THS3491 TI1-THS3491 Datasheet
838Kb / 28P
[Old version datasheet]   900-MHz, High-Power Output, Current Feedback Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com