Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

157-P10-KF-0.08A Datasheet(PDF) 2 Page - ETAL Group

Part # 157-P10-KF-0.08A
Description  Motors, transformers, solenoids, extra low voltage wiring systems
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

157-P10-KF-0.08A Datasheet(HTML) 2 Page - ETAL Group

  157-P10-KF-0.08A Datasheet HTML 1Page - ETAL Group 157-P10-KF-0.08A Datasheet HTML 2Page - ETAL Group 157-P10-KF-0.08A Datasheet HTML 3Page - ETAL Group 157-P10-KF-0.08A Datasheet HTML 4Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.e-t-a.de
2
Thermal Overcurrent Circuit Breaker 157
1646
1
The time/current characteristic curve depends on the ambient temperature
prevailing. In order to eliminate nuisance tripping, please multiply the
circuit breaker current ratings by the derating factor shown below. See also
section Technical information.
Ambient temperature °F
°C
-4
-20
+14
-10
+32
0
+73.4
+23
+104
+40
+122
+50
+140
+60
Derating factor
0.76 0.84
0.92
1
1.08
1.16
1.24
12
46 8102040
... times rated current
0.05 - 2.7 A
2.8 - 23 A
10000
1000
100
10
1
0.1
25 A
Dimensions
Typical time/current characteristics at +23 °C/+73.4 °F
Installation drawings
Internal connection diagram
flat head screw M4x6 ISO 1580
tightening torque max. 1.2 Nm
tightening torque max. 1 Nm
3/8-27UNS-2 A
19.8
blade terminals
DIN 46244-A6.3-0.8
(QC .250)
ø4
31
ø9.6-0.1
mounting hole
.780
.157
1.22
.378-.004
157-P10
157-K10
1
2
1
operating area
mounting area
.039
This is a metric design and millimeter dimensions take precedence ( mm )
inch


Similar Part No. - 157-P10-KF-0.08A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
157-2503XXXX VISHAY-157-2503XXXX Datasheet
113Kb / 4P
   7/8" (22.2 mm) Precision Industrial Potentiometer, Bushing And Servo Mount Versions, Conductive Plastic
01-Jan-2022
logo
HellermannTyton.
157-41-G HELLERMANNTYTON-157-41-G Datasheet
2Mb / 70P
   NorthAmericanProductGuide
157-41-GP HELLERMANNTYTON-157-41-GP Datasheet
2Mb / 70P
   NorthAmericanProductGuide
157-42-G HELLERMANNTYTON-157-42-G Datasheet
2Mb / 70P
   NorthAmericanProductGuide
157-42-GP HELLERMANNTYTON-157-42-GP Datasheet
2Mb / 70P
   NorthAmericanProductGuide
More results

Similar Description - 157-P10-KF-0.08A

ManufacturerPart #DatasheetDescription
logo
ETAL Group
127-P10-H-KF ETAL-127-P10-H-KF Datasheet
262Kb / 4P
   Motors, transformers, solenoids, battery chargers, extra low voltage systems
2-6500 ETAL-2-6500 Datasheet
134Kb / 2P
   Motors, transformers, extra low voltage wiring
4130-G211 ETAL-4130-G211 Datasheet
166Kb / 2P
   Motors, transformers, solenoids, battery chargers, power supplies, appliances, machinery, extra low voltage systems
1110-F112-P1M1 ETAL-1110-F112-P1M1 Datasheet
179Kb / 2P
   Motors, transformers, solenoids, extra low voltage systems, household and office machines, instrumentation, marine applications, mobile homes
2-5200-H ETAL-2-5200-H Datasheet
188Kb / 2P
   Extra low voltage wiring systems and components
3200-5A ETAL-3200-5A Datasheet
210Kb / 4P
   Control equipment, extra-low voltage wiring systems and components
1140-E211-P1M1 ETAL-1140-E211-P1M1 Datasheet
292Kb / 2P
   Motors, transformers, solenoids, hand-held machines and appliances
1620-1 ETAL-1620-1 Datasheet
229Kb / 2P
   Protection of electrical systems of passenger cars, trucks, buses, watercraft, extra low voltage wiring systems
1626-1 ETAL-1626-1 Datasheet
231Kb / 2P
   Protection of electrical systems of passenger cars, trucks, buses, watercraft, extra low voltage wiring systems
1410-L110-L1F1 ETAL-1410-L110-L1F1 Datasheet
153Kb / 2P
   Motors, transformers, solenoids, PCBs, hand-held machines, appliances, instrumentation
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com