Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

995-MS35-1R040 Datasheet(PDF) 1 Page - AMETHERM Circuit Protection Thermistors

Part # 995-MS35-1R040
Description  MEGASURGE MS SERIES - INRUSH CURRENT LIMITERS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMETHERM [AMETHERM Circuit Protection Thermistors]
Direct Link  http://www.ametherm.com
Logo AMETHERM - AMETHERM Circuit Protection Thermistors

995-MS35-1R040 Datasheet(HTML) 1 Page - AMETHERM Circuit Protection Thermistors

  995-MS35-1R040 Datasheet HTML 1Page - AMETHERM Circuit Protection Thermistors  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This product is RoHS compliant.
2.0-3.0
5.5
152.4
152.4
9.5±0.1
3.7±0.1
3.7±0.1
6.4±0.2
152.4±1.0
5.5±1.0
1.0±0.1
2.0±0.1
636
AMETHERM Inrush Current Limiters and NTC Thermistors
MEGASURGE MS SERIES - INRUSH CURRENT LIMITERS
SM SERIES - SMD NTC THERMISTORS
PANE SERIES - NTC THROUGH HOLE THERMISTORS
PANR SERIES - NTC THROUGH HOLE
RADIAL LEADED THERMISTORS
For quantities greater than listed, call for quote.
MOUSER
STOCK NO.
Ametherm
Part No.
Resis-
tance
(Ω)
Current
Rating
(A)
Energy
(J)
Dissipation
Constant
(mW/°C)
Price Each
1
10
100
MS12 Series
995-MS12-15102 MS12 15102
150
2
110
12.7
MS15 Series
995-MS15-30004 MS15 30004
30
4.2
135
49.4
995-MS15-40004 MS15 40004
40
4.1
135
49.4
MS22 Series
995-MS22-10008 MS22 10008
10
8
200
55
995-MS22-10008-B MS22 10008-B
10
8
200
55
995-MS22-20005 MS22 20005
20
5
180
42.5
995-MS22-30005 MS22 30005
30
5
150
45.4
995-MS22-50004 MS22 50004
50
4
240
47.8
For quantities greater than listed, call for quote.
MOUSER
STOCK NO.
Ametherm
Part No.
Resis-
tance
(Ω)
Power
Rating
(mW)
Beta
(°K)
Dissipation
Constant
(mW/°C)
Price Each
1
10
100
SM04 Series, 1005 Case Size
995-SM04202302 SM04202302
2
125
3000
1.1
995-SM04502345 SM04502345
5
125
3450
1.1
995-SM04103372 SM04103372
10
125
3700
1.1
995-SM04103411 SM04103411
10
125
4111
1.1
995-SM04253411 SM04253411
25
125
4111
1.1
995-SM04503411 SM04503411
50
125
4111
1.1
For quantities greater than listed, call for quote.
MOUSER
STOCK NO.
Ametherm
Part No.
Resistance
(Ω)
Beta
(°K)
Price Each
1
10
100
995-PANR501350 PANR501350
0.5
3500
995-PANR302395 PANR302395
3
3950
995-PANR103395 PANR103395
10
3950
995-PANR253411 PANR253411
25
4111
995-PANR503411 PANR503411
50
4111
995-PANR104450 PANR104450
100
4500
995-PANR254450 PANR254450
250
4500
For quantities greater than listed, call for quote.
MOUSER
STOCK NO.
Ametherm
Part No.
Resis-
tance
(Ω)
Current
Rating
(A)
Energy
(J)
Dissipation
Constant
(mW/°C)
Price Each
1
10
100
MS22 Series (Cont.)
995-MS22-75004 MS22 75004
75
4
240
51.8
995-MS22-12102 MS22 12102
120
2
220
75.4
995-MS22-12103 MS22 12103
120
3
220
75.4
995-MS22-12104 MS22 12104
120
4
220
75.4
995-MS22-22103 MS22 22103
220
3.5
75
45.4
MS32 Series
995-MS32-0R536 MS32 0R536
0.5
36
250
45.4
995-MS32-0R540 MS32 0R540
0.5
40
250
79.8
995-MS32-1R036 MS32 1R036
1
36
300
72
995-MS32-2R025 MS32 2R025
2
25
300
65.4
995-MS32-5R020 MS32 5R020
5
20
300
55.4
995-MS32-5R020-B MS32 5R020-B
5
20
300
55.4
995-MS32-7R015 MS32 7R015
7
15
250
63.7
995-MS32-10015 MS32 10015
10
15
250
63.7
995-MS32-15012 MS32 15012
15
12
250
75.4
995-MS32-20008 MS32 20008
20
8
250
45.5
995-MS32-20010 MS32 20010
20
10
250
45.4
995-MS32-20010-B MS32 20010-B
20
10
250
45.4
995-MS32-50006 MS32 50006
50
6
250
75.4
995-MS32-50006-L MS32 50006-L
50
6
250
75.4
MS35 Series
995-MS35-0R550 MS35 0R550
0.5
50
900
78
995-MS35-1R040 MS35 1R040
1
40
800
78
995-MS35-2R035 MS35 2R035
2
35
750
96
995-MS35-3R030 MS35 3R030
3
30
750
78
995-MS35-10018 MS35 10018
10
18
500
78
995-MS35-20010 MS35 20010
20
10
500
80
For quantities greater than listed, call for quote.
MOUSER
STOCK NO.
Ametherm
Part No.
Resis-
tance
(Ω)
Current
Rating
(A)
Energy
(J)
Dissipation
Constant
(mW/°C)
Price Each
1
10
100
SM04 Series, 1005 Case Size (Cont.)
995-SM04104411 SM04104411
100
125
4111
1.1
SM06 Series, 1610 Case Size
995-SM06502345 SM06502345
5
200
3450
1.5
995-SM06103395 SM06103395
10
200
3950
1.5
995-SM06503395 SM06503395
50
200
3950
1.5
995-SM06503452 SM06503452
50
200
4500
1.5
995-SM06104411 SM06104411
100
200
4111
1.5
995-SM06104452 SM06104452
100
200
4500
1.5
SM08 Series, 2012 Case Size
995-SM08202345 SM08202345
2
250
3450
2
995-SM08502395 SM08502395
5
250
3950
2
995-SM08253395 SM08253395
25
250
3950
2
995-SM08253411 SM08253411
25
250
4111
2
995-SM08503395 SM08503395
50
250
3950
2
995-SM08503411 SM08503411
50
250
4111
2
995-SM08503452 SM08503452
50
250
4500
2
995-SM08104411 SM08104411
100
250
4111
2
Dimensions: mm (Max.)
MS12
MS15
MS22
MS32
MS35
Case Diameter
13.5
17
23
31
37
Lead Spacing
7.8
7.8
7.8
7.8
19
Dimensions: mm (Max.)
Length
L1
Width
Height
SM04
1
0.5
0.5
0.35
SM06
1.6
1
0.8
0.5
SM08
2
1.2
1.25
0.55
mouser.com/ametherm
© Copyright 2015 Mouser Electronics
© Copyright 2015 Mouser Electronics
Specifications:
Tolerance: ±25%
Features:
Rugged design
Space saving
Features:
Tolerance: 10%
Operating Temperature Range:
-40°C to +125°C
Applications:
AC motors
Frequency generators
Power supplies and battery chargers
Motor drives
Plasma cutting tools
Applications:
Temperature compensation Circuits
Relay Coils
LCD Controls
Temperature Measurement
Features:
Fast Response
High Accuracy
Cost Effective
Applications:
Transformers
High Accuracy
Air sensors/HVAC
Specifications:
Tolerance: 10%
Power Rating: 6.5mW
Dissipation Constant: 3mW/°C
Specifications:
Tolerance: 10%
Operating temperature range:
-50°C to +150°C
Max. Power Rating: 125mW
Dissipation Constant: 3mW/°C
MRI machines
Audio Amplifiers
Toroidal transformers
Nickel barrier termination
Moisture sensitivity level: 2
Suitable for wave or reflow solder
For quantities greater than listed, call for quote.
MOUSER
STOCK NO.
Ametherm
Part No.
Resistance
(Ω)
Beta
(°K)
Price Each
1
10
100
995-PANE501350 PANE501350
0.5
3500
995-PANE102350 PANE102350
1
3500
995-PANE202395 PANE202395
2
3950
995-PANE502395 PANE502395
5
3950
995-PANE103395 PANE103395
10
3950
995-PANE253411 PANE253411
25
4111
995-PANE503411 PANE503411
50
4111
995-PANE104450 PANE104450
100
4500
995-PANE254450 PANE254450
250
4500
asia.pacific@mouser.com
For current pricing,
visit mouser.com


Similar Part No. - 995-MS35-1R040

ManufacturerPart #DatasheetDescription
logo
ITT Industries
995-0001-244 ITT-995-0001-244 Datasheet
9Mb / 301P
   D Subminiature Connectors
995-0001-244 ITT-995-0001-244 Datasheet
5Mb / 62P
   Ensuring over 20 years of mission critical communication between two worlds across 250,000,000 milies
995-0001-325 ITT-995-0001-325 Datasheet
9Mb / 301P
   D Subminiature Connectors
995-0001-325 ITT-995-0001-325 Datasheet
5Mb / 62P
   Ensuring over 20 years of mission critical communication between two worlds across 250,000,000 milies
995-0001-507 ITT-995-0001-507 Datasheet
12Mb / 79P
   Cannon APD Series ISO 15170 Connectors
More results

Similar Description - 995-MS35-1R040

ManufacturerPart #DatasheetDescription
logo
EPCOS
B57238 EPCOS-B57238 Datasheet
194Kb / 6P
   Inrush current limiters
B59412C1130B070 EPCOS-B59412C1130B070 Datasheet
284Kb / 11P
   PTC thermistors as inrush current limiters
logo
MERITEK ELECTRONICS COR...
SCK MERITEK-SCK Datasheet
144Kb / 5P
   NTC Power Thermistors Inrush Current Limiters
logo
EPCOS
B5975X EPCOS-B5975X Datasheet
245Kb / 10P
   PTC thermistors as inrush current limiters
B5910 EPCOS-B5910 Datasheet
237Kb / 10P
   PTC thermistors as inrush current limiters
logo
Ohmite Mfg. Co.
RES-SLIMMOX OHMITE-RES-SLIMMOX Datasheet
439Kb / 5P
   Current pulse limiters
logo
Shindengen Electric Mfg...
MJ2400 SHINDENGEN-MJ2400 Datasheet
509Kb / 13P
   Inrush Current Controllers
logo
STMicroelectronics
STNRGPF01 STMICROELECTRONICS-STNRGPF01 Datasheet
1Mb / 40P
   Inrush current control
April 2017 Rev 2
logo
Freescale Semiconductor...
CL-21 FREESCALE-CL-21 Datasheet
112Kb / 4P
   NTC Inrush Current Limiter
logo
List of Unclassifed Man...
MHIC-48100A ETC1-MHIC-48100A Datasheet
197Kb / 1P
   Inrush Current Limiter HIC
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com