Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2-5200-H-7A Datasheet(PDF) 2 Page - ETAL Group

Part # 2-5200-H-7A
Description  Extra low voltage wiring systems and components
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

2-5200-H-7A Datasheet(HTML) 2 Page - ETAL Group

  2-5200-H-7A Datasheet HTML 1Page - ETAL Group 2-5200-H-7A Datasheet HTML 2Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Thermal Automotive Circuit Breaker 2-5200-...
www.e-t-a.de
1646
2
1
The time/current characteristic curve depends on the ambient temperature
prevailing. In order to eliminate nuisance tripping, please multiply the
circuit breaker current ratings by the derating factor shown below. See also
section Technical information.
Ambient temperature °F
°C
-4
-20
+14
-10
+32
0
+73.4
+23
+104
+40
+122
+50
+140
+60
Derating factor
0.76 0.84
0.92
1
1.08
1.16
1.24
Dimensions
Accessories
Internal connection diagram
19
12
ø13.5
ø9.5
ø4.4
14.5
31
50
current rating in A
.531
.748
1.22
1.97
.374
.173
.571
1
2
12
46 8102040
... times rated current
0.05 - 2.7 A
2.8 - 23 A
10000
1000
100
10
1
0.1
25 A
Typical time/current characteristics at +23 °C/+73.4 °F
wire cross sectional areas
2 x max. 2.5 mm2 AWG 14 stranded
2 x max. 4 mm2 AWG 12 solid
blade terminal DIN 46244-A6.3-0.8
(QC .250)
45
1
30
1
7.5
15
75
12
13
6
8
8
7
.039
.039
1.18
.295
.591
1.77
2.95
.472
.512
.236
7
.276
blade terminal
DIN 46244-A6.3-0.8
(QC .250)
.315
.315
Sockets 10R-K10
10R-P10
10R-A10
.276
thickness = 0.8 mm
.031 in.
.165
Bus bar for sockets 10…
Y 301 166 02 (2 way)
22.9
4.2
7.9
15
.311
.591
.902
15 15
15
52.9
.591 .591 .591
2.08
Socket 16
(up to 16 A max. load)
Adapter for EN rail
50035-G32 (specified as
a separate item)
X 200 409 01
for socket 16 available
on request
symmetrical rail
EN 50022-35x7.5
70
52
15
1.5
sockets individually
(de)mountable
.591
.059
2.05
2.76
Connector bus links -P10
X 210 588 01/
1.5 mm2 (AWG 16) (brown)
X 210 588 02/
2.5 mm2 (AWG 14) (black)
X 210 588 03/
2.5 mm2 (AWG 14) (red)
X 210 588 04/
2.5 mm2 (AWG 14) (blue)
Connector bus links -K10
X 210 589 01/
2.5 mm2 (AWG 14) (black)
X 210 589 02/
1.5 mm2 (AWG 16) (brown)
50 pin lugs
to DIN 46230
tinned copper
ø2.5
.099
100 quick-connect
tabs 6.3 (.250)
DIN 46247 tinned brass,
insulated
Blanking plug
Y 301 477 01
for sockets 10R-P10/K10
19
50
42
ø4
14.5
1.65
.748
1.97
.157
.571
Terminal for mounting rack
X 200 800 01
for sockets 10R, 10F on
EN rail 50 035-G32
14
27.5
M5 x 12
27
1.08
.551
1.06
1.5 mm2 - up to 13 A max. load
2.5 mm2 - up to 20 A max. load
Y 301 166 01 (4 way)
wire cross sectional areas
2 x max. 2.5 mm2 AWG 14 stranded
2 x max. 4 mm2 AWG 12 solid
This is a metric design and millimeter dimensions take precedence ( mm )
inch


Similar Part No. - 2-5200-H-7A

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
2-520080-2 TEC-2-520080-2 Datasheet
521Kb / 15P
   Ultra-Fast Fully Insulated FASTON Receptacles and Tabs
Revised 3-11
2-520081-2 TEC-2-520081-2 Datasheet
521Kb / 15P
   Ultra-Fast Fully Insulated FASTON Receptacles and Tabs
Revised 3-11
2-520083-2 TEC-2-520083-2 Datasheet
521Kb / 15P
   Ultra-Fast Fully Insulated FASTON Receptacles and Tabs
Revised 3-11
2-520084-2 TEC-2-520084-2 Datasheet
521Kb / 15P
   Ultra-Fast Fully Insulated FASTON Receptacles and Tabs
Revised 3-11
More results

Similar Description - 2-5200-H-7A

ManufacturerPart #DatasheetDescription
logo
ETAL Group
3200-5A ETAL-3200-5A Datasheet
210Kb / 4P
   Control equipment, extra-low voltage wiring systems and components
1160-02-12A ETAL-1160-02-12A Datasheet
103Kb / 2P
   Automotive and marine extra low voltage wiring systems and components, battery powered appliances
157-P10-KF-10A ETAL-157-P10-KF-10A Datasheet
233Kb / 4P
   Motors, transformers, solenoids, extra low voltage wiring systems
129-L11-H-KF ETAL-129-L11-H-KF Datasheet
129Kb / 2P
   Extra low voltage wiring systems on all types of vehicles and marine craft
1170-21 ETAL-1170-21 Datasheet
218Kb / 4P
   Extra low voltage wiring systems on all types of vehicles and marine craft
1610-21 ETAL-1610-21 Datasheet
259Kb / 4P
   Extra low voltage wiring systems on all types of vehicles and marine craft
2-6500 ETAL-2-6500 Datasheet
134Kb / 2P
   Motors, transformers, extra low voltage wiring
483-G ETAL-483-G Datasheet
308Kb / 4P
   Aircraft systems and equipment (fixed wing and helicopters); other extra low voltage wiring applications; defence equipment; communications systems
583-G ETAL-583-G Datasheet
267Kb / 4P
   Aircraft systems and equipment (fixed wing and helicopters); other extra low voltage wiring applications; defence equipment; communications systems
4120-G ETAL-4120-G Datasheet
268Kb / 4P
   Extra low voltage wiring systems on all types of vehicles for land sea and air
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com