Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2-5200-H-7A Datasheet(PDF) 1 Page - ETAL Group

Part # 2-5200-H-7A
Description  Extra low voltage wiring systems and components
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

2-5200-H-7A Datasheet(HTML) 1 Page - ETAL Group

  2-5200-H-7A Datasheet HTML 1Page - ETAL Group 2-5200-H-7A Datasheet HTML 2Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Thermal Automotive Circuit Breaker 2-5200-...
www.e-t-a.de
1646
1
1
Description
Typical applications
Ordering information
Technical data
Single pole thermal circuit breaker with push-to-reset, tease-free,
trip-free, snap action mechanism (R-type TO CBE to EN 60934;
M-type when fitted with optional manual release feature). Designed
for plug-in mounting with E-T-A sockets 10 and 16.
Extra low voltage wiring systems and components.
2-5200-...
Standard current ratings and typical internal resistance values
Type No.
2-5200 plug-in
Manual release (optional)
H
manual release facility
Current ratings
0.05...16 A
2-5200 - H - 5 A
ordering example
The exact part number required can be built up from the table of choices shown
above. Ordering references for optional features should be omitted if not required.
For further details please see chapter: Technical Information
Voltage rating
DC 28 V
(UL: AC 250; DC 50 V)
Current rating range
0.05...16 A (up to 25 A to special order)
Typical life
AC 250 V / DC 28 V:
0.05...16 A 5,000 operations at 2 x IN, inductive
Ambient temperature
-20...+60 °C (-4...+140 °F)
Insulation co-ordination
rated impulse
pollution
(IEC 60664 and 60664 A)
withstand voltage
degree
2.5 kV
2
Dielectric strength
(IEC 60664 and 60664A)
test voltage
operating area
AC 1,500 V
Insulation resistance
> 100 MΩ (DC 500 V)
Interrupting capacity Icn
0.05...2.5 A
8 x IN
3...5 A
20 x IN
6...16 A
400 A
Interrupting capacity
UN
(UL 1077)
AC 250 V
2,000 A
DC 50 V
2,500 A
Degree of protection
operating area IP40
(IEC 60529/DIN 40050)
terminal area IP00
Vibration
8 g (57 to 500 Hz) ± 0.61 mm, (10-57 Hz),
to IEC 60068-2-6, test Fc,
Shock
25 g (11 ms)
to IEC 60068-2-27, test Ea
Corrosion
96 hours at 5 % salt mist,
to IEC 60068-2-11, test Ka
Humidity
240 hours at 95 % RH
to IEC 60068-2-78, test Cab
Mass
approx. 35 g
Approvals
All dimensions without tolerances are for reference only. In the interest of improved design,
performance and cost effectiveness the right to make changes in these specifications
without notice is reserved.Product markings may not be exactly as the ordering codes.
Errors and omissions excepted.
Current
rating (A)
Internal
resistance (Ω)
Current
rating (A)
Internal
resistance (Ω)
0.05
280
2.5
0.2
0.08
100
3
0.1
0.1
110
3,5
0.065
0.2
29
4
0.065
0.3
14
4.5
0.05
0.4
7
5
0.05
0.5
4.9
6
0.02
0.6
3.4
7
0.02
0.7
2.5
8
< 0.02
0.8
1.8
10
< 0.02
1
1.2
12
< 0.02
1.2
0.84
13
< 0.02
1.5
0.6
15
< 0.02
1.8
0.4
16
< 0.02
2
0.25
Authority
Standard
Rated voltage
Current ratings
UL
UL 1077
AC 250 V
DC 50 V
0.05 A…20 A
0.05 A…25 A
CSA
C22.2 No 235
AC 250 V
DC 50 V
0.05 A…20 A
0.05 A…25 A


Similar Part No. - 2-5200-H-7A

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
2-520080-2 TEC-2-520080-2 Datasheet
521Kb / 15P
   Ultra-Fast Fully Insulated FASTON Receptacles and Tabs
Revised 3-11
2-520081-2 TEC-2-520081-2 Datasheet
521Kb / 15P
   Ultra-Fast Fully Insulated FASTON Receptacles and Tabs
Revised 3-11
2-520083-2 TEC-2-520083-2 Datasheet
521Kb / 15P
   Ultra-Fast Fully Insulated FASTON Receptacles and Tabs
Revised 3-11
2-520084-2 TEC-2-520084-2 Datasheet
521Kb / 15P
   Ultra-Fast Fully Insulated FASTON Receptacles and Tabs
Revised 3-11
More results

Similar Description - 2-5200-H-7A

ManufacturerPart #DatasheetDescription
logo
ETAL Group
3200-5A ETAL-3200-5A Datasheet
210Kb / 4P
   Control equipment, extra-low voltage wiring systems and components
1160-02-12A ETAL-1160-02-12A Datasheet
103Kb / 2P
   Automotive and marine extra low voltage wiring systems and components, battery powered appliances
157-P10-KF-10A ETAL-157-P10-KF-10A Datasheet
233Kb / 4P
   Motors, transformers, solenoids, extra low voltage wiring systems
129-L11-H-KF ETAL-129-L11-H-KF Datasheet
129Kb / 2P
   Extra low voltage wiring systems on all types of vehicles and marine craft
1170-21 ETAL-1170-21 Datasheet
218Kb / 4P
   Extra low voltage wiring systems on all types of vehicles and marine craft
1610-21 ETAL-1610-21 Datasheet
259Kb / 4P
   Extra low voltage wiring systems on all types of vehicles and marine craft
2-6500 ETAL-2-6500 Datasheet
134Kb / 2P
   Motors, transformers, extra low voltage wiring
483-G ETAL-483-G Datasheet
308Kb / 4P
   Aircraft systems and equipment (fixed wing and helicopters); other extra low voltage wiring applications; defence equipment; communications systems
583-G ETAL-583-G Datasheet
267Kb / 4P
   Aircraft systems and equipment (fixed wing and helicopters); other extra low voltage wiring applications; defence equipment; communications systems
4120-G ETAL-4120-G Datasheet
268Kb / 4P
   Extra low voltage wiring systems on all types of vehicles for land sea and air
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com