Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD237G Datasheet(PDF) 2 Page - ON Semiconductor

Part # BD237G
Description  Plastic Medium Power Bipolar Transistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BD237G Datasheet(HTML) 2 Page - ON Semiconductor

  BD237G Datasheet HTML 1Page - ON Semiconductor BD237G Datasheet HTML 2Page - ON Semiconductor BD237G Datasheet HTML 3Page - ON Semiconductor BD237G Datasheet HTML 4Page - ON Semiconductor BD237G Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
BD237G (NPN), BD234G, BD238G (PNP)
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TC = 25_C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
Collector−Emitter Sustaining Voltage (Note 1)
(IC = 0.1 Adc, IB = 0)
BD237G, BD238G
BD234G
V(BR)CEO
80
45
Vdc
Collector Cutoff Current
(VCB = 100 Vdc, IE = 0)
BD237G, BD238G
(VCB = 60 Vdc, IE = 0)
BD234G
ICBO
0.1
0.1
mAdc
Emitter Cutoff Current
(VBE = 5.0 Vdc, IC = 0)
IEBO
1.0
mAdc
DC Current Gain
(IC = 0.15 A, VCE = 2.0 V)
(IC = 1.0 A, VCE = 2.0 V)
hFE1
hFE2
40
25
Collector−Emitter Saturation Voltage (Note 1)
(IC = 1.0 Adc, IB = 0.1 Adc)
VCE(sat)
0.6
Vdc
Base−Emitter On Voltage (Note 1)
(IC = 1.0 Adc, VCE = 2.0 Vdc)
VBE(on)
1.3
Vdc
Current−Gain − Bandwidth Product
(IC = 250 mAdc, VCE = 10 Vdc, f = 1.0 MHz)
fT
3.0
MHz
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
1. Pulse Test: Pulse Width
≤ 300 ms, Duty Cycle ≤ 2.0%.
Figure 1. Active Region Safe Operating Area
10
VCE, COLLECTOR-EMITTER VOLTAGE (VOLTS)
3
1
0.1
3
10
30
100
0.3
TJ = 150°C
dc
5 ms
1
100
ms
1 ms
BD237
BD236
The Safe Operating Area Curves indicate IC−VCE limits
below which the device will not enter secondary breakdown.
Collector load lines for specific circuits must fall within the
applicable Safe Area to avoid causing a catastrophic failure.
To
insure
operation
below
the
maximum
TJ,
power−temperature derating must be observed for both
steady state and pulse power conditions.


Similar Part No. - BD237G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BD237G ONSEMI-BD237G Datasheet
68Kb / 4P
   Plastic Medium Power Bipolar Transistors
November, 2005 ??Rev. 14
logo
Unisonic Technologies
BD237G-T6S-K UTC-BD237G-T6S-K Datasheet
113Kb / 3P
   80V, NPN TRANSISTORS
More results

Similar Description - BD237G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BD237 ONSEMI-BD237 Datasheet
68Kb / 4P
   Plastic Medium Power Bipolar Transistors
November, 2005 ??Rev. 14
logo
Continental Device Indi...
BD157 CDIL-BD157 Datasheet
90Kb / 2P
   PLASTIC MEDIUM POWER SILICON TRANSISTORS
logo
Boca Semiconductor Corp...
2N6666 BOCA-2N6666 Datasheet
157Kb / 3P
   PLASTIC MEDIUM-POWER SILICON TRANSISTORS
logo
ON Semiconductor
2N6387 ONSEMI-2N6387_14 Datasheet
113Kb / 6P
   Plastic Medium-Power Silicon Transistors
November, 2014 ??Rev. 15
2N6387 ONSEMI-2N6387 Datasheet
75Kb / 8P
   Plastic Medium-Power Silicon Transistors
April, 2002 ??Rev. 10
logo
New Jersey Semi-Conduct...
2N6386 NJSEMI-2N6386 Datasheet
259Kb / 2P
   PLASTIC MEDIUM-POWER SILICON TRANSISTORS
logo
ON Semiconductor
2N6387 ONSEMI-2N6387_07 Datasheet
101Kb / 6P
   Plastic Medium-Power Silicon Transistors
November, 2007 - Rev. 13
logo
Motorola, Inc
BDX53B MOTOROLA-BDX53B Datasheet
169Kb / 6P
   Plastic Medium-Power Complementary Silicon Transistors
logo
New Jersey Semi-Conduct...
MJE2100 NJSEMI-MJE2100 Datasheet
144Kb / 3P
   PLASTIC MEDIUM-POWER COMPLEMENTARY SILICON TRANSISTORS
TIP100 NJSEMI-TIP100 Datasheet
97Kb / 2P
   PLASTIC MEDIUM-POWER COPLEMENTARY SILICON TRANSISTORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com