Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG27 Datasheet(PDF) 1 Page - American Electronic Components, inc

Part # DG27
Description  Cost effective
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEC [American Electronic Components, inc]
Direct Link  http://www.aecsensors.com/html/
Logo AEC - American Electronic Components, inc

DG27 Datasheet(HTML) 1 Page - American Electronic Components, inc

  DG27 Datasheet HTML 1Page - American Electronic Components, inc DG27 Datasheet HTML 2Page - American Electronic Components, inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page 1 of 2
www.aecsensors.com
Sales Department Tel: (888) 847-6552
DG27
ultra miniature automotive pcb relay
Contacts
Contact number & arrangement
2 x SPST-NO (2 x 1 Form A), 2 x SPDT (2 x 1 Form C)
Contact material
AgSnOInO, AgNi0.15
Max. switching voltage
DC 16V
2 x SPST-NO
2 x SPDT
Normally Open
Normally Closed
Max continuous current per relay
DC
30A @12VDC
30A @ 12VDC
25A @ 12VDC
Max switching current2 (AgSnOInO)
make
50A
50A
25A
break
30A
30A
25A
Min. switching current / voltage
AgNi0.15: 0.1A, 12VDC / AgSnOInO: 0.5A, 12VDC
Initial contact resistance
≤100mΩ, max. at 0.1A, 6VDC
Coil
Rated voltage
DC 6V, 10V, 12V
Must release voltage
≥0.1 (≥0.125 6VDC coil)
Operating range of supply voltage
See coil table 1
Rated power consumption
DC 0.55W - see coil table 1
Insulation
Insulation resistance
100MΩ at 500VDC, 50%RH
Dielectric strength
coil to contact 500Vrms, 1min
General Data
Operating time (typical)
ms 3
Release time (typical)
ms 1.5
Electrical Life3
ops 1 x 105
Mechanical life
ops 1 x 107
Dimensions
L x W x H 24.2 x 13.2 x 10.3mm
Weight
8g approx.
Packing
Plastic tray, 100 relays per tube.
Ambient temperature
storage -40 to 155°C
operating -40 to 105°C
Shock resistance
30g, 6ms
• ultra miniature - only 24.2 x 13.2 x 10.3 mm
• optimised for DC switching up to 30A
• two separate DG20 relays in one package
• Cost effective
• RoHS Compliant
Ref: DG27 122013JHM


Similar Part No. - DG27

ManufacturerPart #DatasheetDescription
logo
Willow Technologies Ltd
DG27 WILLOW-DG27 Datasheet
355Kb / 2P
   ultra miniature automotive pcb relay
DG27-7011-25 WILLOW-DG27-7011-25 Datasheet
355Kb / 2P
   ultra miniature automotive pcb relay
DG27-7011-35 WILLOW-DG27-7011-35 Datasheet
355Kb / 2P
   ultra miniature automotive pcb relay
DG27-7012-25 WILLOW-DG27-7012-25 Datasheet
355Kb / 2P
   ultra miniature automotive pcb relay
DG27-7012-35 WILLOW-DG27-7012-35 Datasheet
355Kb / 2P
   ultra miniature automotive pcb relay
More results

Similar Description - DG27

ManufacturerPart #DatasheetDescription
logo
American Electronic Com...
DG31A AEC-DG31A Datasheet
310Kb / 2P
   Cost effective
logo
ECS, Inc.
ECS-36-S-1 ECS-ECS-36-S-1 Datasheet
157Kb / 1P
   Cost effective
logo
American Electronic Com...
DG81C AEC-DG81C Datasheet
336Kb / 2P
   Cost effective
logo
Laird Tech Smart Techno...
ECE118 LSTD-ECE118 Datasheet
1Mb / 1P
   Cost-effective solution
logo
List of Unclassifed Man...
FX-360 ETC2-FX-360 Datasheet
1Mb / 2P
   COST EFFECTIVE PERFECTION
logo
Analog Intergrations Co...
AN011 AIC-AN011 Datasheet
98Kb / 5P
   cost-effective technique
logo
Laird Tech Smart Techno...
ECE072 LSTD-ECE072 Datasheet
462Kb / 2P
   Cost-effective solution
logo
Holtek Semiconductor In...
HT68F001 HOLTEK-HT68F001 Datasheet
5Mb / 55P
   Cost-Effective Flash MCU
logo
List of Unclassifed Man...
OB3350 ETC2-OB3350 Datasheet
464Kb / 10P
   Cost Effective LED Controller
logo
Samtec, Inc
HLE10702LDV SAMTEC-HLE10702LDV Datasheet
832Kb / 1P
   COST-EFFECTIVE RELIABLE SOCKET
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com