Electronic Components Datasheet Search |
|
DEVR10 Datasheet(PDF) 2 Page - American Electronic Components, inc |
|
DEVR10 Datasheet(HTML) 2 Page - American Electronic Components, inc |
2 / 3 page American Electronic Components Inc., 1101 Lafayette St. Elkhart, IN46516 Page 2 of 3 www.durakoolrelays.com Sales Department Tel: +1 574 295 6330 Toll: (888) 847 6552 DEVR10 Electric Vehicle Contactor Ref: DEVR10 121415JHM Specifications are subject to change without notice. E&OE. Notes: 1) Spring Washers are an essential requirement for installation - see Page 3. 2) Torque setting for the M5 Power Terminals is 3.4 to 4.5Nm. 3) Loose terminals will generate excessive heat leading to premature failure and risk of fire. 4) The maximum torque setting for the M4 mounting bolts (not supplied) is 2.3Nm. to avoid damage to the contactor body. 6) Please ensure the correct polarity of the wiring to the power terminals. Contact life is greatly reduced if incorrectly connected. 7) Contact ratings are with #8 AWG wire. 8) Ensure adequate circuit protection in case of contact malfunction. 9) The contact chamber contains an inert gas. For maximum life, do not exceed the ambient temperature range of -40 to +85°C. 10) Contact ratings are based upon a resistive load. For inductive loads an inrush protection device is recommended. Coil Data - DEVR10 Table 1 Coil Voltage Code Nominal Voltage (VDC) Must Operate Voltage Max. (VDC) Maximum Allowable Voltage (VDC) Must Release Voltage Min. (VDC) Coil- Resistance (Ω ± 5% @ 20°C) Coil Current (mA) Coil Power (W @ 20°C) 20°C 85°C 1012 12 8 9.6 16 1.2 26 461 5.5 1024 24 18 19.2 28 2.4 96 250 6.0 1028 28 21 22.4 31 2.24 136 206 5.7 1048 48 33 38.4 52 4.8 392 122 6.0 1072 72 21 55.2 79 5.76 868 83 6.0 Ordering Codes D E V R 1 0 - 5 0 6 1 - S 8 - - Contact Material 50 - AgSnO 2 Contact Arrangement 61 - SPST-NO, Polarity conscious Cover Protection and Mounting S - Flange mount on base Connection Mode 8 - M5 Stud Coil Code See Coil Table 1 Coil Wire Length R - 400mm Other lengths available Coil Wire Termination 1 - None Other terminations to special order |
Similar Part No. - DEVR10 |
|
Similar Description - DEVR10 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |