Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NLC453232T Datasheet(PDF) 2 Page - TDK Electronics

Part # NLC453232T
Description  Inductors For Power Line SMD
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

NLC453232T Datasheet(HTML) 2 Page - TDK Electronics

  NLC453232T Datasheet HTML 1Page - TDK Electronics NLC453232T Datasheet HTML 2Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
531_NLC3225
980406
Specifications which provide more details for the proper and safe use of the described product are available upon request.
All specifications are subject to change without notice.
Inductors
NLC Series NLC3225 Type
For Power Line
SMD
SHAPES AND DIMENSIONS/RECOMMENDED PC BOARD PATTERN
ELECTRICAL CHARACTERISTICS
• Test equipment L, Q: YHP4194A IMPEDANCE ANALYZER+YHP16085A+YHP16093B+TF-1, or equivalent
SRF: HP8753C NETWORK ANALYZER (Zin=Zout=50
Ω), or equivalent
Rdc: MATSUSHITA VP-2941A DIGITAL MILLIOHM METER, or equivalent
• Marking: Inductance tolerance is omitted to distinguish NL series.
TYPICAL ELECTRICAL CHARACTERISTICS
INDUCTANCE CHANGE vs. DC SUPERPOSITION
CHARACTERISTICS
IMPEDANCE vs. FREQUENCY CHARACTERISTICS
Inductance
(µH)
Inductance
tolerance
Q
min.
Test frequency
L, Q (MHz)
Self-resonant
frequency (MHz)min.
DC resistance
(
Ω)±30%
Rated current
(mA)max.
Part No.
1
±20%
10
7.96
100
0.08
850
NLC322522T-1R0M
1.5
±20%
10
7.96
80
0.11
700
NLC322522T-1R5M
2.2
±20%
10
7.96
68
0.13
600
NLC322522T-2R2M
3.3
±20%
10
7.96
54
0.16
500
NLC322522T-3R3M
4.7
±20%
15
7.96
46
0.2
430
NLC322522T-4R7M
6.8
±20%
15
7.96
38
0.27
360
NLC322522T-6R8M
10
±10%
15
2.52
30
0.36
300
NLC322522T-100K
15
±10%
15
2.52
26
0.56
250
NLC322522T-150K
22
±10%
15
2.52
21
0.77
210
NLC322522T-220K
33
±10%
15
2.52
17
1.1
170
NLC322522T-330K
47
±10%
15
2.52
14
1.64
150
NLC322522T-470K
68
±10%
15
2.52
12
2.8
120
NLC322522T-680K
100
±10%
15
0.796
10
3.7
100
NLC322522T-101K
150
±10%
20
0.796
8
6.1
85
NLC322522T-151K
220
±10%
20
0.796
7
8.4
70
NLC322522T-221K
330
±10%
20
0.796
6
12.3
60
NLC322522T-331K
470
±10%
20
0.796
4
22
45
NLC322522T-471K
680
±10%
20
0.796
3
28
35
NLC322522T-681K
470
3.2
±0.2
2.5
±0.2
1.9
±0.1
Weight: 50mg
(0.4)
Terminal
electrode
Solder land pattern
Inductor
11
2
Dimensions in mm
5
10
50
500
100
1000
5
10
1
50
100
500
1000
DC current(mA)
47
µH
22
µH
330
µH
220
µH
100
µH
10
µH
1
µH
Frequency(MHz)
1
0.5
10
5
100
50
0.1
1
10
5
0.5
100
50
500
330
µH
220
µH
100
µH
47
µH
22
µH
4.7
µH
10
µH
1
µH


Similar Part No. - NLC453232T

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
NLC453232T-100K TDK-NLC453232T-100K Datasheet
47Kb / 3P
   For Power Line SMD
NLC453232T-100K-PF TDK-NLC453232T-100K-PF Datasheet
171Kb / 16P
   Inductors for Decoupling Circuits Wound/For Current
NLC453232T-100K-PF TDK-NLC453232T-100K-PF Datasheet
171Kb / 16P
   Inductors for Decoupling Circuits
NLC453232T-100K-PF TDK-NLC453232T-100K-PF Datasheet
303Kb / 10P
   Inductors for Decoupling Circuits Wound Ferrite
NLC453232T-100K-PF TDK-NLC453232T-100K-PF_15 Datasheet
303Kb / 10P
   Inductors for Decoupling Circuits Wound Ferrite
More results

Similar Description - NLC453232T

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
ACL3225 TDK-ACL3225 Datasheet
43Kb / 3P
   INDUCTORS FOR POWER LINE SMD
logo
List of Unclassifed Man...
RLF12560 ETC-RLF12560 Datasheet
57Kb / 2P
   Inductors For Power Line SMD
logo
TDK Electronics
SLF TDK-SLF Datasheet
82Kb / 2P
   Inductors For Power Line SMD
VLF5014ST-2R2M2R3 TDK-VLF5014ST-2R2M2R3 Datasheet
85Kb / 2P
   SMD Inductors For Power Line
SLF12575 TDK-SLF12575 Datasheet
82Kb / 2P
   Inductors For Power Line SMD
NLCV32T-1R0M-PF TDK-NLCV32T-1R0M-PF Datasheet
48Kb / 2P
   SMD Inductors For Power Line
VLC5045T-2R2N TDK-VLC5045T-2R2N Datasheet
61Kb / 2P
   SMD Inductors(Coils) For Power Line(Wound, Magnetic Shielded)
VLS3015T-3R3M1R2 TDK-VLS3015T-3R3M1R2 Datasheet
48Kb / 2P
   SMD Inductors(Coils) For Power Line(Wound, Magnetic Shielded)
VLC6045T-4R7M TDK-VLC6045T-4R7M Datasheet
70Kb / 3P
   SMD Inductors(Coils) For Power Line(Wound, Magnetic Shielded)
GLFR2012 TDK-GLFR2012 Datasheet
49Kb / 2P
   SMD Inductors(Coils) For Power Line(Wound, Magnetic Shielded)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com