Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA693 Datasheet(PDF) 8 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # OPA693
Description  Ultra-Wideband, Fixed Gain Video BUFFER AMPLIFIER with Disable
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA693 Datasheet(HTML) 8 Page - Burr-Brown (TI)

Back Button OPA693 Datasheet HTML 4Page - Burr-Brown (TI) OPA693 Datasheet HTML 5Page - Burr-Brown (TI) OPA693 Datasheet HTML 6Page - Burr-Brown (TI) OPA693 Datasheet HTML 7Page - Burr-Brown (TI) OPA693 Datasheet HTML 8Page - Burr-Brown (TI) OPA693 Datasheet HTML 9Page - Burr-Brown (TI) OPA693 Datasheet HTML 10Page - Burr-Brown (TI) OPA693 Datasheet HTML 11Page - Burr-Brown (TI) OPA693 Datasheet HTML 12Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
OPA693
8
SBOS285
www.ti.com
TYPICAL CHARACTERISTICS: V
S = ±5V (Cont.)
At TA = +25°C, G = +2, and RL = 100Ω, unless otherwise specified.
−60
−65
−70
−75
−80
−85
−90
−95
−100
50
100
500
Load Resistance (
Ω)
10MHz HARMONIC DISTORTION
vs LOAD RESISTANCE
G = +2
f = 10MHz
V
O = 2VPP
See Figure 1
2nd Harmonic
3rd Harmonic
−60
−65
−70
−75
−80
−85
−90
−95
−100
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
Supply Voltage (
±V)
10MHz HARMONIC DISTORTION
vs SUPPLY VOLTAGE
G = +2
R
L = 100Ω
V
O = 2VPP
See Figure 1
2nd Harmonic
3rd Harmonic
−60
−65
−70
−75
−80
−85
−90
−95
−100
0.5
1
10
50
Frequency (MHz)
G = +2 HARMONIC DISTORTION vs FREQUENCY
R
L = 100Ω
V
O = 2VPP
2nd Harmonic
3rd Harmonic
See Figure 1
−60
−65
−70
−75
−80
−85
−90
−95
−100
0.5
1
5
Output Voltage (V
PP)
10MHz HARMONIC DISTORTION
vs OUTPUT VOLTAGE
G = +2
R
L = 100Ω
f = 10MHz
See Figure 1
2nd Harmonic
3rd Harmonic
−60
−65
−70
−75
−80
−85
−90
−95
−100
0.5
1
10
50
Frequency (MHz)
G = +1 HARMONIC DISTORTION vs FREQUENCY
R
L = 100Ω
V
O = 2VPP
See Figure 2
2nd Harmonic
3rd Harmonic
−50
−55
−60
−65
−70
−75
−80
−85
−90
−95
−100
0.5
1
10
50
Frequency (MHz)
G = –1 HARMONIC DISTORTION vs FREQUENCY
R
L = 100Ω
V
O = 2VPP
See Figure 3
2nd Harmonic
3rd Harmonic


Similar Part No. - OPA693

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA693 BURR-BROWN-OPA693 Datasheet
942Kb / 29P
   Triple, Ultra-Wideband, Fixed-Gain, VIDEO BUFFER with Disable
OPA693 BURR-BROWN-OPA693 Datasheet
945Kb / 31P
   Triple, Ultra-Wideband, Fixed-Gain, VIDEO BUFFER with Disable
OPA693 BURR-BROWN-OPA693 Datasheet
688Kb / 21P
   Single 2:1 High-Speed Video Multiplexer
logo
Texas Instruments
OPA693 TI1-OPA693 Datasheet
981Kb / 32P
[Old version datasheet]   Ultra-Wideband, Fixed Gain Video BUFFER AMPLIFIER
OPA693ID TI1-OPA693ID Datasheet
981Kb / 32P
[Old version datasheet]   Ultra-Wideband, Fixed Gain Video BUFFER AMPLIFIER
More results

Similar Description - OPA693

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA692 BURR-BROWN-OPA692 Datasheet
498Kb / 26P
   Wideband, Fixed Gain Video BUFFER AMPLIFIER With Disable
logo
Texas Instruments
OPA692IDBVTG4 TI-OPA692IDBVTG4 Datasheet
1Mb / 30P
[Old version datasheet]   Wideband, Fixed Gain Video BUFFER AMPLIFIER With Disable
logo
Burr-Brown (TI)
OPA3693 BURR-BROWN-OPA3693 Datasheet
942Kb / 29P
   Triple, Ultra-Wideband, Fixed-Gain, VIDEO BUFFER with Disable
OPA3693 BURR-BROWN-OPA3693_07 Datasheet
945Kb / 31P
   Triple, Ultra-Wideband, Fixed-Gain, VIDEO BUFFER with Disable
logo
Texas Instruments
OPA3692IDBQT TI-OPA3692IDBQT Datasheet
1Mb / 27P
[Old version datasheet]   Triple, Wideband, Fixed Gain Video BUFFER AMPLIFIER With Disable
OPA3692IDBQT TI1-OPA3692IDBQT Datasheet
911Kb / 26P
[Old version datasheet]   Triple, Wideband, Fixed Gain Video BUFFER AMPLIFIER With Disable
logo
Burr-Brown (TI)
OPA682 BURR-BROWN-OPA682 Datasheet
213Kb / 20P
   Wideband, Fixed Gain BUFFER AMPLIFIER With Disable
logo
Texas Instruments
OPA693 TI1-OPA693 Datasheet
981Kb / 32P
[Old version datasheet]   Ultra-Wideband, Fixed Gain Video BUFFER AMPLIFIER
logo
Burr-Brown (TI)
OPA2682 BURR-BROWN-OPA2682 Datasheet
182Kb / 19P
   Dual, Wideband, Fixed Gain BUFFER AMPLIFIER With Disable
OPA3682 BURR-BROWN-OPA3682 Datasheet
234Kb / 19P
   Triple, Wideband, Fixed Gain BUFFER AMPLIFIER With Disable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com