Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ID83C154-36 Datasheet(PDF) 5 Page - TEMIC Semiconductors

Part # ID83C154-36
Description  CMOS 0 to 36 MHz Single Chip 8-bit Microcontroller
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

ID83C154-36 Datasheet(HTML) 5 Page - TEMIC Semiconductors

  ID83C154-36 Datasheet HTML 1Page - TEMIC Semiconductors ID83C154-36 Datasheet HTML 2Page - TEMIC Semiconductors ID83C154-36 Datasheet HTML 3Page - TEMIC Semiconductors ID83C154-36 Datasheet HTML 4Page - TEMIC Semiconductors ID83C154-36 Datasheet HTML 5Page - TEMIC Semiconductors ID83C154-36 Datasheet HTML 6Page - TEMIC Semiconductors ID83C154-36 Datasheet HTML 7Page - TEMIC Semiconductors ID83C154-36 Datasheet HTML 8Page - TEMIC Semiconductors ID83C154-36 Datasheet HTML 9Page - TEMIC Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
80C154/83C154
Rev.F (14 Jan. 97)
5
MATRA MHS
ALE
Address Latch Enable output for latching the low byte of
the address during accesses to external memory. ALE is
activated as though for this purpose at a constant rate of
1/6 the oscillator frequency except during an external
data memory access at which time one ALE pulse is
skipped. ALE can sink or source 8 LS TTL inputs. It can
drive CMOS inputs without an external pullup.
PSEN
Program Store Enable output is the read strobe to external
Program Memory. PSEN is activated twice each machine
cycle during fetches from external Program Memory.
(However, when executing out of external Program
Memory, two activations of PSEN are skipped during
each access to external Data Memory). PSEN is not
activated during fetches from internal Program Memory.
PSEN can sink/source 8 LS TTL inputs. It can drive
CMOS inputs without an external pullup.
EA
When EA is held high, the CPU executed out of internal
Program Memory (unless the Program Counter exceeds
3FFFH). When EA is held low, the CPU executes only out
of external Program Memory. EA must not be floated.
XTAL1
Input to the inverting amplifier that forms the oscillator.
Receives the external oscillator signal when an external
oscillator is used.
XTAL2
Output of the inverting amplifier that forms the oscillator,
and input to the internal clock generator. This pin should
be floated when an external oscillator is used.
Idle and Power Down Operation
Figure 3 shows the internal Idle and Power Down clock
configuration. As illustrated, Power Down operation
stops the oscillator. The interrupt, serial port, and timer
blocks continue to function only with external clock
(INT0, INT1, T0, T1).
Figure 3. Idle and Power Down Hardware.
Idle Mode operation allows the interrupt, serial port, and
timer blocks to continue to function with internal or
external clocks, while the clock to CPU is gated off. The
special modes are activated by software via the Special
Function Register, PCON. Its hardware address is 87H.
PCON is not bit addressable.


Similar Part No. - ID83C154-36

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
ID8327A-4 AMD-ID8327A-4 Datasheet
1Mb / 21P
   Multimode DMA Controller
ID8327A-4B AMD-ID8327A-4B Datasheet
1Mb / 21P
   Multimode DMA Controller
ID8327A-5 AMD-ID8327A-5 Datasheet
1Mb / 21P
   Multimode DMA Controller
ID8327A-5B AMD-ID8327A-5B Datasheet
1Mb / 21P
   Multimode DMA Controller
More results

Similar Description - ID83C154-36

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
80C32 TEMIC-80C32 Datasheet
229Kb / 20P
   CMOS 0 to 44 MHz Single-chip 8 Bit Microcontroller
TSC80C31 TEMIC-TSC80C31 Datasheet
205Kb / 19P
   CMOS 0 to 44 MHz Single-Chip 8 Bit Microcontroller
TS80C32X2 TEMIC-TS80C32X2 Datasheet
286Kb / 56P
   8-bit CMOS Microcontroller 0-60 MHz
TSC87C51 TEMIC-TSC87C51 Datasheet
170Kb / 22P
   CMOS 0 to 25 MHz Programmable 8-bit Microcontroller
TSC87C51 TEMIC-TSC87C51 Datasheet
157Kb / 23P
   CMOS 0 to 33 MHz Programmable 8-bit Microcontroller
TS80C52X2 TEMIC-TS80C52X2 Datasheet
626Kb / 54P
   8-bit CMOS Microcontroller 0-60 MHz
TS80C54X2 TEMIC-TS80C54X2 Datasheet
288Kb / 58P
   8-bit CMOS Microcontroller 0-60 MHz
TS80C31X2 TEMIC-TS80C31X2 Datasheet
484Kb / 40P
   8-bit CMOS Microcontroller 0-60 MHz
TSC87C52 TEMIC-TSC87C52 Datasheet
184Kb / 24P
   CMOS 0 to 33 MHz Programmable 8-bit Microcontroller
P80C32 TEMIC-P80C32 Datasheet
221Kb / 20P
   CMOS 0 to 44 MHz Single Chip 8-bit Microntroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com